Part Number Hot Search : 
NTRRP HD74LS BR1300 P2309 LT1014 MAX3815A 2SA935 4412H
Product Description
Full Text Search
 

To Download 78L18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 78L18
D D D D D D
3-Terminal Regulators Output Current up to 100 mA No External Components Internal Thermal-Overload Protection Internal Short-Circuit Current Limiting Direct Replacements for Fairchild A78L18 Series
Positive-Voltage Regulators
O C
I
TO-92
78L18ACZ
description
This series of fixed-voltage integrated-circuit voltage regulators is designed for a wide range of applications. These applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power-pass elements to make high-current voltage regulators. One of these regulators can deliver up to 100 mA of output current. The internal limiting and thermal-shutdown features of these regulators make them essentially immune to overload. When used as a replacement for a zener diode-resistor combination, an effective improvement in output impedance can be obtained, together with lower bias current.
INPUT COMMON OUTPUT
OUTPUT GND INPUT
SOT-89
78L18CPK
electrical characteristics at specified virtual junction temperature, VI = 26V, I o 40mA (unless otherwise noted)
PARAMETER TEST CONDITIONS TJ MIN 25C Output voltage
78L18
TYP MAX 18.7 18.9 18.9 360 300
UNIT
17.3
17.1 17.1
18
18
IO=1mA to 40MA, V I= 20.5 to 33V
IO = 1 mA to 70 mA VI = 20.5V to 33V VI = 22V to 33V VI = 21.5V to 31.5V, f = 120 Hz IO = 1 mA to 100 mA IO = 1 mA to 40 mA f = 10 Hz to 100 kHz
I
1 mA to 40 mA At A
Full range Full range 25C 25 C 25C 25C 25 C 25C 25C 25C 125C
V
18 70 64
Input voltage regulation Ripple rejection Output voltage regulation Output noise voltage Dropout voltage
mV mV
dB
32
36 27 19 89 1.7 4.7 6.5 6 1.5 0.1 180 90
mV mV V V mA mA mA mA
Bias current current Bias c rrent
Bias current change VI = 22V to 33V IO = 1 mA to 40 mA
Full range F ll Full
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33-F capacitor across the input and a 0.1-F capacitor across the output. Full range for the 78L05 is T J = 0C to 70C
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com
2-1
WS 78L18
absolute maximum ratings over operating temperature range (unless othewise noted) 78L18
Input voltage VI voltage, Virtual junction temperature range, TJ Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds Storage temperature range, Tstg
PARAMETER
UNIT V C C C
35
150 260 -65 to 150
recommended operating conditions
78L18
voltage, Input voltage VI MIN MAX UNIT
20.5
33
100
V
mA
Output current, IO
Operating virtual j g junction temperature, TJ
0
70
C
Pad Location 78L18
90um
3
85um
90um
2
90um
9 9
95um
1
100um
Chip size 1.0 x 1.2 mm
Pad N 1 2 3
Pad Name Ground Input Output
X (um)
95 820 535
Y (um)
100 1010 1015
2-2


▲Up To Search▲   

 
Price & Availability of 78L18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X