Part Number Hot Search : 
2SK30 APL0400 1N6302 NE5204 73K224BL OP4005B1 01103 3EDK3
Product Description
Full Text Search
 

To Download 39-01-3063 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039013063 Active
minifit_jr 4.20mm (.165") Pitch Mini-Fit Jr.TM Plug Housing, Dual Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 6 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-5556-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Comments Crimp Housings 5559 Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 series terminals crimped to 16 AWG wire. . See Molex product specification PS-45750-001 for additional current derating information.. Glow Wire Equivalent Part Number 50361675 Yes minifit_jr Mini-Fit Jr.TM
MolexKits Overview Product Name
Physical
Breakaway Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating No 6 Natural 94V-2 Male No None Yes Nylon 2 Bag No 0.165 In 4.20 mm 0.165 In 4.20 mm Yes No -40C to +105C
Search Parts in this Series 5559Series Mates With 39-01-2060 Receptacle Housing Use With 5558 Mini-Fit Jr.TM Male Crimp Terminals. 44478 Mini-Fit HCSTM Male Crimp Terminals. 30490 Mini-Fit(R) Male Grounding Crimp Terminals
Electrical
Current - Maximum per Contact 13A
Material Info
Old Part Number 5559-06P1
Reference - Drawing Numbers
Packaging Specification PK-5559-002
Product Specification Sales Drawing Test Summary
PS-5556-001 SD-5559-NP1* TS-5556-002
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 39-01-3063

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X