Part Number Hot Search : 
FL401 SMZ2568 MANC3440 3XXXS 74LVT65 20005 SCH2410 C0725A
Product Description
Full Text Search
 

To Download 2SC1623-L6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
2SC1623-L6 2SC1623-L7
Features
* * High DC Current Gain: hFE=600 Max.(V CE=6.0V, IC=1.0mA) High voltage: VCEO=50V
Case Material: Molded Plastic. Classification Rating 94V-0
UL Flammability
NPN Silicon Epitaxial Transistors
Unit V V V mA mW O C O C
F
Maximum Ratings
Symbol V CEO V CBO V EBO IC PC TJ TSTG Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Collector power dissipation Junction Temperature Storage Temperature Rating 50 60 5.0 100 200 -55 to +150 -55 to +150
SOT-23
A D
C
C B
B
E
E
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol Parameter Collector Cutoff Current (VCB=60Vdc,IE =0) Emitter Cutoff Current (VEB=5.0Vdc, IC=0) DC Current Gain* (IC=1.0mAdc, VCE=6.0Vdc) Collector Saturation Voltage* (IC=100mAdc, IB =10mAdc) Base Saturation Voltage* (IC=100mAdc,IB =10mAdc) Base Emitter Voltage* (V CE=6.0Vdc, IC=1.0mAdc) Collector Capacitance (V CB=6.0Vdc, IE =0, f=1.0MHz) Gain Bandwidth product (VCE=6.0Vdc, IE =10mAdc) Min ----Typ ----Max 0.1 0.1 Units
G H J
OFF CHARACTERISTICS
ICBO IEBO uAdc
K
uAdc
DIM A B C D E F G H J K INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015
DIMENSIONS MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
ON CHARACTERISTICS
hF V CE(sat) V BE(SAT) V BE Cob fT 200 ----0.55 ------0.15 0.86 0.62 3.0 250 600 0.3 1.0 0.65 ------Vdc Vdc Vdc pF MHz
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
Suggested Solder Pad Layout
.031 .800 .035 .900 .079 2.000 inches mm
hFE CLASSIFICATION
Marking L6 h FE 200-400 * Pulse Test PW<350us, duty cycle<2% L7 400-600
.037 .950 .037 .950
www.mccsemi.com
Revision: 5
1 of 2
2007/06/04
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 5
2 of 2
2007/06/04


▲Up To Search▲   

 
Price & Availability of 2SC1623-L6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X