Part Number Hot Search : 
BFP74009 00209 72201 1510W 74AUC1G 5KP180 NTE4965 BC200
Product Description
Full Text Search
 

To Download 22-01-1124 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0022011124 Active
spox 2.50mm (.098") Pitch SPOXTM Wire-to-Wire and Wire-to-Board Receptacle Housing, 12 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-5045-001 (PDF) Product Specification PS-5045-002 (PDF)
Product Specification PS-5102-002 (PDF) Product Specification PS-5102-004 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA TUV UL LR19980 R72090224 E29179
General
Product Family Series Overview Product Name Crimp Housings 5102 spox SPOXTM
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 12 Natural 94V-0 Female No Yes Nylon 1 Bag No 0.098 In 2.50 mm Yes No -40C to +105C
Search Parts in this Series 5102Series Mates With 5045 Vertical Header, 5046 Right Angle Header Use With 5103 Crimp Terminals
Material Info
Old Part Number 5102-12
Reference - Drawing Numbers
Product Specification Sales Drawing PS-5045-001, PS-5045-002, PS-5102-002, PS-5102-004 SD-5102-001
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 22-01-1124

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X