Part Number Hot Search : 
PSKH132 71256 0N60C MRF904 DG643 BU2615S MA40E7R BU2615S
Product Description
Full Text Search
 

To Download 1W005M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1W005M THRU 1W10M
Single Phase 1.0 AMP. Silicon Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 1.0 Ampere
Features
UL Recognized File # E-96005 Surge overload ratings to 30 amperes peak Ideal for printed circuit board Reliable low cost construction technique results in inexpensive product High temperature soldering guaranteed: 260 / 10 seconds / 0.375" ( 9.5mm ) lead length at 5 lbs. ( 2.3 Kg ) tension
WOB
Mechanical Data
Case: Molded plastic Lead: Solder plated Polarity: As marked Weight: 1.10 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% 1W 1W Symbol 1W Type Number
005M 01M 02M Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 50 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Typical Thermal Resistance (Note) Operating Temperature Range Storage Temperature Range
1W 04M
1W 06M
1W 08M
1W 10M
Units V V V A A V uA uA /W
VRRM VRMS VDC I(AV) IFSM VF IR
RJA RJL TJ TSTG
50 35 50
100 70 100
200 140 200
400 280 400
600 420 600
800 560 800
1000 700 1000
1.0 30 1.0 10 500 36 13 -55 to +125 -55 to +150
Note: Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B. with 0.2" x 0.2" (5mm x 5mm) Copper Pads.
- 584 -
RATINGS AND CHARACTERISTIC CURVES (1W005M THRU 1W10M)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
50
1.6
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
1.4 1.2 1.0 .8 .6 .4 .2 0
40
30
20
10
0 1 2 10 20 40 60 100 NUMBER OF CYCLES AT 60Hz
20
40
60
80
o
100
120
140
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
20 10
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
10
INSTANTANEOUS REVERSE CURRENT. ( A)
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=100 0C 1.0
1.0
Tj=25oC Pulse Width=300 s 1% Duty Cycle
.10
0.1
Tj=25 0C
0.01
0
2
4
6
8
10
12
14
.01
0
20
40
60
80
100
120
140
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 585 -


▲Up To Search▲   

 
Price & Availability of 1W005M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X