Part Number Hot Search : 
E1013 CW080 74HC2G34 IRF740A S4C1A 400000 AN106 W20NC50
Product Description
Full Text Search
 

To Download 169580 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OFK3-Sicherungseinsatze fur Nennspannungen bis 32 V / OFK3 OFK3-Fuse links for rated voltage up to 32 V / OFK3 OFK3-Fusibles pour tension nom. jusqu'a 32 V OFK3
Isolierkorper / Insulating body / Corps Isolants: aus Thermoplast / out of thermoplastic / de matiere thermoplastique (UL 94-V0, warmeformbestandig / heat-resistant / resistante a la chaleur) Abdeckung / Cover / Capuchon: aus Thermoplast / out of thermoplastic / de matiere thermoplastique (V0, transparent), Schmelzleiter sichtbar / visible melting-element / filament visible Anschlusse / Connections / Connexions: Flachstecker / Blade contacts / Contacts plats Zinklegierung, gal. Sn / zinc alloy, gal. Sn / alliage de zinc, gal. Sn Schaltvermogen / Breaking capacity / Pouvoir de coupure: 1,000 A, 32 V, DC
Achtung: 1.00 bedeutet die Nummer "Eins" mit zwei Dezimalstellen. 1,000 bedeutet die Nummer "Eintausend" / Note: 1.00 means the number "one" with two decimal places. 1,000 means the number "one thousand" / Attention: 1.00 signifie le numero "un" avec deux decimals. 1,000 signifie le numero "mille"
Artikel-Nr. Article-No. Ref. d' article
Nennstrom Rated current Intensite nom.
Kaltwiderstand Coldresistance Res. a froit
Kennfarbe Colour-code Code couleur
Spannungsfall Voltage drop Chute de tension
Standard DIN max.
Schmelzintegral Joule integral Integral de Joule
I N/I rat 169.520_ 169.530_ 169.540_ 169.550_ 169.560_ 169.570_ 169.580_ 20 30 40 50 60 70 80 A A A A A A A
RK 3.80 m 2.20 m 1.60 m 1.30 m 1.10 m 1.00 m 0.90 m
UD
PUDENZ max.
It 2,000 7,000 13,000 30,000 60,000 120,000 240,000 As As As As As As As
125 mV 100 mV 100 mV 100 mV 100 mV 100 mV 100 mV
95 mV 85 75 82 88 92 96 mV mV mV mV mV mV
Letzte Ziffer der Art.-Nr. = Verpackungsindex, siehe Seite 88 / Last figure of article-no. = packaging code, see page 88 / Dernier chiffre du numero d'article = code d'emballage, voir page 88 zugehoriger Halter siehe Seite 50, 82 / corresponding holder see page 50, 82 / porte-fusible correspondant voir page 50, 82
Schmelzzeit-Grenzwerte DIN / Pre-arcing time - limits / Temps de fusion limits min. 1.00 IN / Irat
20 A - 80 A 100 h
Mae in mm / Dimensions in mm / Dimensions en mm
max.
-
1.35 IN / Irat
20 A - 80 A
60 s
1,800 s
2.00 IN / Irat
20 A - 80 A
2s
60 s
3.50 IN / Irat
20 A - 80 A
200ms
7s
6.00 IN / Irat
20 A - 80 A
40 ms
1s
Normen / Specifications / Normes DIN ISO 72581/3E 8820-3
FI = 1.33 (max. Dauerstrom / max. operating current / max. courant permanent: 0.75 x Irat bei / at / a 23C)
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
WebSite www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of 169580

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X