Part Number Hot Search : 
BQ040 5A001 8TEEI D2000 S1022 SP804RCN T6250430 1N505906
Product Description
Full Text Search
 

To Download YC-2001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 YC-2001A Series
1. Mechanical Specifications Display Area(mm)
20CharactersX1Lines
Duty:
1/16
Viewing Area:154(W)X15.3(W)
2. External Dimension
w
w
ta a D . w
16 15
Sh
ee
4U t
Active Area: 6.7(W)X9.4(H) Dot Size:1.30(W)X1.30(H) Dot Pitch: 1.35(W)X1.35(H)
om .c
Outline(mm)
Outline Dimension :182(W)X33.5(H) Thickness With B/L: 14.5Max Thickness Without B/L: 10Max
2
1
PIN
1
2
3 V0
4 RS
5 R/W
6 E
7
8
9
10
11
12
13
14
A
NAME VSS VDD
DB0 DB1 DB2
DB3 DB4 DB5 DB6 DB7 LED+ LED-
3. Power Supply
5V VDD
40SEG
VSS
w
w
4
IC2
BackLight
10SEG
V0
LCM
.D w
Vdd Idd Vop Iee VB/L
t a
S a
4. Block Diagram
e h
t e
K
U 4
16COM
.c
m o
K A Without BL With BL
LCD:YC-2001A
IC1
5. Electrical Characteristics
Item Supply Voltage(Logic) Supply Current(Logic) LCD Operating Voltage Supply Current for LCD Power Supply for B/L Symbol Min. 4.5 Typ. 5 4.5 4.2 Max. 5.5 3 3 Unit V mA V mA V Condition
Vdd=5V
w
w
w
.D
a
aS t
Ta=25J
ee h
4U t
om .c
Vdd=5V
22


▲Up To Search▲   

 
Price & Availability of YC-2001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X