Part Number Hot Search : 
NTE1919 011IST5X 25002 AT1142 P2430 5929A TW0259A AN12942B
Product Description
Full Text Search
 

To Download W91511AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W91510N SERIES TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTIONS
GENERAL DESCRIPTION
The W91510N series are Si-gate CMOS ICs that provide the necessary signals for tone or pulse dialing. The W91510N series provide one-key redial, handfree dialing, key tone, save, and redial functions.
FEATURES
* *
DTMF/pulse switchable dialer Two by 32-digit redial and save memory (*/T) keypad for long distance call operation 5 x 4 keyboard
* Pulse-to-tone * Uses * * * * *
Easy operation with redial, flash, pause, and */T keypads Pause, pulse-to-tone (*/T) can be stored as a digit in memory On-hook debounce time: 150 mS Dialing rate (10 ppS or 20 ppS ) selectable by bonding option Minimum tone output duration: 93 msec. intertone pause: 93 msec. Flash break time (73, 100, 300, 600 msec.) selectable by keypad; pause time is 1.0 sec. power-on reset Uses 3.579545 MHz crystal or ceramic resonator Packaged in 18 or 20-pin plastic DIP The different dialers in the W91510N series are shown in the following table:
TYPE NO. W91510N W91511N W91510AN W91511AN REPLACEMENT TYPE NO. W91510 W91511 W91510A W91511A PULSE (ppS) 10 20 10 20 FLASH (mS) 600/100/300/73 600/100/300/73 600/100/300/73 600/100/300/73 M/B Pin Pin Pin Pin HANDFREE DIALING Yes Yes PACKAGE (PINS) 18 18 20 20
* Minimum * * On-chip * * *
-1-
Publication Release Date: May 1997 Revision A2
W91510N SERIES
PIN CONFIGURATIONS
C1 C1 C2 C3 C4 KT VSS XT XT T/P MUTE 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 R4 R3 R2 R1 VDD MODE DTMF XT DP HKS T/P MUTE HFI C2 C3 C4 KT VSS XT
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
R4 R3 R2 R1 VDD MODE DTMF DP HKS HFO
W91510N/W91511N
W91510AN/W91511AN
PIN DESCRIPTION
SYMBOL ColumnRow Inputs 18-PIN 1-4 & 15-18 7, 8 20-PIN 1-4 & 17-20 7, 8 I, O I/O I FUNCTION The keyboard inputs may be used with either a standard 5 x 4 keyboard or an inexpensive single contact (Form A) keyboard. Electronic input from a C can also be used. A valid key-in is defined as a single row being connected to a single column. A built-in inverter provides oscillation with an inexpensive 3.579545 MHz crystal or ceramic resonator. The T/P MUTE is a conventional CMOS N-channel open drain output. The output transistor is switched on during dialing sequence, one-key redial break, and flash break time. Otherwise, it is switched off.
XT, XT
T/P MUTE
9
9
O
-2-
W91510N SERIES
Pin Description, continued
SYMBOL MODE
18-PIN 13
20-PIN 15
I/O I
FUNCTION Pulling mode pin to VSS places the dialer in tone mode. Pulling mode pin to VDD places the dialer in pulse mode (10 ppS; 20 ppS for W91511N/511AN, M/B = 40:60). Floating mode pin places the dialer in pulse mode (10 ppS; 20 ppS for W91511N/511AN, M/B = 33.3:66.7).
HKS
10
12
I
Hook switch input. HKS = VDD: On-hook state. Chip in sleeping mode, no operation. HKS = VSS: Off-hook state. Chip is enabled for normal operation. HKS pin is pulled to VDD by an internal resistor.
DP
11
13
O
N-channel open drain dialing pulse output. Flash key will cause DP to be active in either tone mode or pulse mode. The timing diagram for pulse mode is shown in Figure 1(a, b, c).
VDD, VSS KT DTMF
14, 6 5 12
16, 6 5 14
I O O
Power input pins. Key-tone signal output. The key tone is generated for all valid keys. Frequency is 600 Hz and duration is 35 mS. In pulse mode, this pin remains in low state at all times. In tone mode, it will output a dual or single tone. Detailed timing diagram for tone mode is shown in Figure 2(a, b, c).
Output Frequency Specified R1 R2 R3 R4 C1 C2 C3 697 770 852 941 1209 1336 1477 Actual 699 766 848 948 1216 1332 1472 Error % +0.28 -0.52 -0.47 +0.74 +0.57 -0.30 -0.34
-3-
Publication Release Date: May 1997 Revision A2
W91510N SERIES
Pin Description, continued
SYMBOL HFI, HFO
18-PIN -
20-PIN 10, 11
I/O I, O
FUNCTION Handfree control pins. The handfree control state is toggled on by a low pulse on the HFI input pin. The status of the handfree control state is described in the following table:
CURRENT STATE Hook SW. HFO NEXT STATE Input HFO Dialing
Low On Hook Off Hook On Hook Off Hook Off Hook Low High High High
HFI HFI HFI Off Hook On Hook On Hook
High Low Low Low Low High
Yes No Yes Yes No Yes
HFI pin is pulled to VDD by an internal resistor. Detailed timing diagrams are shown in Figure 3.
BLOCK DIAGRAM
XT
XT
SYSTEM CLOCK GENERATOR
HKS HFI
ROW (R1 to R4, Vx) KEYBOARD INTERFACE
READ/WRITE COUNTER
CONTROL LOGIC
MODE
KT COLUMN (C1 to C4) LOCATION LATCH PULSE CONTROL LOGIC T/P MUTE
RAM
DP HFO
DTMF
D/A CONVERTER
ROW & COLUMN PROGRAMMABLE COUNTER
DATA LATCH & DECODER
-4-
W91510N SERIES
FUNCTIONAL DESCRIPTION
Keyboard Operation
C1 1 4 7 /T R/P2
* * * * *
C2 2 5 8 0 R
C3 3 6 9 # F3
C4 SAVE F1 F2 R/P1 F4 R1 R2 R3 R4 VX
R/P1, R/P2: Redial and pause function key; P1 is 3.6 sec. and P2 is 2.0 sec. /T: in tone mode and PT in pulse mode F1, ..., F4: Flash keys, flash break time of F1 = 600 mS, F2 = 100 mS, F3 = 300 mS, F4 = 73 mS SAVE: Save function key R: One-key redial function
Notes: D1, ..., Dn, D1', ..., Dn': 0, ..., 9, */T, # R/P: R/P1 or R/P2. Fn: F1, ..., F4
Normal Dialing
OFF HOOK (or ON HOOK & HFI o ), D1 , D2 , ..., Dn 1. D1, D2, ..., Dn will be dialed out. 2. Dialing length is unlimited, but redial is inhibited if length exceeds 32 digits in normal dialing.
Redialing
1. OFF HOOK Come (or ON HOOK , & HFI o (or ), D1 , & D2 , ..., Dn ), , Busy, R/P
ON HOOK
OFF HOOK
ON HOOK
HFI o
a. The redial memory content will be dialed out. b. The R/P key can execute the redial function only as the first key-in after off-hook; otherwise, it
executes pause function. c. If redialing length exceeds 32 digits, the redialing function will be inhibited. 2. OFF HOOK (or ON HOOK & HFI o ), D1 , D2 , ..., Dn , Busy, R
a. The one-key redialing function timing diagram is shown in Figure 4.
-5-
Publication Release Date: May 1997 Revision A2
W91510N SERIES
b. If the dialing of D1 to Dn is finished, pressing the R key will cause the pulse output pin
to go low for 2.2 seconds break time and 0.6 seconds pause time will automatically be added. c. If the pulses of the dialed digits d. The redial function by e. The R R D1 to Dn have not finished, R will be ignored.
key has no break time (2.2 sec.) if it is the first key-in after off-hook. R/P1 or R/P2 key,
key uses the same redial buffer as the redial function by the
and it is active during normal dialing or repertory dialing.
Access Pause
OFF HOOK (or ON HOOK & HFI o ), D1 , D2 , R/P , D3 , ..., Dn
1. The pause function is executed in normal dialing, redial dialing, or memory dialing. 2. The pause duration of 2.0 or 3.6 seconds per pause is selected by keypad, but only one pause time can be stored in memory. 3. A detailed timing diagram for the pause function is shown in Figure 5.
Pulse-to-tone (*/T)
OFF HOOK D2' , ..., (or Dn' ON HOOK & HFI o ), D1 , D2 , ..., Dn , */T , D1' ,
1. If the mode switch is set to pulse mode, then the output signal will be: D1, D2, ..., Dn, Pause (2.0 sec. or 3.6 sec.), D1', D2', ..., Dn' (Pulse) (Tone ) 2. If the mode switch is set to tone mode, then the output signal will be: D1, D2, ..., Dn, *, D1', D2', ..., Dn' (Tone) (Tone) 3. The dialer remains in tone mode when the digits have been dialed out and can be reset to pulse mode only by going on-hook. 4. The pulse-to-tone function timing diagram is shown in Figure 6.
Save
OFF HOOK (or ON HOOK & HFI o ), D1 , D2 , ..., Dn , SAVE
a. D1, D2, ..., Dn will be dialed out. b. If the sequence of the dialed digits D1, D2, ..., Dn has not finished, SAVE will be ignored;
-6-
W91510N SERIES
otherwise, D1, D2, ..., Dn will be duplicated to the save memory.
Flash
OFF HOOK (or ON HOOK & HFI o ), Fn
1. Fn = F1, ..., F4 2. The dialer will execute a flash break time of 600 mS (F1), 100 mS (F2), 300 mS (F3), or 73 mS (F4). In each case, the flash pause time is 1.0 sec. before the next digit is dialed out. 3. Flash key cannot be stored as a digit in memory. The flash key has first priority among keyboard functions. 4. The system will return to the initial state after the flash pause time is finished. 5. The flash function timing diagram is shown in Figure 7.
ABSOLUTE MAXIMUM RATINGS
PARAMETER DC Supply Voltage SYMBOL VDD-VSS VIL Input/Output Voltage VIH VOL VOH Power Dissipation Operation Temperature Storage Temperature PD TOPR TSTG RATING -0.3 to +7.0 VSS -0.3 VDD +0.3 VSS -0.3 VDD +0.3 120 -20 to +70 -55 to +150 UNIT V V V V V mW C C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the device.
-7-
Publication Release Date: May 1997 Revision A2
W91510N SERIES
DC CHARACTERISTICS
(VDD-VSS = 2.5V, FOSC. = 3.579545 MHz, TA = 25 C, All outputs unloaded)
PARAMETER Operating Voltage Operating Current Standby Current Memory Retention Current DTMF Output Voltage Pre-emphasis DTMF Distortion DTMF Output DC Level DTMF Output Sink Current DP Output Sink Current T/P MUTE Output Sink Current KT Drive/Sink Current HFO Drive/Sink Current Keypad Input Drive Current Keypad Input Sink Current HKS I/P Pull-high Resistor Keypad Resistance
SYMBOL VDD IOP ISB IMR VTO
CONDITIONS Tone, Unloaded Pulse, Unloaded HKS = VSS, No load & No key entry HKS = VDD, VDD = 1.0V Row group, RL = 5 K Col/Row, VDD = 2.0 to 5.5V
MIN. 2.0 130 1 1.0 0.2 0.5 0.5 0.5 0.5 0.5 0.5 30 200
TYP. 0.4 0.2 150 2 -30 400 300 -
MAX. 5.5 0.6 0.4 15 0.2 170 3 -23 3.0 5
UNIT V mA A A mVrm s dB dB V mA mA mA mA mA mA mA A A K K
THD VTDC ITL IPL ITML IKTH IKTL IHFH IHFL IKD IKS RHK RK
RL = 5 K, VDD = 2.0 to 5.5V RL = 5 K, VDD = 2.0 to 5.5V VTO = 0.5V VPO = 0.5V VTMO = 0.5V VKTH = 2.0V VKTL = 0.5V VHFH = 2.0V VHFL = 0.5V VI = 0.0V VI = 2.5V -
-
-8-
W91510N SERIES
AC CHARACTERISTICS
(VDD-VSS = 2.5V, FOSC. = 3.579545 MHz, TA = 25 C, All outputs unloaded)
PARAMETER Key-in Debounce Key Release Debounce On-hook Debounce Pre-digit Pause1 Pre-digit Pause2
SYMBOL TKID TKRD TOHD TPDP1 10 ppS TPDP2 20 ppS TIDP M:B
CONDITIONS Mode = VDD Mode = Floating Mode = VDD Mode = Floating 10 ppS 20 ppS Mode = VDD Mode = Floating
MIN. -
TYP. 20 20 150 40 33.3 20 16.7 800 500 40:60 33.3: 66.7 93 93 600 100 300 73 1.0 3.6 2.0 600 35 2.2 600
MAX. -
UNIT mS mS mS mS mS mS %
Interdigit Pause (Auto Dialing) Make/Break Ratio
Tone Output Duration Intertone Pause Flash Break Time
TTD TITP TFB
Auto dialing Auto dialing F1 F2 F3 F4
mS mS mS
Flash Pause Time Pause Time Key Tone Frequency Key Tone Duration One-key Redial Break Time One-key Redial Pause Time
Notes:
TFP TP FKT TKTD TRB TRP
F1, F2, F3, F4 R/P1 R/P2 -
S S Hz mS S mS
-
1. Crystal parameters suggested for proper operation are Rs < 100 , Lm = 96 mH, Cm = 0.02 pF, Cn = 5 pF, Cl = 18 pF, FOSC. = 3.579545 MHz 0.02%. 2. Crystal oscillator accuracy directly affects these times.
-9-
Publication Release Date: May 1997 Revision A2
W91510N SERIES
TIMING WAVEFORMS
HKS TKRD KEY IN DP T/P MUTE KT DTMF OSC. 3 TKID 4 2
MB MB
2 TKID TIDP TPDP TIDP
TIDP
TIDP TPDP
Low
OSCILLATION OSCILLATION
Figure 1(a) Normal Dialing Timing Diagram
HKS TKRD KEY IN DP T/P MUTE KT DTMF OSC. Low
OSCILLATION
T < T OHD
R/P TKID
MB MB
TPDP
TIDP
TIDP
TIDP
Figure 1(b) Pulse Mode Auto Dialing Timing Diagram
- 10 -
W91510N SERIES
Timing Waveform, continued
HKS TKRD KEY IN DP T/P MUTE KT DTMF OSC. Low R/P TKID
MB
T > T OHD
TPDP
TIDP
MB
OSCILLATION
Figure 1(c) Pulse Mode Auto Dialing Timing Diagram
HKS TKRD KEY IN DTMF TTD T/P MUTE KT DP OSC.
OSCILLATION
3 TKID
4
2
5
TITP
TITP
TITP
High
OSCILLATION
Figure 2(a) Tone Mode Normal Dialing Timing Diagram
- 11 -
Publication Release Date: May 1997 Revision A2
W91510N SERIES
Timing Waveform, continued
HKS TKRD KEY IN DTMF TTD T/P MUTE KT TITP TITP R/P TKID T < T OHD
DP OSC.
High
OSCILLATION
Figure 2(b) Tone Mode Auto Dialing Timing Diagram
HKS TKRD KEY IN DTMF TTD T/P MUTE KT High TITP R/P TKID T > T OHD
DP OSC.
OSCILLATION
Figure 2(c) Tone Mode Auto Dialing Timing Diagram
- 12 -
W91510N SERIES
Timing Waveform, continued
HKS HFI HFO
ON HOOK
T/P MUTE CHIP ENBLE
High
Figure 3. Handfree Timing diagram
HKS KEY IN DP R TKID
MB
R TKID TRB
MB
TIDP TRP TPDP
TPDP HFI HFO T/P MUTE KT DTMF OSC.
TIDP
Low
OSCILLATION
Figure 4. One-key Redial Timing Diagram
- 13 -
Publication Release Date: May 1997 Revision A2
W91510N SERIES
Timing Waveform, continued
HKS KEY IN DP T/P MUTE KT DTMF OSC. Low
2 R/P 3
TKID
MB MB
TIDP TPDP TP
TPDP
OSC
Figure 5. Pause Function Timing Diagram
HKS KEY IN DP TPDP T/P MUTE KT 2 TKID
MB
*/T
3
TIDP TP
DTMF OSC.
OSCILLATION
Figure 6. Pulse-to-tone Timing Diagram
- 14 -
W91510N SERIES
Timing Waveform, continued
HKS KEY IN DP F TKID
Low F F 3
TFP T FB TKID T FB T KID
HFI HFO T/P MUTE KT DTMF
TITP OSC. OSCILLATION
Figure 7. Flash Timing Diagram
- 15 -
Publication Release Date: May 1997 Revision A2
W91510N SERIES
Headquarters
No. 4, Creation Rd. III, Science-Based Industrial Park, Hsinchu, Taiwan TEL: 886-3-5770066 FAX: 886-3-5792697 http://www.winbond.com.tw/ Voice & Fax-on-demand: 886-2-7197006
Winbond Electronics (H.K.) Ltd.
Rm. 803, World Trade Square, Tower II, 123 Hoi Bun Rd., Kwun Tong, Kowloon, Hong Kong TEL: 852-27516023 FAX: 852-27552064
Winbond Electronics North America Corp. Winbond Memory Lab. Winbond Microelectronics Corp. Winbond Systems Lab.
2730 Orchard Parkway, San Jose, CA 95134, U.S.A. TEL: 1-408-9436666 FAX: 1-408-9436668
Taipei Office
11F, No. 115, Sec. 3, Min-Sheng East Rd., Taipei, Taiwan TEL: 886-2-7190505 FAX: 886-2-7197502
Note: All data and specifications are subject to change without notice.
- 16 -


▲Up To Search▲   

 
Price & Availability of W91511AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X