Part Number Hot Search : 
KTC4079 87006 UNR2117 S7241 ACHL1 PA28F200 HT932002 05212GOA
Product Description
Full Text Search
 

To Download VTX-6389L3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.5 kW, CW Helix TWT Series, 7.9 GHz to 8.4 GHz, Periodic-Permanent, Magnet Focused, Coaxial Input, Waveguide Output, and Forced Air Cooled. Custom configurations are also available. These variations in the performance and configuration include: mechanical configuration, electrical and RF connections, & dual stage depressed collector.
Model Number VTX-6389G5 VTX-6389G4 VTX-6389L3
Frequency (GHz) 7.9 - 8.4 7.9 - 8.4 7.3 - 8.7
Power Output (Min.) 2500 W 2250 W 1800 W
Features
* * * * * * * *
2.5 k Watts 7.9 GHz - 8.4 GHz PPM Focusing Coaxial Input Waveguide Output Any Mounting Position Weight: 25 lbs. max Forced Air Cooled Heater Voltage
Operating Parameters
Heater Surge Current Helix Voltage Collector Voltage 1 Collector Voltage 2 Cathode Current
Parameters:
Units: Maximum: Minimum: Typical:
Ef
Vdc 6.6 6.0
If
A 5.0 ---
Ew
kVdc 15.4 13.9
Eb1
kVdc 60% Ew
Eb2
kVdc 30% Ew
Ik
Adc 1.0 A ---
Helix Current Parameters: Units: Maximum: Minimum: Typical: Iw mAdc 20 ---
Drive Power Pd mW Adj. ---
Cathode WarmUp Time tk minutes --3
Load VSWR
Envelope Temp.
Air Flow
C 1.7:1 -----
Ib/hr -----
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
For additional information on CPI MPP products contact: CPI MPP, Helix TWT Operation - 811 Hansen Way, Palo Alto, CA 94303-0750 Phone: 650-846-3900, Fax: 650-494-8779, Email: marketing@mpp.cpii.com, www.cpii.com/mpp


▲Up To Search▲   

 
Price & Availability of VTX-6389L3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X