Part Number Hot Search : 
U74HC32 LB1871M UCY7408 NM24W16 OP265C NE502AF DT74ALV 1005C
Product Description
Full Text Search
 

To Download V111HAXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Varistor Products
High Energy Industrial
HA Varistor Series
HA Series transient surge suppressors are industrial high energy metal-oxide varistors (MOVs). They are designed to provide secondary surge protection in the outdoor and service entrance environment (distribution panels) of buildings, and also in industrial applications for motor controls and power supplies used in the oil-drilling, mining, and transportation fields. The design of the HA Series of metal oxide varistors provide rigid terminals for screw www..com mounting. Also available in a clipped lead version for through hole board placement or to accommodate soldered leads designation "HC". See Ratings and Specifications table for part number and brand information.
(R)
(R)
Features
* Wide Operating Voltage Range VM(AC)RMS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .110V to 750V * Two Disc Sizes Available . . . . . . . . . . . . . . . . . . . . . 32mm and 40mm * High Energy Absorption Capability. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .WTM = 170J to 1050J * High Peak Pulse Current Capability,. . . . . . . . . . . . . . . . . . . . . . . . . . .ITM = 25,000A to 40,000A * Rigid Terminals for Secure Mounting * Available in Trimmed Version for Through Hole Board Mounting Designation "HC" * No Derating Up to 85oC Ambient
AGENCY APPROVALS: Recognized under the components program of Underwriters Laboratories. Certified by CSA. AGENCY FILE NUMBERS: UL E75961, CSA LR91788.
ALSO SEE HB34 SERIES
90
w w w. l i t t e l f u s e . c o m
Varistor Products
High Energy Industrial
HA Varistor Series
Absolute Maximum Ratings
For ratings of individual members of a series, see Device Ratings and Specifications Chart
Continuous: HA SERIES Steady State Applied Voltage: AC Voltage Range (VM(AC)RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110 to 750 DC Voltage Range (VM(DC)) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 148 to 970 Transient: Peak Pulse Current (ITM) www..com Current Wave (See Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25,000 to 40,000 For 8/20s Single Pulse Energy Range For 2ms Current Square Wave (WTM ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 170 to 1050 Operating Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 85 Storage Temperature Range (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 125 Temperature Coefficient (V) of Clamping Voltage (VC) at Specified Test Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <0.01 Hi-Pot Encapsulation (Isolation Voltage Capability). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2500
(Dielectric must withstand indicated DC voltage for one minute per MIL-STD 202, Method 301)
UNITS
V V
2
VARISTOR PRODUCTS
A J C o C %/oC V
o
Insulation Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000M
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Device Ratings and Specifications
MAXIMUM RATINGS (85 oC) CONTINUOUS TRANSIENT PEAK CURRENT (8/20s) ITM (A) 25000 400001 25000 400001 25000 40000 3 25000 40000 2 25000 40000 25000 40000 25000 40000 25000 40000 25000 40000 25000 40000 25000 40000 25000 40000 MIN (V) 156 156 184 184 198 198 212 212 254 254 283 283 354 354 389 389 433 433 462 462 467 467 495 495 VARISTOR VOLTAGE AT 1mA DC TEST CURRENT VN(DC) (V) 173 173 200 200 220 220 240 240 282 282 314 314 390 390 430 430 478 478 510 510 519 519 550 550 MAX (V) 190 190 228 228 248 248 268 268 310 310 345 345 429 429 473 473 526 526 561 561 570 570 604 604 SPECIFICATIONS (25 oC) MAXIMUM CLAMPING VOLTAGE (VC) AT 200A (8/20s) VC (V) 293 288 350 345 380 375 410 405 475 468 540 533 650 630 710 690 795 780 845 825 860 843 910 894
PART NUMBER AND DEVICE BRANDING V111HA32 V111HA40 V131HA32 V131HA40 V141HA32 V141HA40 V151HA32 V151HA40 V181HA32 V181HA40 V201HA32 V201HA40 V251HA32 V251HA40 V271HA32 V271HA40 V301HA32 V301HA40 V321HA32 V321HA40 V331HA32 V331HA40 V351HA32 V351HA40
VRMS VM(AC) (V) 110 110 130 130 140 140 150 150 180 180 200 200 250 250 275 275 300 300 320 320 330 330 350 350
VDC VM(DC) (V) 148 148 175 175 188 188 200 200 240 240 265 265 330 330 369 369 410 410 420 420 435 435 460 460
ENERGY (2ms) WTM ENERGY 160 220 200 270 210 290 220 300 240 330 260 350 330 370 360 400 370 430 390 460 385 475 390 500
TYPICAL CAPACITANCE AT f = 1MHz C (pF) 5450 11600 4700 10000 4230 9000 4000 8000 3200 6800 3180 6350 2500 5000 2200 4500 2050 4100 1900 3800 1870 3750 1800 3600
NOTE: Average power dissipation of transients not to exceed 2.0W per varistor 1. 40kA capability depends on applications rated up to 97Vrms. 30kA applies if >97 Vrms. 2. 40kA capability depends on applications rated up to 115Vrms. 30kA applies if >115 Vrms. 3. 40kA capability depends on applications rated up to 123Vrms. 30kA applies if >123 Vrms. 1. 40kA capability depends on applications rated up to 132Vrms. 30kA applies if >132Vrms.
w w w. l i t t e l f u s e . c o m
91
Varistor Products
High Energy Industrial
HA Varistor Series
Device Ratings and Specifications
MAXIMUM RATINGS (85 oC) CONTINUOUS TRANSIENT PEAK CURRENT (8/20s) ITM (A) 25000 40000 25000 40000 25000 40000 25000 40000 25000 40000 25000 40000 25000 40000 25000 40000 25000 40000 25000 40000 MIN (V) 545 545 610 610 622 622 670 670 735 735 778 778 805 805 940 940 962 962 1080 1080 VARISTOR VOLTAGE AT 1mA DC TEST CURRENT VN(DC) (V) 604 604 680 680 691 691 750 750 820 820 864 864 910 910 1050 1050 1068 1068 1200 1200 MAX (V) 663 663 748 748 759 759 825 825 910 910 949 949 1000 1000 1160 1160 1173 1173 1320 1320 SPECIFICATIONS (25 oC) MAXIMUM CLAMPING VOLTAGE (VC) AT 200A (8/20s) VC (V) 1020 1000 1120 1100 1200 1147 1290 1230 1355 1295 1515 1430 1570 1480 1820 1720 1830 1780 2050 2000
PART NUMBER AND DEVICE www..com BRANDING V391HA32 V391HA40 V421HA32 V421HA40 V441HA32 V441HA40 V481HA32 V481HA40 V511HA32 V511HA40 V551HA32 V551HA40 V571HA32 V571HA40 V661HA32 V661HA40 V681HA32 V681HA40 V751HA32 V751HA40
VRMS VM(AC) (V) 385 385 420 420 440 440 480 480 510 510 550 550 575 575 660 660 680 680 750 750
VDC VM(DC) (V) 510 510 560 560 585 585 640 640 675 675 710 710 730 730 850 850 875 875 970 970
ENERGY (2ms) WTM ENERGY 395 550 400 600 420 630 450 650 500 700 530 755 550 770 600 900 610 925 700 1050
TYPICAL CAPACITANCE AT f = 1MHz C (pF) 1750 3500 1500 3000 1450 2900 1300 2700 1200 2500 1190 2390 1100 2200 1000 2000 850 1900 800 1800
92
w w w. l i t t e l f u s e . c o m
Varistor Products
High Energy Industrial
HA Varistor Series
Power Dissipation Ratings
PERCENT OF RATED VALUE
40 30 20 10 0 -55 50 60 70 80 90 100 110 120 130 140 150
AMBIENT TEMPERATURE ( oC)
FIGURE 1. CURRENT, ENERGY AND POWER DERATING CURVE
PERCENT OF PEAK VALUE
100 90
50
O1 = Virtual Origin of Wave T = Time From 10% to 90% of Peak T1 = Virtual Front Time = 1.25 * t T2 = Virtual Time to Half Value (Impulse Duration) Example: For an 8/20s Current Waveform: 8s = T1 = Virtual Front Time 20s = T2 = Virtual Time to Half Value
T T1 T2 TIME
10 O1
FIGURE 2. PEAK PULSE CURRENT WAVEFORM
Transient V-I Characteristics Curves
10000
10000
Maximum Clamping Voltage HA32 Series 110 to 750V AC Rating
V321CA32 V331CA32 V351CA32 Voltage (V) V301CA32
TA = -55 C to 85C
V661HA32 V511CA32 V551CA32
V751CA32
V681CA32 V481CA32
Maximum Clamping Voltage HA40 Series 110 to 750V AC Rating
TA = -55 C to 85C
V661 V751 V681
V571CA32 V441CA32 V421CA32
V421 V391
V441
V481 V511
V551
V571
Voltage (V)
V391CA32
V351 1000
V331 V321 V301
1000
V271 V251
C111CA32 V131CA32 V151CA32 V271CA32 V251CA32 V201CA32 V181CA32 V141CA32
V201 V181 V131 V111 V141 V151
100 0.001
0.01
0.1
1
10 Current (A)
100
1000
10000
100000
100 0.001
0.01
0.1
1
10
Current (A)
100
1000
10000
100000
FIGURE 3. MAXIMUM CLAMPING VOLTAGE (V111HA32 - V751HA32)
FIGURE 4. MAXIMUM CLAMPING VOLTAGE (V111HA40 - V751HA40)
93
w w w. l i t t e l f u s e . c o m
VARISTOR PRODUCTS
Should transients occur in rapid succession, the average power dissipation required is simply the energy (watt-seconds) per pulse times the number of pulses per second. The power so developed must be within the specifications shown on the Device Ratings and Specifications table for the specific device. Furthermore, the operating values need to be derated at high temperatures as shown in Figure 1. Because varistors can only dissipate a relatively small amount of average power they are, www..com therefore, not suitable for repetitive applications that involve substantial amounts for average power dissipation.
100 90 80 70 60 50
2
Varistor Products
High Energy Industrial
HA Varistor Series
Pulse Rating Curves
50,000 20,000 10,000 SURGE CURRENT (A) 1 2 DISC SIZE 32mm V111HA32 - V751HA32 50,000 1 20,000 10,000 SURGE CURRENT (A) 5,000 2,000 1,000 500 200 100 50 INDEFINITE 20 100 1,000 IMPULSE DURA TION ( s) 10,000 20 10 20 INDEFINITE 100 1,000 IMPULSE DURA TION ( s) 10,000 102 10 3 10 4 105 10 6 2 10 DISC SIZE 40mm V111HA40 - V751HA40 5,000 10
2 2,000 10
1,000 103 500 104
www..com 5 200 10
100 50 20 10 106
FIGURE 5. SURGE CURRENT RATING CURVES FOR V111HA32 - V751HA32
FIGURE 7. SURGE CURRENT RATING CURVES FOR V111HA40 - V751HA40
Mechanical Dimensions
TABLE 1. HA SERIES OUTLINE SPECIFICATIONS
(Dimensions in Millimeters)
D MAX HA32 35.5 HA40 42.5 H MAX 52.00 57.00 B MIN 3.0 3.0 X T T1 oA MAX 4.2 4.2
S
TABLE 3. HC SERIES OUTLINE SPECIFICATIONS
(Dimensions in Millimeters)
D MAX HC32 HC40 35.5 42.5 H MAX 52.00 57.00 B MIN 5.0 5.0 X T R
SC
NOM NOM MAX 25 25 9.3 9.3 10.4 10.4
OFFSET Depends on Device Voltage (See Table 2)
NOM NOM MAX 25 25 9.30 9.30 1.0 1.0
OFFSET Depends on Device Voltage (See Table 4)
TABLE 2. HA SERIES MAXIMUM THICKNESS AND TERMINAL OFFSETS (Dimensions in Millimeters)
THICKNESS "W" VOLTAGE V111 - V351 V391 - V511 V551 - V751 HA32 9.00 11.00 13.00 HA40 9.00 11.00 13.00 DIMENSION "S" (1mm) HA32 3.90 2.60 1.00 HA40 3.90 2.60 1.00
TABLE 4. HC SERIES MAXIMUM THICKNESS AND TERMINAL OFFSETS (Dimensions in Millimeters)
( THICKNESS "W" VOLTAGE V111 - V351 V391 - V511 V551 - V751 HC32 9.00 11.00 13.00 HC40 9.00 11.00 13.00 DIMENSION "SC" (1mm) HC32 6.00 7.30 8.90 HC40 6.00 8.10 10.00 )
Ordering Information
VARISTOR
V XX X HA XX
DISC SIZE (mm)
VM(AC) FirstTwo Significant Digits VM(AC) Decade Multiplier
SERIES DESIGNATOR HA or HC
94
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of V111HAXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X