Part Number Hot Search : 
2SB762 7C451 P1012 SF2N3445 P87C32X2 KN2907 CX24431 H472J
Product Description
Full Text Search
 

To Download T6336A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 tm
TE CH
T6336A
Two Channel Constant Current Regulator
FEATURES
* Two Channel Constant Current Regulator * Option Current:
260mA/85mA, www..com 225mA/110mA 260mA/130mA, 240mA/120mA,
GENERAL DESCRIPTION
The T6336A low-dropout bias supply for white LED is a high-performance used in conventional white LED designs. The T6336A much lower bias variation with supply voltage variation, significantly lower dropout voltage and Low Shutdown Supply Current, and in some applications, significantly improved efficiency from DC 2.7V to 5V. The T6336A is available in TO-252 lead-free package.
* Low Dropout Voltage * Low 0.1 uA Shutdown Supply Current * TO-252 lead-free Package * ESD Human Body Mode Over 5KV * 2.7V to 5V Supply Voltage Range * Build in Thermal Protect 160 C
APPLICATIONS
* Flash Light * Lighting * Portable Communication Devices * Handheld Electronics * DC/DC LED driver
PART NUMBER EXAMPLES
Part no. Current Package type TO-252 TO-252 TO-252 TO-252 T6336A-2685WG 260mA/85mA T6336A-2613WG 260mA/130mA T6336A-2412WG 240mA/120mA T6336A-2211WG 225mA/110mA
TYPICAL APPLICATION CIRCUITS
V IN 2 .7 V ~ 5 V SW
PIN ARRANGEMENT (Top view) TO-252
GND 6
LED 1
LED 2
1 2 3 4 5
T6336A
VDD CE GND
LED 1 LED 2 GND CE VDD
TM Technology Inc. reserves the right to change products or specifications without notice.
P. 1
Publication Date: MAR. 2007 Revision: A
tm
SYMBOL
VDD CE GND LED2 LED1
www..com
TE CH
T6336A
PIN DESCRIPTION
Pin no.
1 2 3 4 5 DESCRIPTION
Power supply Chip enable Ground LED2 Cathode Connection LED1 Cathode Connection
ABSOLUTE MAXIMUM RATINGS
Parameter Voltage on any pin relative to GND Operating Temperature Rang Maximum Soldering Temperature (at leads, 10 sec) Storage Temperature Rang Continuous Power Dissipation ( TA = +70C ) Symbol VIN TA TLEAD TS Value -0.3 to 6 -40 to +85 300 -65 to +150 1 Unit V C C C W
Electrical Characteristics
(Typical values are at TA =25C)
Symbol VDD
Description Operating voltage range
Conditions VDD is power supply input LED1 VDD = 4.5V VLED =3.5V LED2
Min. Typ. Max 2.7 225 240 260 85 110 120 130 5
Unit V mA
ILED
Maximum LED sink current
mA
TTP ILSD
Thermat Protect
LED leakage current in shutdown VDD = GND, VLED = 5V
160 0.2 1
C uA
TM Technology Inc. reserves the right to change products or specifications without notice.
P.2
Publication Date: MAR. 2007 Revision: A
tm
E
TE CH
T6336A
PACKAGE DIMENSIONS 5-LEAD TO-252
A A1 b2
www..com
c1 L2
E1
6
D1
SEATING PLANE
D 1 2 3 4 5
H
L1 c e b e1
L
Symbol A A1 b b2 c c1 D D1 E E1 e e1 H L L1 L2
Dimension in inch Min. Max. 0.087 0.094 0.040 0.050 0.016 0.24 0.205 0.213 0.017 0.023 0.017 0.023 0.213 0.224 0.150 (REF.) 0.250 0.262 0.150 (REF.) 0.050 (TYP.) 0.200 (TYP.) 0.313 0.338 0.055 0.070 0.043 0.047 0.050 0.060
Dimension in mm Min. Max. 2.20 2.40 1.00 1.27 0.40 0.60 5.20 5.40 0.43 0.58 0.43 0.58 5.40 5.70 3.80 (REF.) 6.35 6.65 3.80 (REF.) 1.27 (TYP.) 5.08 (TYP.) 7.94 8.6 1.40 1.78 1.09 1.19 1.30 1.50
TM Technology Inc. reserves the right to change products or specifications without notice.
P.3
Publication Date: MAR. 2007 Revision: A


▲Up To Search▲   

 
Price & Availability of T6336A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X