Part Number Hot Search : 
000906 ADC316 HD64F 1602G JDV2S05S FAN7024 FM1100L TP224
Product Description
Full Text Search
 

To Download SRP06400E-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Secure Com Port RedirectorTM (SCPR)
Rijndael AES 256-bit encryption Advanced encryption for secure data from PC to networked device Up to 64 secure channels Achieve securely encrypted serial-based communications Extend functionality of COM port-based Windows(R) applications
SCPR is a Windows(R) application which creates a secure communications path over a network between the computer and serial-based devices that are traditionally
from centralized applications to remote devices, without the need to modify the application or device, breathes new life into legacy equipment. To take advantage of SCPR, device servers must support
controlled via a COM Port.
With the proliferation of information in today's electronic world, businesses are more concerned than ever about protecting data from unwanted intrusion as it is transferred over a network or the Internet. Lantronix has addressed this critical requirement with Secure Com Port Redirector (SCPR). This unique and easy-to-manage product extends the functionality of COM port-based Windows applications. Using standard TCP/IP protocols and advanced encryption algorithms, SCPR maps `virtual COM Ports' to Lantronix device servers and encrypts the data at both ends of the communication. This enables COM-based software applications to communicate securely over a network or the Internet to remote serial devices. Those devices can then be managed from virtually anywhere without the threat of compromising data security. Sensitive information can be transmitted to and from remote equipment over the network or the Internet with the confidence of the highest level of security. Additionally this enhanced communication
the Rijndael AES encryption. Currently, Lantronix's SecureBoxTM family of external device servers and versions of XPortTM and Micro100 embedded solutions support this advanced Rijndael AES. SCPR can also be used to create secure COM Port-based connections between PCs over Ethernet. With SCPR installed at each machine, PCs that were formerly `hard-wired' by serial cabling for security purposes or to accommodate applications that only understood serial data can instead communicate over an Ethernet network or the Internet. System Requirements Computer: IBM or compatible Pentium III, 500 MHz or higher Operating System: Windows NT4.0/2000/2003 Server/XP, Vista Memory: 64 MB RAM (128 MB RAM recommended) Hard Disk Space: 10MB
15353 Barranca Parkway | Irvine | CA 92618 | USA | Tel: 800.422.7055 | Fax: 949.450.7232 | www.lantronix.com
(c)2009 Lantronix, Inc. Lantronix is a registered trademark, and SecureBox, XPort, and Secure Com Port Redirector are trademarks of Lantronix, Inc. All other trademarks are the property of their 910-467 08/09 PDF respective owners. Specifications subject to change without notice. All rights reserved.
M2M Software Solutions
Encrypt COM Port-based Communications Between PCs and Virtually any Electronic Device
Secure Com Port Redirector


▲Up To Search▲   

 
Price & Availability of SRP06400E-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X