Part Number Hot Search : 
2SA1067 STTH1 SBLF850 SWFC4150 ATS622 SDR621Z TDA821 TDA821
Product Description
Full Text Search
 

To Download SPS-447-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN6046
SPS-447 Series
SPS-447 Series
Receiver Pre-amp Module for Infrared Remote Control
Features
* This is an unified module consisting of a PIN photodiode and receiver pre-amp IC. It is a compact type, not necessary to mount outer part, and provides low voltage and low power consumption. * It also puts a measure to inverter fluorescent lamp with a high frequency trap circuit for band-pass filter. Absolute Maximum Ratings at Ta=25C (as per JIS C 7032) Parameter Line Voltage Power Dissipation Operating Temperature Storage Temperature Soldering Temperature Symbol VCC PD Topr Tstg Tsol Rating 0 to +6.3 100 - to +60 -10 - to +70 -20 +260 *1 Unit V mW C C C
Recommended Operating Condition at Ta=25C Symbol Opr. Condition Unit Line Voltage VCC +4.7 to +5.3 V We recommend the signal format with leader code (for example ; NEC format or Home Electrical Appliances Society format in Japan) for the remote control transmitter. Electrical / Optical Characteristics at Ta=25C, VCC=5.0V D.C. Parameter Consumption Current Symbol ICC Conditions Non-signal input *2 On axis *2 form device Cone with its limit inclined at 30 deg to axis Cone with its limit inclined at 40 deg to axis 2 At the point of 30cm on axis * *2 At the point of 30cm on axis *2 Specified by TWL time interval of output at the point of 30cm and 7.5m on axis *2 Specified by TWH time interval of output at the point of 30cm and 7.5m on axis Min 7.5 Typ 1.4 10.0 Max 2.2 -Unit mA m Parameter
Controlling Distance
L
5.0 3.0 4.5 300
610
--0.5 -900
m m V V s
Low-level Output Voltage High-level Output Voltage Low-level Pulse Width
VL VH TWL
High-level Pulse Width Carrier Wave Frequency
*1
TWH fo
300 -
590 *3
900 --
s kHz
Soldering time : with in 3sec and clearance of 1mm from lead stopper. Detector face illuminance : Ee < 10 lx Carrier wave frequency (fo) differs every a type. Refer to the following list.
*2 As shown in Fig.1, burst wave shall be transmitted by our transmitter in item 7. *3
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
D2099 GI, (MI) No.6046 1/5
SPS-447 Series
Type No. SPS-447-E SPS-447-1-E SPS-447-2-E SPS-447-3-E SPS-447-4-E SPS-447-6-E Carrier wave frequency (fo) 40 kHz 38 kHz 36.7 kHz 33.3 kHz 36 kHz 56.8 kHz
Precautions of Use
Precautions
(1) Care must be taken to avoid bending leads. (2) Do not apply any force or mechanical stress onto the leads or plastic part during soldering. (3) Confirm reliability in terms of devices, because it sometimes acts be wrong by the ingredient of the ripple noise of the power supply lines. Please design the ripple voltage of the power supply line below 1mVp-p. Please attach the RC filter (R=100, C=22F) for the power supply lines.
Pulse Waveform
Leader pulse fo kHz Burst wavefom of transmitter
9ms
4.5ms
600s
600s
600s
Output waveform
50%
50%
Fig.1 Pulse waveform
TWL
TWH
TWL
Transmitter
The Transmitter shall be defined by adjusting the output of transmitter to make Vo=400mVp-p according to the burst wave shown in Fig. 1 and measurement condition shown in Fig.2. In addition infrared LED used in the transmitter is set to peak=945nm, =45nm, and photodiode used in the receiver is set to 32nA / Ix (VR=5.0V).
20cm 10k 12 0.1V
10F
+ Transmitter -100k
Oscilloscorpe Output
10k
GND
Fig.2 The output adjustment of transmitter
No.6046 2/5
SPS-447 Series
Measurement Condition
DUT L Controlling distance Transmitter DUT : Device Under Test
Fig.3 Measurement Condition
Block Diagram
VCC RL Vout
Waveform Amp. Limiter BPF + TRAP ABLC Shaper Detector
GND
Fig.4 Block Diagram
Note 1. Vout : Active "Low" output 2. RL.=15k to 51k . 3. The power supply filter is not being attached.
No.6046 3/5
SPS-447 Series
SPS-447 Series Package Dimensions and Pinconnection
6.9 (3.8) Photo diode chip
(4.1)
10
6.65
1.4
1.2
0.8
1
o5.4
1
0.4 2.7 3
3.6 0.5
0.5
2.95 0.5
*1 2.54
*1 2.54
* 1
*
*
*
2.54 * 2 3 *
2.54
(Pu
5-o 0.8 3 nch hole )
< Recommended mounting drawing from soldering side >
4
5
1 GND 2 Vout 3 VCC (4 GND) (5 GND)
Tolerance : 0.3 Unit : mm
Note 1) *1 indicates root dimensions of leads. 2) Pin4, Pin5 has been connected Pin1 (GND) in a product. 3) The width and position of the leads of "*" marke may be changed.
No.6046 4/5
SPS-447 Series
CAUTION
1. No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster / crime-prevention equipment or the like, and the failure of which may directly or indirectly cause injury, death or property loss. 2. Anyone purchasing any products described or contained herein for an above-mentioned use shall: 1) Accept full responsibility and indemnify and defend SANYO ELECTRIC CO.,LTD., it's affiliates, subsidiaries and distributors or any of their officers and employees, jointly and severally, against any and all claims and litigation and all damages, costs and expenses associated with such use. 2) Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., it's affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. 3. Information (including circuit diagrams and circuit parameters) disclosed herein is for example only; it is not guaranteed for mass production, SANYO believes the information disclosed herein is accurate and reliable, but no guarantees are made or implied regarding it's use or any infringements of intellectual property rights or other rights of third parties.
Precautionary instructions in handling gallium arsenic products
Special precautions must be taken in handling this product because it contains, gallium arsenic, which is designated as a toxic substance by law. Be sure to adhere strictly to all applicable laws and regulations enacted for this substance, particularly when it comes to disposal.
Manufactured by ; Tottori SANYO Electric Co., Ltd. LED Division 5-318, Tachikawa-cho, Tottori City, 680-8634 Japan TEL: +81-857-21-2137 FAX: +81-857-21-2161
PS No.6046 5/5


▲Up To Search▲   

 
Price & Availability of SPS-447-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X