Part Number Hot Search : 
SR745 CY2302 ROV05 KSB1116S UC3845D 30203 IRFB3 764306
Product Description
Full Text Search
 

To Download S1850C-600000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SaRonix
Crystal Clock Oscillator Technical Data
Frequency Range: Frequency Stability: 1.5440 MHz to 80 MHz 25, 50, 100 ppm over all conditions; calibration, tolerance, operating temperature, input voltage change, load change, aging (1 Year @ 25C average ambient temperature), shock and vibration.
3.3 & 5V, HCMOS, TTL, SMD S1800 / S1803 / S1850 Series
Temperature Range: Operating: Storage: Supply Voltage: Supply Current: 1.544 to 32 MHz: 32+ to 50 MHz: 50+ to 80 MHz: 1.544 to 50 MHz (standby): 1.544 to 80 MHz (standby): Standby Current: Output: Symmetry: Rise & Fall Times: Logic 0: Logic 1: Load:
-10 to +70C or -40 to +85C -55 to +125C +5.0V 10%, 3.3V 10% S1800 25mA max 35mA max 10A max 10A max 10A max on S1800 and S1803 only 45/55% max @ 50% VDD, 40/60% max @ 1.5V on S1800 & 1850 7ns max (10ns max: S1800) 20% to 80% VDD, 1.544 to 50 MHz 5ns max, 50+ to 80 MHz (S1803 & S1850 only) 10% VDD max 90% VDD min S1800/S1803: 15 pF max, 10 LSTTL S1850: 50 pF max 1.544 to 50 MHz, 10 TTL 30 pF max 50+ to 70 MHz, 10 TTL 20 pF max 70+ to 80 MHz (HCMOS), 10 TTL 8ps max RMS period jitter S1803 15mA max 18mA max 25mA max S1850 27mA max 35mA max 75mA max
ACTUAL SIZE
Description The 5V S1800, S1850 and 3.3V S1803 are crystal-controlled, low-current oscillators providing precise rise and fall times to drive high speed CMOS and TTL loads. The sub-miniature, very low profile leadless ceramic packages have gold-plated contact pads, ideal for today's pick-and-place SMT environments. The S1850 is a high output load version available to 80 MHz. Applications & Features * Sub-miniature, 1.1 mm high ceramic package ideal for SMT applications * 10A max standby mode on S1800 and S1803 * Available as 3.3V and 5V versions * CMOS, HCMOS & TTL compatible * Perfect for PC's; notebook, palmtop computers; portable applications; PCMCIA cards;disc drives. Anywhere small size, low power, surface mountability are a priority * Available on tape & reel; 16mm tape, 1000pcs per reel Solder Reflow Guide
Jitter: Mechanical: Shock: Solderability: Vibration: Solvent Resistance: Terminal Strength: Resistance to Soldering Heat: Environmental: Gross Leak Test: Fine Leak Test: Thermal Shock: Moisture Resistance: Part Numbering Guide
MIL-STD-883, MIL-STD-883, MIL-STD-883, MIL-STD-202, MIL-STD-883, MIL-STD-202,
Method 2002, Condition B Method 2003 Method 2007, Condition A Method 215 Method 2004, Condition D Method 210, Condition I or J
MIL-STD-883, MIL-STD-883, MIL-STD-883, MIL-STD-883,
Method Method Method Method
1014, Condition C 1014, Condition A2 1011, Condition A 1004
S 1803
Saronix
C - 60.0000 (T)
(T) = Tape & Reel full reel increments only Frequency (MHz) Stability Tolerance A = 25 ppm, -10 to +70C B = 50 ppm, -10 to +70C C = 100 ppm, -10 to +70C E = 50 ppm, -40 to +85C F = 100 ppm, -40 to +85C
Temperature - C
250 200 150
Reflow 240 max 4C/sec max Preheat 183 10C Cooling
Series S1800 = 5.0V, 1.544 to 50 MHz, 15 pF, standby S1803 = 3.3V, 1.544 to 80 MHz, 15 pF, standby S1850 = 5.0V, 1.544 to 80 MHz, 50 pF high drive
4C/sec max
Time
1 - 2 minutes
10 sec max
DS-181
REV F01
SaRonix
141 Jefferson Drive * Menlo Park, CA 94025 * USA * 650-470-7700 * 800-227-8974 * Fax 650-462-9894
SaRonix
Crystal Clock Oscillator Technical Data
Tri-State Logic Table
Pad 1 Input Logic 1 or NC Logic 0 or GND Pad 3 Output Oscillation High Impedance
POWER SUPPLY VM 0.1F Pad 1
3.3 & 5V, HCMOS, TTL, SMD S1800 / S1803 / S1850 Series
Test Circuit
TEST POINT Pad 4 VDD Pad 3 OUT GND Pad 2 CL = S1800/S1803: 15 pF S1850: 50 pF to 50 MHz 30 pF, 50+ to 70 MHz 20 pF, 70+ to 80 MHz (Note A)
mA M
Required Input Levels on Pad 1: Logic 1 = 2.2V min Logic 0 = 0.8V max
OSCILLATOR
Package Details
7.5 max .295
TRI-STATE INPUT
5.2 max .205
Note A: CL includes probe and fixture capacitance
Output Waveform
1.15 max .043 Pad 1 (Tri-State Control) 1.4 .055 1.0 .039 Pad 2 (GND) HCMOS Tf TTL Tr Tf VDD
Tr LOGIC 1 80% VDD
2.6 .102 1.1 .043 Pad 4 (VDD ) 5.08 .200 Pad 3 (OUT)
50% VDD 20% VDD LOGIC 0 SYMMETRY SYMMETRY
2.5 VDC 1.5 VDC 0.5 VDC GND
Marking Format*
5 = S1800 9 = S1803 B = S1850 Stability Tolerance
SaRonix Frequency
S 5 C YY WW
Date Code
*Exact location of items may vary
Recommended Land Pattern
**
4 3
1.8 .071
4.2 .165 2.0 .079 1 5.08 .200 2
**External high frequency power supply
decoupling required.
mm Scale: None (Dimensions in ) inches
All specifications are subject to change without notice.
DS-181
REV F01
SaRonix
141 Jefferson Drive * Menlo Park, CA 94025 * USA * 650-470-7700 * 800-227-8974 * Fax 650-462-9894


▲Up To Search▲   

 
Price & Availability of S1850C-600000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X