Part Number Hot Search : 
001D44 PIC32 00X13 NTE30090 TA0152B SI4435 PIC32 FM530B
Product Description
Full Text Search
 

To Download RT9166-33C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
RT9166/A
300/600mA, Ultra-Fast Transient Response LDO Regulator
General Description
The RT9166/A series are CMOS low dropout regulators optimized for ultra-fast transient response. The devices are capable of supplying 300mA or 600mA of output current with a dropout voltage of 230mV or 580mV respectively. The RT9166/A series are is optimized for CD/DVD-ROM, CD/RW or wireless communication supply applications. The RT9166/A regulators are stable with output capacitors as low as 1F. The other features include ultra low dropout voltage, high output accuracy, current limiting protection, and high ripple rejection ratio. The devices are available in fixed output voltages range of 1.2V to 4.5V with 0.1V per step. The RT9166/A regulators are available in 3-lead SOT-23, SOT-89, SOT-223 and TO-92 packages.
Features
Low Quiescent Current (Typically 220A) Guaranteed 300/600mA Output Current Low Dropout Voltage: 230/580mV at 300/600mA Wide Operating Voltage Ranges: 3V to 5.5V Ultra-Fast Transient Response Tight Load and Line Regulation Current Limiting Protection Thermal Shutdown Protection Only low-ESR Ceramic Capacitor Required for Stability Custom Voltage Available
Applications
CD/DVD-ROM, CD/RW Wireless LAN Card/Keyboard/Mouse Battery-Powered Equipment XDSL Router PCMCIA Card
Ordering Information
RT9166/A Package Type VL : SOT-23 (L-Type) X : SOT-89 XL : SOT-89 (L-Type) G : SOT-223 GL : SOT-223 (L-Type) Z : TO-92
Pin Configurations
(TOP VIEW)
VIN 3 1 GND 2 VOUT
3 2 1 VOUT GND VIN
Operating Temperature Range C : Commercial Standard P : Pb Free with Commercial Standard Output Voltage 12 : 1.2V 13 : 1.3V : 45 : 4.5V 600mA Output Current 300mA Output Current
SOT-23 (L-Type) (RT9166)
TO-92 (RT9166/A)
1
2
3
1
2
3
VOUT GND (TAB)
VIN
GND
VIN VOUT (TAB)
SOT-89
SOT-89 (L-Type)
Marking Information
For marking information, contact our sales representative directly or through a RichTek distributor located in your area, otherwise visit our website for detail.
1 2 3
1 2 3
VOUT GND (TAB)
VIN
GND
VIN VOUT (TAB)
SOT-223 DS9166/A-09 October 2004
SOT-223 (L-Type) www.richtek.com 1
RT9166/A
Typical Application Circuit
Preliminary
RT9166/A VIN CIN 1uF VIN VOUT GND COUT 1uF VOUT
Note: To prevent oscillation, a 1F minimum X7R or X5R dielectric is strongly recommended if ceramics are used as input/output capacitors. When using the Y5V dielectric, the minimum value of the input/output capacitance that can be used for stable over full operating temperature range is 3.3F. (see Application Information Section for further details)
Functional Pin Description
Pin Name VIN VOUT GND Pin Function Supply Input Regulator Output Common Ground
Function Block Diagram
VIN Error Amplifier +
VOUT
Current Limiting Sensor
Thermal Shutdown
1.2V
Reference
GND
www.richtek.com 2
DS9166/A-09 October 2004
Preliminary Absolute Maximum Ratings
(Note 1)
RT9166/A
Supply Input Voltage -------------------------------------------------------------------------------------------------- 6.5V Power Dissipation, PD @ TA = 25C SOT-23 ------------------------------------------------------------------------------------------------------------------- 0.4W SOT-89 ------------------------------------------------------------------------------------------------------------------- 0.571W SOT-223 ----------------------------------------------------------------------------------------------------------------- 0.740W Package Thermal Resistance (Note 7) SOT-23, JA ------------------------------------------------------------------------------------------------------------- 250C/W SOT-89, JA ------------------------------------------------------------------------------------------------------------- 175C/W SOT-223, JA ------------------------------------------------------------------------------------------------------------ 135C/W Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260C Junction Temperature ------------------------------------------------------------------------------------------------- 150C Storage Temperature Range ---------------------------------------------------------------------------------------- - 65C to 150C ESD Susceptibility (Note 2) HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 3)
Supply Input Voltage -------------------------------------------------------------------------------------------------- 2.8V to 5.5V Junction Temperature Range ---------------------------------------------------------------------------------------- - 40C to 125C
Electrical Characteristics
(VIN = VOUT + 1V or VIN = 2.8V whichever is greater, CIN = 1F, COUT = 1F, TA = 25C, unless otherwise specified)
Parameter Output Voltage Accuracy Current Limit Quiescent Current Dropout Voltage (Note 4) Line Regulation Load Regulation (Note 5) RT9166 RT9166A RT9166 RT9166A (Note 6) RT9166 RT9166A
Symbol VOUT ILIM IQ VDROP
Test Conditions IOUT = 1mA RLOAD = 1 IOUT = 0mA IOUT = 300mA IOUT = 600mA VIN = (VOUT + 0.3V) to 5.5V, IOUT = 1mA 1mA < IOUT < 300mA 1mA < IOUT < 600mA f = 1kHz, COUT = 1F
Min -1 300 600 ----------
Typ ---220 230 580 0.2 15 30 -55 170 40
Max +3 --300 ---35 55 ----
Units % mA A mV
VLINE VLOAD PSRR TSD TSD
%/V
mV dB C C
Power Supply Rejection Rate Thermal Shutdown Temperature Thermal Shutdown Hysteresis
DS9166/A-09 October 2004
www.richtek.com 3
RT9166/A
Preliminary
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may remain possibility to affect device reliability. Note 2. Devices are ESD sensitive. Handling precaution recommended. Note 3. The device is not guaranteed to function outside its operating conditions. Note 4.The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL) - 100mV. Note 5. Regulation is measured at constant junction temperature by using a 20ms current pulse. Devices are tested for load regulation in the load range from 1mA to 300mA and 600mA respectively. Note 6. Quiescent, or ground current, is the difference between input and output currents. It is defined by IQ = IIN - IOUT under no load condition (IOUT = 0mA). The total current drawn from the supply is the sum of the load current plus the ground pin current. Note 7. JA is measured in the natural convection at T A = 25C on a low effective thermal conductivity test board of JEDEC 51-3 thermal measurement standard.
www.richtek.com 4
DS9166/A-09 October 2004
Preliminary Typical Operating Characteristics
Dropout Voltage vs. Load Current
700 600
RT9166/A
Power Supply Rejection Ratio
0
CIN = 1uF COUT = 1uF
TJ = 125C
-10
Dropout Voltage (mV)
VIN = 5V CIN = 1uF COUT = 1uF
500 400 300 200 100 0 0 100 200
PSRR (dB)
TJ = 25C
-20 -30 -40 -50 -60
TJ = -40C
100mA 1mA
300
400
500
600
10
100
1k
10k
100k
1M
Load Current (mA)
Frequency (Hz)
Region of Stable COUT ESR vs. Load Current
100.00
Output Noise
VIN = 5V CIN = 1uF
COUT = 1uF to 4.7uF
10.00
ILOAD = 100mA COUT = 1uF
Output Noise Signal (V)
Instable
400 200 0 -200 -400
f = 10Hz to 100KHz
COUT ESR ()
1.00
Stable
0.10
0.01
Instable
0.00 0 100 200 300 400 500 600
Time (1ms/DIV)
Load Current (mA)
Current Limit vs. Input voltage
900
Current Limit vs. Input voltage
900
Current Limit (mA)
800
Current Limit (mA)
850
850
800
750
VIN = 5V CIN = 1uF COUT = 1uF RL = 0.5
3 3.5 4 4.5
750
RT9166-33CX
700
5 5.5
VIN = 5V CIN = 1uF COUT = 1uF RL = 0.5
3 3.5 4 4.5
RT9166-33CVL
5 5.5
700
Input voltage (V)
DS9166/A-09 October 2004
Input voltage (V)
www.richtek.com 5
RT9166/A
Preliminary
Current Limit vs. Temperature
900
900
Current Limit vs. Temperature
Current Limit (mA)
800
Current Limit (mA)
850
850
800
750
VIN = 5V CIN = 1uF COUT = 1uF RL = 0.5 -40 -50
-25 0 25 50
750
RT9166-33CX
700
VIN = 5V CIN = 1uF COUT = 1uF RL = 0.5
-50 -40 -25 0 25 50
700 75 100 125
RT9166-33CVL
75 100 125
Temperature (C)
Temperature (C)
Quiescent Current vs. Temperature
260 240 220 200 180 160 140
260 240 220 200 180 160 140
Quiescent Current vs. Temperature
Quiescent Current (uA) 1
VIN = 5V CIN = 1uF COUT = 1uF -40 -50
-25 0 25 50
Quiescent Current (uA) 1
RT9166-33CX
75 100 125
VIN = 5V CIN = 1uF COUT = 1uF
-50 -40 -25 0 25 50
RT9166-33CVL
75 100 125
Temperature (C)
Temperature (C)
Temperature Stability
3.4
Temperature Stability
3.4
Output Voltage (V)
Output Voltage (V)
3.35
3.35
3.3
3.3
3.25
3.25
VIN = 5V CIN = 1uF COUT = 1uF
3.2 -40 -50 -25 0 25 50
RT9166-33CX
75 100 125
VIN = 5V CIN = 1uF COUT = 1uF
3.2 -50 -40 -25 0 25 50
RT9166-33CVL
75 100 125
Temperature (C)
www.richtek.com 6
Temperature (C)
DS9166/A-09 October 2004
Preliminary
RT9166/A
Load Transient Response
Load Transient Response
Load Current (mA)
200
100 0
Load Current (mA)
VIN = 5V, ILOAD = 1 to 150mA CIN = COUT = 1uF (Ceramic, X7R)
200
100 0
VIN = 5V, ILOAD = 1 to 150mA CIN = COUT = 1uF (Ceramic, X7R)
Output Voltage Deviation (mV)
20
0 -20 RT9166-33CX
Output Voltage Deviation (mV)
20
0 -20 RT9166-33CVL
Time (100us/Div)
Time (100us/Div)
Line Transient Response
Input Voltage Deviation (V)
VIN = 4 to 5V CIN = 1uF COUT = 1uF
5 4
Output Voltage Deviation (mV)
20
0 -20
Time (100us/Div)
DS9166/A-09 October 2004
www.richtek.com 7
RT9166/A
Application Information
Preliminary
Like any low-dropout regulator, the RT9166/A series requires input and output decoupling capacitors. These capacitors must be correctly selected for good performance (see Capacitor Characteristics Section). Please note that linear regulators with a low dropout voltage have high internal loop gains which require care in guarding against oscillation caused by insufficient decoupling capacitance. Input Capacitor An input capacitance of 1F is required between the device input pin and ground directly (the amount of the capacitance may be increased without limit). The input capacitor MUST be located less than 1 cm from the device to assure input stability (see PCB Layout Section). A lower ESR capacitor allows the use of less capacitance, while higher ESR type (like aluminum electrolytic) require more capacitance. Capacitor types (aluminum, ceramic and tantalum) can be mixed in parallel, but the total equivalent input capacitance/ESR must be defined as above to stable operation. There are no requirements for the ESR on the input capacitor, but tolerance and temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will be 1F over the entire operating temperature range. Output Capacitor The RT9166/A is designed specifically to work with very small ceramic output capacitors. The recommended minimum capacitance (temperature characteristics X7R or X5R) is 1F to 4.7F range with 10m to 50m range ceramic capacitor between LDO output and GND for transient stability, but it may be increased without limit. Higher capacitance values help to improve transient. The output capacitor's ESR is critical because it forms a zero to provide phase lead which is required for loop stability. (When using the Y5V dielectric, the minimum value of the input/output capacitance that can be used for stable over full operating temperature range is 3.3F.)
No Load Stability The device will remain stable and in regulation with no external load. This is specially important in CMOS RAM keep-alive applications. Input-Output (Dropout) Voltage A regulator's minimum input-to-output voltage differential (dropout voltage) determines the lowest usable supply voltage. In battery-powered systems, this determines the useful end-of-life battery voltage. Because the device uses a PMOS, its dropout voltage is a function of drain-tosource on-resistance, RDS(ON), multiplied by the load current: VDROPOUT = VIN - VOUT = RDS(ON) x IOUT Current Limit The RT9166/A monitors and controls the PMOS' gate voltage, minimum limiting the output current to 300mA for RT9166 and 600mA for RT9166A. The output can be shorted to ground for an indefinite period of time without damaging the part. Short-Circuit Protection The device is short circuit protected and in the event of a peak over-current condition, the short-circuit control loop will rapidly drive the output PMOS pass element off. Once the power pass element shuts down, the control loop will rapidly cycle the output on and off until the average power dissipation causes the thermal shutdown circuit to respond to servo the on/off cycling to a lower frequency. Please refer to the section on thermal information for power dissipation calculations. Capacitor Characteristics It is important to note that capacitance tolerance and variation with temperature must be taken into consideration when selecting a capacitor so that the minimum required amount of capacitance is provided over the full operating temperature range. In general, a good tantalum capacitor will show very little capacitance variation with temperature, but a ceramic may not be as good (depending on dielectric type).
www.richtek.com 8
DS9166/A-09 October 2004
Preliminary
Aluminum electrolytics also typically have large temperature variation of capacitance value. Equally important to consider is a capacitor's ESR change with temperature: this is not an issue with ceramics, as their ESR is extremely low. However, it is very important in Tantalum and aluminum electrolytic capacitors. Both show increasing ESR at colder temperatures, but the increase in aluminum electrolytic capacitors is so severe they may not be feasible for some applications. Ceramic: For values of capacitance in the 10F to 100F range, ceramics are usually larger and more costly than tantalums but give superior AC performance for bypassing high frequency noise because of very low ESR (typically less than 10m). However, some dielectric types do not have good capacitance characteristics as a function of voltage and temperature. Z5U and Y5V dielectric ceramics have capacitance that drops severely with applied voltage. A typical Z5U or Y5V capacitor can lose 60% of its rated capacitance with half of the rated voltage applied to it. The Z5U and Y5V also exhibit a severe temperature effect, losing more than 50% of nominal capacitance at high and low limits of the temperature range. X7R and X5R dielectric ceramic capacitors are strongly recommended if ceramics are used, as they typically maintain a capacitance range within 20% of nominal over full operating ratings of temperature and voltage. Of course, they are typically larger and more costly than Z5U/Y5U types for a given voltage and capacitance. Tantalum: Solid tantalum capacitors are recommended for use on the output because their typical ESR is very close to the ideal value required for loop compensation. They also work well as input capacitors if selected to meet the ESR requirements previously listed.
RT9166/A
Tantalums also have good temperature stability: a good quality tantalum will typically show a capacitance value that varies less than 10~15% across the full temperature range of 125C to -40C. ESR will vary only about 2X going from the high to low temperature limits. The increasing ESR at lower temperatures can cause oscillations when marginal quality capacitors are used (if the ESR of the capacitor is near the upper limit of the stability range at room temperature). Aluminum: This capacitor type offers the most capacitance for the money. The disadvantages are that they are larger in physical size, not widely available in surface mount, and have poor AC performance (especially at higher frequencies) due to higher ESR and ESL. Compared by size, the ESR of an aluminum electrolytic is higher than either Tantalum or ceramic, and it also varies greatly with temperature. A typical aluminum electrolytic can exhibit an ESR increase of as much as 50X when going from 25C down to -40C. It should also be noted that many aluminum electrolytics only specify impedance at a frequency of 120Hz, which indicates they have poor high frequency performance. Only aluminum electrolytics that have an impedance specified at a higher frequency (between 20kHz and 100kHz) should be used for the device. Derating must be applied to the manufacturer's ESR specification, since it is typically only valid at room temperature. Any applications using aluminum electrolytics should be thoroughly tested at the lowest ambient operating temperature where ESR is maximum.
DS9166/A-09 October 2004
www.richtek.com 9
RT9166/A
Thermal Considerations
Preliminary
It should be noted that stability problems have been seen in applications where " vias" to an internal ground plane were used at the ground points of the device and the input and output capacitors. This was caused by varying ground potentials at these nodes resulting from current flowing through the ground plane. Using a single point ground technique for the regulator and it' s capacitors fixed the problem. Since high current flows through the traces going into VIN and coming from VOUT, Kelvin connect the capacitor leads to these pins so there is no voltage drop in series with the input and output capacitors. Optimum performance can only be achieved when the device is mounted on a PC board according to the diagram below:
The RT9166/A series can deliver a current of up to 300/ 600mA over the full operating junction temp-erature range. However, the maximum output current must be derated at higher ambient temperature to ensure the junction temperature does not exceed 125C. With all possible conditions, the junction temperature must be within the range specified under operating conditions. Power dissipation can be calculated based on the output current and the voltage drop across regulator. PD = (VIN - VOUT) IOUT + VIN IGND The final operating junction temperature for any set of conditions can be estimated by the following thermal equation: PD (MAX) = ( TJ (MAX) - TA ) / JA Where TJ(MAX) is the maximum junction temperature of the die (125C) and T A is the maximum ambient temperature. The junction to ambient thermal resistance (JA) for SOT-23 package at recomm-ended minimum footprint is 250C/W, 175C/W for SOT-89 package and 135C/W for SOT-223 package (JA is layout dependent). Visit our website in which "Recommended Footprints for Soldering Surface Mount Packages" for detail. PCB Layout Good board layout practices must be used or instability can be induced because of ground loops and voltage drops. The input and output capacitors MUST be directly connected to the input, output, and ground pins of the device using traces which have no other currents flowing through them. The best way to do this is to layout CIN and COUT near the device with short traces to the VIN, VOUT, and ground pins. The regulator ground pin should be connected to the external circuit ground so that the regulator and its capacitors have a "single point ground".
VIN
GND
VOUT
SOT-23 Board Layout
www.richtek.com 10
DS9166/A-09 October 2004
Preliminary Outline Dimension
RT9166/A
D
H L
C
B
e
A A1 b
Symbol A A1 B b C D e H L
Dimensions In Millimeters Min 0.889 0.000 1.397 0.356 2.591 2.692 1.803 0.080 0.300 Max 1.295 0.152 1.803 0.508 2.997 3.099 2.007 0.254 0.610
Dimensions In Inches Min 0.035 0.000 0.055 0.014 0.102 0.106 0.071 0.003 0.012 Max 0.051 0.006 0.071 0.020 0.118 0.122 0.079 0.010 0.024
SOT-23 Surface Mount Package
DS9166/A-09 October 2004
www.richtek.com 11
RT9166/A
Preliminary
D D1
A
C
B
C1 e e H A b b
b1
Symbol A b B b1 C C1 D D1 e H
Dimensions In Millimeters Min 1.397 0.356 2.388 0.406 -0.787 4.394 1.397 1.448 0.355 Max 1.600 0.483 2.591 0.533 4.242 1.194 4.597 1.753 1.549 0.432
Dimensions In Inches Min 0.055 0.014 0.094 0.016 -0.031 0.173 0.055 0.057 0.014 Max 0.063 0.019 0.102 0.021 0.167 0.047 0.181 0.069 0.061 0.017
3-Lead SOT-89 Surface Mount Package
www.richtek.com 12
DS9166/A-09 October 2004
Preliminary
RT9166/A
D D1
H
C
B
L e e
L1
A b
A1
Symbol A A1 b B C D D1 e H L L1
Dimensions In Millimeters Min 1.450 0.020 0.610 3.302 6.706 6.299 2.896 2.261 0.229 1.550 0.800 Max 1.803 0.100 0.787 3.708 7.290 6.706 3.150 2.362 0.330 1.950 1.100
Dimensions In Inches Min 0.057 0.0008 0.024 0.130 0.264 0.248 0.114 0.089 0.009 0.061 0.009 Max 0.071 0.0047 0.031 0.146 0.287 0.264 0.124 0.093 0.013 0.077 0.013
3-Lead SOT-223 Surface Mount Package
DS9166/A-09 October 2004
www.richtek.com 13
RT9166/A
Preliminary
D
A
E
L
e D1
b
C
A1
Symbol A A1 b C D D1 E e L
Dimensions In Millimeters Min 3.175 1.143 0.406 0.406 4.445 3.429 4.318 1.143 12.700 Max 4.191 1.372 0.533 0.533 5.207 -5.334 1.397 --
Dimensions In Inches Min 0.125 0.045 0.016 0.016 0.175 0.135 0.170 0.045 0.500 Max 0.165 0.054 0.021 0.021 0.205 -0.210 0.055 --
3-Lead TO-92 Plastic Package
RICHTEK TECHNOLOGY CORP.
Headquarter 5F, No. 20, Taiyuen Street, Chupei City Hsinchu, Taiwan, R.O.C. Tel: (8863)5526789 Fax: (8863)5526611
RICHTEK TECHNOLOGY CORP.
Taipei Office (Marketing) 8F-1, No. 137, Lane 235, Paochiao Road, Hsintien City Taipei County, Taiwan, R.O.C. Tel: (8862)89191466 Fax: (8862)89191465 Email: marketing@richtek.com
www.richtek.com 14
DS9166/A-09 October 2004


▲Up To Search▲   

 
Price & Availability of RT9166-33C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X