Part Number Hot Search : 
FQP5N40 BU4230G S2N65 2587P890 RF3934SB SB160 SZN4961 4VHC1G
Product Description
Full Text Search
 

To Download PHMKP-DRPHMKPG-DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Phmkp...-DR/Phmkpg...-DR
Vishay ESTA
Line Frequency Capacitors 50/60Hz
ESTAprop(R)/ESTAdry(R) 200 - 1000V, SELF-COOLING, SINGLE-PHASE
DESIGN * MKP-type wound elements in high-quality steel sheet or brass sheet welded casing; * Casing varnish RAL 7033; * IP00, indoor, - 25C/+ 45 C (unless otherwise confirmed); * Self-healing, with overpressure switch ("DR") or tear-off fuse (A)*,(*available only for a limited number of types!); VERSION A/CIRCUITRY VI
rating plate pressure monitoring device H1
* Connection bolt M12, or M20 (depending on application current); * Grounding bolt M12; * Mounting in the upright position, or horizontally on the narrow side. Water-cooled capacitors can be supplied upon request. ADDITIONAL CIRTUITRY VERSIONS
35
M 12
I
345 135 H
II
40
50
50 2 x o 9.8
5
III
60 50
IV
VI
11 x 15 383 405
VERSION B/CIRCUITRY VI
35
V
rating plate pressure monitoring device H1
VII
M 12
IX
345 75 H 5 40 50 50 2 x o 9.8 60 11 x 15 383 405
Document Number: 13054 Revision 16-May-02
50
VI
www.vishay.com 9
Phmkp...-DR/Phmkpg...-DR
Vishay ESTA
Line Frequency Capacitors 50/60Hz
200 - 1000V, 50Hz (60Hz on request)
UN (V) 200 200 250 250 400 400 440 440 500 500 550 550 600 600 660 660 750 750 800 800 900 900 1000 1000 QN (kVAr) 200 200 250 250 400 400 440 440 500 500 510 550 510 550 420 550 550 600 600 630 630 675 555 675 SUBDIVISIONS .. x ..kVAr 3 x 67 3 x 67 3 x 83 3 x 83 3 x 133 3 x 133 3 x 147 3 x 147 3 x 167 3 x 167 3 x 170 3 x 183 3 x 170 3 x 183 2 x 210 3 x 183 3 x 183 3 x 200 3 x 200 3 x 210 3 x 210 3 x 225 3 x 185 3 x 225 CN (F) 15915 15915 12732 12732 7958 7958 7234 7234 6366 6366 5367 5787 4509 4863 3069 4019 3112 3395 2984 3133 2476 2653 1767 2149 IN (A) 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 927 1000 850 917 636 833 733 800 750 788 700 750 555 675 VERSION/ CIRCUITRY A / VI B / VI A / VI B / VI A / VI B / VI A / VI B / VI A / VI B / VI A / VI B / VI A / VI B / VI A/V B / VI A / VI B / VI A / VI B / VI A / VI B / VI A / VI B / VI H mm 900 730 720 570 650 570 720 560 910 720 970 800 970 820 960 970 970 860 950 790 910 790 970 940 M12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 M 12 BUSHING TYPE Phmkp . . . ..200/200/1 S-DR ..200/200/1 S-DR ..250/250/1 S-DR ..250/250/1 S-DR ..400/400/1 S-DR ..400/400/1 S-DR ..440/440/1 S-DR ..440/440/1 S-DR ..500/500/1 S-DR ..500/500/1 S-DR ..550/510/1 S-DR ..550/550/1 S-DR ..600/510/1 S-DR ..600/550/1 S-DR ..660/420/1 S-DR ..660/550/1 S-DR ..750/550/1 S-DR ..750/600/1 S-DR ..800/600/1 S-DR ..800/630/1 S-DR ..900/630/1 S-DR ..900/675/1 S-DR ..1/555/1 S-DR ..1/675/1 S-DR
Shown are the maximum power ratings, other power ratings, voltages, and subdivisions on request.
www.vishay.com 10
Document Number: 13054 Revision16-May-02


▲Up To Search▲   

 
Price & Availability of PHMKP-DRPHMKPG-DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X