Part Number Hot Search : 
HC453 KBU25 KC846 LT8610 ULN200 MLL5240 LB8632 HC55185
Product Description
Full Text Search
 

To Download MF-SM100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
NT
Features

Applications
Almost anywhere there is a low voltage power supply and a load to be protected, including: Computers & peripherals General electronics Automotive applications
Surface Mount Devices Fully compatible with current industry standards Packaged per EIA 481-2 standard RoHS compliant* Agency recognition:
T V Rheinland
*R
oH
S
CO
M
PL
IA
MF-SM Series - PTC Resettable Fuses
Electrical Characteristics
Ihold Itrip Amperes at 23 C Trip 0.60 1.00 1.50 1.50 2.20 2.20 2.50 3.00 3.00 4.00 5.00 5.20 6.00 Resistance Ohms at 23 C RMin. R1Max. 0.90 4.80 0.35 1.40 0.23 1.00 0.23 1.00 0.12 0.48 0.12 0.41 0.07 0.25 0.06 0.25 0.06 0.23 0.045 0.125 0.024 0.085 0.025 0.075 0.015 0.048 Max. Time To Trip Amperes Seconds at 23 C at 23 C Max. 1.5 3.0 2.5 4.0 8.0 0.3 8.0 0.3 8.0 0.5 8.0 0.5 8.0 2.0 8.0 5.0 8.0 5.0 8.0 12.0 8.0 25.0 8.0 20.0 8.0 35.0
Tripped Power Dissipation
Model
V max. Volts
I max. Amps
MF-SM030 MF-SM050 MF-SM075 MF-SM075/60* MF-SM100 MF-SM100/33 MF-SM125 MF-SM150 MF-SM150/33 MF-SM200 MF-SM250 MF-SM260 MF-SM300**
60 60 30 60 30 33 15 15 33 15 15 6 6
40 40 80 10 80 40 100 100 40 100 100 100 100
Hold 0.30 0.50 0.75 0.75 1.10 1.10 1.25 1.50 1.50 2.00 2.50 2.60 3.00
Watts at 23 C Typ. 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.9 1.9 1.9 1.9 1.7 1.5
*CSA recognition pending.
**UL approved, CSA & TUV approval pending.
Environmental Characteristics
Operating Temperature..............................................................-40 C to +85 C .com Maximum Device Surface Temperature in Tripped State ..........125 C Passive Aging ............................................................................+85 C, 1000 hours ..........................................................5 % typical resistance change Humidity Aging ..........................................................................+85 C, 85 % R.H. 7 days................................................5 % typical resistance change Thermal Shock ..........................................................................MIL-STD-202F, Method 107G, ........................................10 % typical resistance change +125 C to -55 C,10 cycles Vibration ....................................................................................MIL-STD-883C, Method 2007.1, Condition A..................No change
DataShee
Test Procedures And Requirements For Model MF-SM Series
Test Test Conditions Accept/Reject Criteria Visual/Mech. ........................Verify dimensions and materials..........................................................Per MF physical description Resistance............................In still air @ 23 C ................................................................................Rmin R R1max Time to Trip ..........................At specified current, Vmax, 23 C ......................................................T max. time to trip (seconds) Hold Current ........................30 min. at Ihold....................................................................................No trip Trip Cycle Life ......................Vmax, Imax, 100 cycles ......................................................................No arcing or burning Trip Endurance ....................Vmax, 48 hours ..................................................................................No arcing or burning Solderability..........................MIL-STD-202F, Method 208F..............................................................95 % min. coverage UL File Number ....................E174545 http://www.ul.com/ Follow link to Certifications, then UL File No., enter E174545 CSA File Number ..................CA110338 http://directories.csa-international.org/ Under "Certification Record" and "File Number" enter 110338-0-000 TUV Certificate Number........R 02057213 http://www.tuvdotcom.com/ Follow link to "other certificates", enter File No. 2057213
Thermal Derating Chart - Ihold (Amps)
Model MF-SM030 MF-SM050 MF-SM075 MF-SM075/60 MF-SM100 MF-SM100/33 MF-SM125 MF-SM150 MF-SM150/33 MF-SM200 MF-SM250 MF-SM260 MF-SM300 -40 C 0.45 0.76 1.11 1.11 1.66 1.66 1.89 2.27 2.27 3.02 3.78 3.64 4.13 -20 C 0.40 0.67 0.99 0.99 1.47 1.47 1.68 2.01 2.01 2.68 3.35 3.25 3.75 0 C 0.35 0.59 0.84 0.84 1.29 1.29 1.46 1.76 1.76 2.34 2.93 2.91 3.30 Ambient Operating Temperature 23 C 40 C 50 C 0.30 0.25 0.23 0.50 0.42 0.38 0.75 0.63 0.57 0.75 0.63 0.57 1.10 0.91 0.83 1.10 0.91 0.83 1.25 1.04 0.94 1.50 1.25 1.13 1.50 1.25 1.13 2.00 1.66 1.50 2.50 2.08 1.88 2.60 2.26 2.08 2.87 2.62 2.43 60 C 0.20 0.33 0.49 0.49 0.73 0.73 0.83 0.99 0.99 1.32 1.65 1.95 2.25 70 C 0.17 0.29 0.45 0.45 0.64 0.64 0.73 0.87 0.87 1.16 1.45 1.74 2.00 85 C 0.14 0.23 0.36 0.36 0.50 0.50 0.56 0.68 0.68 0.90 1.13 1.48 1.78
.com
Itrip is approximately two times Ihold.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Product manufactured with a date code later than April 1, 2005 is RoHS compliant. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
DataSheet 4 U .com
www..com
Additional Features
Patents pending
MF-SM Series - PTC Resettable Fuses
Product Dimensions
A Min. 6.73 (0.265) 6.73 (0.265) 6.73 (0.265) 6.73 (0.265) 6.73 (0.265) 6.73 (0.265) 6.73 (0.265) 8.00 (0.315) 8.00 (0.315) 8.00 (0.315) 8.00 (0.315) 6.73 (0.265) 6.73 (0.265) Max. 7.98 (0.314) 7.98 (0.314) 7.98 (0.314) 7.98 (0.314) 7.98 (0.314) 7.98 (0.314) 7.98 (0.314) 9.50 (0.374) 9.50 (0.374) 9.50 (0.374) 9.50 (0.374) 7.98 (0.314) 7.98 (0.314) B Max. 3.28 (0.129) 3.28 (0.129) 3.28 (0.129) 3.28 (0.129) 3.18 (0.125) 3.18 (0.125) 3.18 (0.125) 3.18 (0.125) 3.18 (0.125) 3.18 (0.125) 3.18 (0.125) 3.18 (0.125) 3.18 (0.125) C D E Max. Min. Max. Min. Max. 5.44 0.56 0.71 0.56 0.71 (0.214) (0.022) (0.028) (0.022) (0.028) 5.44 0.56 0.71 0.56 0.71 (0.214) (0.022) (0.028) (0.022) (0.028) 5.44 0.56 0.71 0.56 0.71 (0.214) (0.022) (0.028) (0.022) (0.028) 5.44 0.56 0.71 0.56 0.71 (0.214) (0.022) (0.028) (0.022) (0.028) 5.44 0.56 0.71 0.56 0.71 (0.214) (0.022) (0.028) (0.022) (0.028) 5.44 0.56 0.71 0.56 0.71 (0.214) (0.022) (0.028) (0.022) (0.028) 5.44 0.56 0.71 0.56 0.71 (0.214) (0.022) (0.028) (0.022) (0.028) 6.71 0.56 0.71 0.56 0.71 (0.264) (0.022) (0.028) (0.022) (0.028) 6.71 0.56 0.71 0.56 0.71 (0.264) (0.022) (0.028) (0.022) (0.028) .com 6.71 0.56 0.71 0.56 0.71 (0.264) (0.022) (0.028) (0.022) (0.028) 6.71 0.56 0.71 0.56 0.71 (0.264) (0.022) (0.028) (0.022) (0.028) 5.44 0.56 0.71 0.56 0.71 (0.214) (0.022) (0.028) (0.022) (0.028) 5.44 0.56 0.71 0.56 0.71 (0.214) (0.022) (0.028) (0.022) (0.028) F Min. 2.16 (0.085) 2.16 (0.085) 2.16 (0.085) 2.16 (0.085) 2.16 (0.085) 2.16 (0.085) 2.16 (0.085) 3.68 (0.145) 3.68 (0.145) 3.68 (0.145) 3.68 (0.145) 2.16 (0.085) 2.16 (0.085) Max. 2.41 (0.095) 2.41 (0.095) 2.41 (0.095) 2.41 (0.095) 2.41 (0.095) 2.41 (0.095) 2.41 (0.095) 3.94 (0.155) 3.94 (0.155) 3.94 (0.155) 3.94 (0.155) 2.41 (0.095) 2.41 (0.095) G Min. Max. 0.66 1.37 (0.026) (0.054) 0.66 1.37 (0.026) (0.054) 0.66 1.37 (0.026) (0.054) 0.66 1.37 (0.026) (0.054) 0.66 1.37 (0.026) (0.054) 0.66 1.37 (0.026) (0.054) 0.66 1.37 (0.026) (0.054) 0.66 1.37 (0.026) (0.054) 0.66 1.37 (0.026) (0.054) 0.66 1.37 (0.026) (0.054) 0.66 1.37 (0.026) (0.054) 0.66 1.37 (0.026) (0.054) 0.66 1.37 (0.026) (0.054) H Min. 0.43 (0.017) 0.43 (0.017) 0.43 (0.017) 0.43 (0.017) 0.43 (0.017) 0.43 (0.017) 0.43 (0.017) 0.43 (0.017) 0.43 (0.017) 0.43 (0.017) 0.43 (0.017) 0.43 (0.017) 0.43 (0.017)
Model MF-SM030 MF-SM050 MF-SM075 MF-SM075/60 MF-SM100 MF-SM100/33 MF-SM125
t4U.com
MF-SM150 MF-SM150/33 MF-SM200 MF-SM250 MF-SM260 MF-SM300
DataShee
Packaging: TAPE & REEL: MF-SM030, 050, 075, 075/60, 100, 100/33, 125, 260, 300 = 2000 pcs. per reel; MF-SM150, 150/33, 200, 250 = 1500 pcs. per reel. UNIT =
B
How to Order
MF - SM 100/33 - 2 - 99
MM (INCHES)
C G
Multifuse Product Designator
(R)
Terminal material: Tin-plated brass
Series SM = Surface Mount Component
F
H D A E
Hold Current, Ihold/Vmax* 030 - 300 (0.3 - 3.0 Amps) Packaging Options - 2 = Tape and Reel** Part Number Suffix Option - 99 = As of date code April 1, 2005 all MF-SM models are RoHS compliant. The suffix "-99" can be used if a new part number is required to reference the RoHS compliance. Examples: MF-SM030-2 ............Tape and reel packaging MF-SM030-2-99 ......Tape and reel packaging with part number suffix option MF-SM150-2 ............Tape and reel packaging MF-SM150/33-2-99 ..Tape and reel packaging with part number suffix option *Vmax entry applies only to models MF-SM075/60, MF-SM100/33 & MF-SM150/33. **Packaged per EIA-481-2
End View
Side View
Recommended Pad Layout MF-SM030, 050, 075, 075/60, 100, 100/33, 125, 260, 300
2.3 0.1 (0.09 0.004)
Recommended Pad Layout MF-SM150, 150/33, 200, 250
2.3 0.1 (0.09 0.004)
9.7 0.1 (0.38 0.004) 3.1 0.1 (0.12 0.004) 3.1 0.1 (0.12 0.004) 4.6 0.1 (0.18 0.004) 10.7 0.1 (0.42 0.004) 4.6 0.1 (0.18 0.004)
.com
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
DataSheet 4 U .com
www..com
MF-SM Series - PTC Resettable Fuses
Typical Time to Trip at 23 C
MF -SM 030 MF -SM MF 050 -SM MF 075, -SM MF MF 100, -SM0 -SM 7 M MF 125 F-SM 5/60 -SM 100 /33 MF 150, -SM MF -SM MF 200 150 -SM /33 MF 250 -SM MF 300 -SM 260
Typical Part Marking
Represents total content. Layout may vary.
MANUFACTURER'S TRADEMARK PART IDENTIFICATION 030 0A DATE CODE WEEK 1 OF 2000 = 0A (YEAR & WEEK) WEEK 27 OF 2000 = A0 (WEEK & YEAR)
100
10
Time to Trip (Seconds)
1
t4U.com
0.1
DataShee
.com
0.01
0.001 0.1 1 10 100
Fault Current (Amps)
Solder Reflow Recommendations
300 250 200 150 100 50 0 160-220 10-20 Time (seconds) 120
Preheating
Soldering
Cooling
Solder reflow * Recommended reflow methods: IR, vapor phase oven, hot air oven. * Devices are not designed to be wave soldered to the bottom side of the board. * Gluing the devices is not recommended. * Recommended maximum paste thickness is 0.25 mm (.010 inch). * Devices can be cleaned using standard industry methods and solvents. Note: * If reflow temperatures exceed the recommended profile, devices may not meet the performance requirements. Rework * A device should not be reworked.
Temperature (C)
Storage Recommendations
The recommended long term storage conditions for Multifuse(R) Polymer PTC devices are 40 C maximum and 70 % RH maximum. All devices should remain in the original sealed packaging prior to use. Devices may not conform with data sheet specifications if these storage recommendations are exceeded. Devices stored in this manner have an indefinite shelf life.
.com
MF-SM SERIES, REV. L, 08/06 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
DataSheet 4 U .com
www..com
MF-SM, MF-SM/33, MF-SM/60 & MF-SM/250 Series Tape and Reel Specifications
Tape Dimensions W P0 P1 P2 A0 B0 B1 max. D0 F
MF-SM030, 050, 075, 100, 125, 260, 300; MF-SM075/60; MF-SM-100/33 per EIA-481-2
16.0 0.3 (0.630 0.012) 4.0 0.1 (0.157 0.004) 8.0 0.1 (0.315 0.004) 2.0 0.1 (0.079 0.004) 5.7 0.1 (0.224 0.004) 8.1 0.1 (0.319 0.004) 12.1 (0.476) 1.5 + 0.1/-0.0 (0.059 + 0.004/-0) 7.5 0.1 (0.295 + 0.004) 1.75 0.1 (0.069 0.004)
MF-SM150, 200, 250; MF-SM-150/33; MF-SM013/250 per EIA 481-2
16.0 0.3 (0.630 0.012) 4.0 0.1 (0.157 0.004) 12.0 0.1 (0.472 0.004) 2.0 0.1 (0.079 0.004) 6.9 0.1 (0.272 0.004) 9.6 0.1 (0.378 0.004) 12.1 (0.476) 1.5 + 0.1/-0.0 (0.059 + 0.004/-0) 7.5 0.1 (0.295 + 0.004) 1.75 0.1 (0.069 0.004) 14.25 (0.561) 0.6 (0.024) 0.1 (0.004) 3.4 0.1* (0.134 0.004)* 390 (15.35) 160 (6.30)
t4U.com E1
E2 min. T max. T1 max. K0 Leader min. Trailer min. Reel Dimensions A max. N min. W1 W2 max. * Model MF-SM013/250 =
3.8 0.1 (0.150 0.004)
.com 0.6
(0.024) 0.1 (0.004) 3.4 0.1 (0.134 0.004) 390 (15.35) 160 (6.30)
14.25 (0.561)
360 (14.17) 50 (1.97) 16.4 + 2.0/ -0.0 (0.646 + 0.079/-0) 22.4 (0.882)
360 (14.17) 50 (1.97) 16.4 + 2.0/ -0.0 (0.646 + 0.079/-0) 22.4 (0.882)
UNIT =
MM (INCHES)
P0 T D0 P2
E1
W2(MEASURED AT HUB)
COVER TAPE F B1 B0 K0 .comT1 P1 A0 W1(MEASURED AT HUB) E2 W A N(HUB DIA.)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of MF-SM100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X