Part Number Hot Search : 
FBR606 68HC908G TLE7270 LT1114C LXO108 1N2242A 74LVC2G0 12S15
Product Description
Full Text Search
 

To Download MBRP40045CTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CPT40130 - CPT40145
A R G Baseplate A=Common Anode B Q N W Baseplate Common Cathode U C H V E Baseplate D=Doubler Notes: Baseplate: Nickel plated copper
Schottky PowerMod
Dim. Inches Min.
A B C E F G H N Q R U V W
Millimeters Min. Max. Notes
Max.
F U
3.630 --0.800 0.700 0.630 --0.120 0.130 0.490 0.510 1.375 BSC 0.010 ------0.275 0.290 3.150 BSC 0.600 --0.312 0.340 0.180 0.195
--92.20 20.32 17.78 --16.00 3.30 3.05 12.95 12.45 34.92 BSC --0.25 ----7.37 6.99 80.01 BSC --15.24 8.64 7.92 4.95 4.57
1/4-20 Dia.
Dia.
Microsemi Catalog Number CPT40130* CPT40135* CPT40140* CPT40145*
Industry Part Number MBR40030CT 400CNQ035 400CNQ040 400CNQ045 MBRP40045CTL
Working Peak Repetitive Peak Reverse Voltage Reverse Voltage 30V 35V 40V 45V 30V 35V 40V 45V
Schottky Barrier Rectifier Guard Ring Protection 400 Amperes/30 to 45 Volts 150C Junction Temperature Reverse Energy Tested ROHS Compliant
*Add Suffix A for Common Anode, D for Doubler
Electrical Characteristics
I F(AV) 400 Amps Average forward current per pkg I F(AV) 200 Amps Average forward current per leg I FSM 3000 Amps Maximum surge current per leg Maximum repetitive reverse current per leg I R(OV) 2 Amps VFM 0.57 Volts Max peak forward voltage per leg VFM 0.49 Volts Max peak forward voltage per leg I RM 3.5 A Max peak reverse current per leg I RM 10 mA Max peak reverse current per leg CJ 7000 pF Typical junction capacitance per leg T C = 79C, Square wave, R0JC = 0.16C/W T C = 79C, Square wave, R0JC = 0.32C/W 8.3ms, half sine, TJ = 150C f = 1 KHZ, 25C, 1sec square wave I FM = 200A: J = 25C* T I FM = 200A: J = 150C* T VRRM, TJ = 125C* VRRM, TJ = 25C* VR = 5.0V,T C = 25C
*Pulse test: Pulse width 300sec, Duty cycle 2%
Thermal and Mechanical Characteristics
Storage temp range Operating junction temp range Max thermal resistance per leg Max thermal resistance per pkg Typical thermal resistance (greased) Terminal Torque Mounting Base Torque (outside holes) Mounting Base Torque (center hole) center hole must be torqued first Weight T STG TJ R OJC R OJC R OCS -55C to 150C -55C to 150C 0.32C/W Junction to case 0.16C/W Junction to case 0.08C/W Case to sink 35-50 inch pounds maximum 30-40 inch pounds maximum 8-10 inch pounds maximum 2.8 ounces (77 grams) typical
www.microsemi.com
January, 2010 - Rev. 6
CPT40130 - CPT40145
Figure 1 Typical Forward Characteristics - Per Leg Figure 3 Typical Junction Capacitance - Per Leg 100,000 60,000 40,000 Junction Capacitance - pF 20,000 10,000 6000 4000 2000 1000 0.1
2000
1000 800 600 400 Instantaneous Forward Current - Amperes
0.5
1.0
5.0
10
50
100
Reverse Voltage - Volts Figure 4
200
Maximum Allowable Case Temperature - C
150 C
25 C
Forward Current Derating - Per Leg 150 135 120 105 90 75 60 45 60 0 60 90 120 120 180 180 240 DC 300
100 80 60 40
20
10 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 Instantaneous Forward Voltage - Volts
Average Forward Current - Amperes
Figure 2 Typical Reverse Characteristics - Per Leg 10000 Typical Reverse Current - mA 150 C 1000 100 10 1.0 0.1 25 C 0 10 20 30 40 50 125 C 75 C Maximum Power Dissipation - Watts
Figure 5 Maximum Forward Power Dissipation - Per Leg 175 150 125 100 75 50 25 0 0 60 120 180 240 300 Average Forward Current - Amperes 60 120 90 180 DC
Reverse Voltage - Volts
www.microsemi.com
January, 2010 - Rev. 6


▲Up To Search▲   

 
Price & Availability of MBRP40045CTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X