Part Number Hot Search : 
MAD26027 2SJ340 VICES 3018A 1100S 2SK21 A8021178 MUR505
Product Description
Full Text Search
 

To Download MB88155PFTG-101-JN-EFE1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUJITSU SEMICONDUCTOR DATA SHEET
DS04-29119-2E
Spread Spectrum Clock Generator
MB88155
DESCRIPTION
MB88155 is a clock generator for EMI (Electro Magnetic Interference) reduction. The peak of unnecessary radiation noise (EMI) can be attenuated by making the oscillation frequency slightly modulate periodically with the internal modulator. For modulation, the MB88155 supports both center-spreading and down-spreading. It has a non-modulated clock output pin (REFOUT) as well as a modulated clock output pin (CKOUT) .
FEATURES
* Input frequency : * * * * * 12.5 MHz to 50 MHz (Multiplied by 1) 12.5 MHz to 20 MHz (Multiplied by 4) Output frequency : CKOUT 12.5 MHz to 80 MHz REFOUT The same as input frequency (not multiplied) Modulation rate : 0.5%, 1.0% (center spread) , - 1.0%, - 2.0% (Down spread) Equipped with oscillation circuit : range of oscillation 12.5 MHz to 40 MHz (Fundamental oscillation) 40 MHz to 48 MHz (3rd overtone) Modulation clock output Duty : 40% to 60% Modulation clock cycle - cycle jitter : MB88155-1xx 12.5 MHz to 20 MHz less than 150 ps MB88155-1xx 20 MHz to 50 MHz less than 100 ps MB88155-4xx less than 200 ps Low current consumption by CMOS process : 5 mA (24 MHz : Typ-sample, no load) Power supply voltage : 3.3 V 0.3 V Operating temperature : - 40 C to + 85 C Package : 8-pin plastic TSSOP
* * * *
Copyright(c)2005-2006 FUJITSU LIMITED All rights reserved
MB88155
PRODUCT LINEUP
The MB88155 is available in different models : 2 models different in multiplier ( x 1 and x 4) , 2 in modulation type (center-spreading and down-spreading) , 2 in input frequency range at a multiplier of 1 (12.5 MHz to 25 MHz and 25 MHz to 50 MHz) , and 1 in input frequency range at a multiplier of 4 (12.5 MHz to 20 MHz) . The MB88155 is also available in two versions : modulation-on/off selectable version (with ENS pin) and powerdown function built-in version (with XPD pin) . MB88155-M T F Input frequency range, With/without ENS/XPD Multiplied 0 : 12.5 MHz to 25.0 MHz, With ENS, Without XPD by 1 1 : 25.0 MHz to 50.0 MHz, With ENS, Without XPD 2 : 12.5 MHz to 25.0 MHz, Without ENS, With XPD 3 : 25.0 MHz to 50.0 MHz, Without ENS, With XPD Multiplied 0 : 12.5 MHz to 20.0 MHz, With ENS, Without XPD by 4 2 : 12.5 MHz to 20.0 MHz, Without ENS, With XPD 0 : Down spread, 1 : Center spread 1 : Multiplied by 1, 4 : Multiplied by 4
Spread type Multiplication rate setting Line-up of MB88155 Product MB88155-100 MB88155-101 MB88155-102 MB88155-103 MB88155-110 MB88155-111 MB88155-112 MB88155-113 MB88155-400 MB88155-402 MB88155-410 MB88155-412 Input frequency 12.5 MHz to 25 MHz 25 MHz to 50 MHz 12.5 MHz to 25 MHz 25 MHz to 50 MHz 25 MHz to 50 MHz 12.5 MHz to 25 MHz 25 MHz to 50 MHz
Multiplication rate
Output frequency
Modulation Modulation Power type enable pin down pin Yes Down spread No Yes Center spread No Down spread Center spread Yes No Yes No Yes No Yes No Yes Yes No No
The same as Multiplied by 1 input frequency 12.5 MHz to 25 MHz
12.5 MHz to 20 MHz Multiplied by 4
50 MHz to 80 MHz
2
MB88155
PIN ASSIGNMENT
XIN 1 XOUT 2 ENS 3 SEL 4
8 VDD
XIN 1 XOUT 2 XPD 3 SEL 4
8 VDD
MB88155 -xx0 -xx1
7 CKOUT 6 VSS 5 REFOUT
MB88155 -xx2 -xx3
7 CKOUT 6 VSS 5 REFOUT
FPT-8P-M07
PIN DESCRIPTION
Pin name XIN XOUT ENS/XPD I/O I O I Pin no. 1 2 3 Description Connection pin of resonator/clock input pin Connection pin of resonator Modulation enable pin/power down pin Modulation rate setting pin Down spread, SEL = "L" : Modulation rate - 1.0% Down spread, SEL = "H" : Modulation rate - 2.0% Down spread, SEL = "L" : Modulation rate 0.5% Down spread, SEL = "H" : Modulation rate 1.0% Non-modulated clock output pin This pin becomes to"L" at power-down. GND Pin Modulated clock output pin This pin becomes to"L" at power-down. Power supply voltage pin
SEL
I
4
REFOUT VSS CKOUT VDD
O O
5 6 7 8
3
MB88155
I/O CIRCUIT TYPE
Pin Circuit type Remarks CMOS hysteresis input
SEL, XPD
CMOS hysteresis input with pull-up resistor of 50 k (Typ)
50 k
ENS
* CMOS output * IOL = 3 mA * "L" output at power-down
REFOUT
(Continued)
4
MB88155
(Continued) Pin
Circuit type
Remarks * CMOS output * IOL = 4 mA * "L" output at power-down
CKOUT
Note: For XIN pin and XOUT pin, refer to " OSCILLATION CIRCUIT".
5
MB88155
HANDLING DEVICES
Preventing Latch-up A latch-up can occur if, on this device, (a) a voltage higher than VDD or a voltage lower than VSS is applied to an input or output pin or (b) a voltage higher than the rating is applied between VDD and VSS. The latch-up, if it occurs, significantly increases the power supply current and may cause thermal destruction of an element. When you use this device, be very careful not to exceed the maximum rating. Handling unused pins Do not leave an unused input pin open, since it may cause a malfunction. Handle by, using a pull-up or pulldown resistor. Unused output pin should be opened. The attention when the external clock is used Input the clock to XIN pin, and XOUT pin should be opened when you use the external clock. Please pay attention so that an overshoot and an undershoot do not occur to an input clock of XIN pin. Power supply pins Please design connecting the power supply pin of this device by as low impedance as possible from the current supply source. We recommend connecting electrolytic capacitor (about 10 F) and the ceramic capacitor (about 0.01 F) in parallel between VSS and VDD near the device, as a bypass capacitor. Oscillation circuit Noise near the XIN and XOUT pins may cause the device to malfunction. Design printed circuit boards so that electric wiring of XIN or XOUT pin and the resonator do not intersect other wiring. Design the printed circuit board that surrounds the XIN and XOUT pins with ground.
6
MB88155
BLOCK DIAGRAM
VDD
Modulation enable/ power down setting
ENS/XPD
SEL
Modulation rate setting Reference clock
PLL block
Clock output
CKOUT
XOUT
Reference clock output Power down signal
XIN Rf = 1 M
REFOUT
VSS
1 - M
Phase compare
Charge pump
V/I conversion
IDAC
ICO
Reference clock
1 - N
Loop filter
Modulation clock output
1 - L
Modulation logic
MB88155 PLL block
Modulation rate setting/ Modulation enable setting
A glitchless IDAC (current output D/A converter) provides precise modulation, thereby dramatically reducing EMI. 7
MB88155
PIN SETTING
The modulation clock requires stabilization wait time after the PIN setting is changed. For the modulation clock stabilization wait time, assure the maximum value for "Lock-up time" in the AC Characteristics list in " ELECTRICAL CHARACTERISTICS". ENS modulation enable setting ENS L H No modulation Modulation Modulation MB88155-xx0, xx1
Note : Spectrum does not diffuse when "L" is set to ENS pin. MB88155-xx2, xx3 do not have ENS pin. XPD power down XPD L H Power down status Operating status
Status MB88155-xx2, xx3
Note : When setting "L" to XPD pin, it becomes power down mode (low power consumption mode) . Both CKOUT and REFOUT of output pins are fixed to "L" output during power down. MB88155-xx0, xx1 do not have XPD pin. SEL modulation rate setting SEL L H 0.5% - 1.0% 1.0% - 2.0%
Frequency MB88155-x1x MB88155-x0x MB88155-x1x MB88155-x0x
Note : The modulation rate can be changed at the level of the pin.
8
MB88155
* Center spread Spectrum is spread (modulated) by centering on the non-spread frequency. Modulation width 2.0%
Radiation level
-1.0%
+1.0%
Frequency Non-spread frequency Example of center spread at modulation rate 1.0% * Down spread Spectrum is spread (modulated) below the non-spread frequency. Modulation width 2.0% Radiation level
-2.0%
Frequency Non-spread frequency Example of down spread at modulation rate - 2.0%
9
MB88155
ABSOLUTE MAXIMUM RATINGS
Parameter Power supply voltage* Input voltage* Output voltage* Storage temperature Operation junction temperature Output current Overshoot Undershoot Symbol VDD VI VO TST TJ IO VIOVER VIUNDER Rating Min - 0.5 VSS - 0.5 VSS - 0.5 - 55 - 40 - 14 VSS - 1.0 (tUNDER 50 ns) Max + 4.0 VDD + 0.5 VDD + 0.5 + 125 + 125 + 14 VDD + 1.0 (tOVER 50 ns) Unit V V V C C mA V V
* : The parameter is based on VSS = 0.0 V. WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Overshoot/Undershoot tUNDER 50 ns VIOVER VDD + 1.0 V
VDD
Input pin tOVER 50 ns VIUNDER VSS - 1.0 V
VSS
10
MB88155
RECOMMENDED OPERATING CONDITIONS
(VSS = 0.0 V) Parameter Power supply voltage "H" level input voltage "L" level input voltage Input clock duty cycle Operating temperature Symbol VDD VIH VIL tDCI Ta Pin VDD XIN, SEL, ENS, XPD XIN, SEL, ENS, XPD XIN Conditions 12.5 MHz to 50 MHz Value Min 3.0 VDD x 0.8 VSS 40 - 40 Typ 3.3 50 Max 3.6 VDD + 0.3 VDD x 0.2 60 + 85 Unit V V V % C
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the device's electrical characteristics are warranted when the device is operated within these ranges. Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their FUJITSU representatives beforehand. Input clock duty cycle (tDCI = tb/ta)
ta tb XIN 1.5 V
11
MB88155
ELECTRICAL CHARACTERISTICS
* DC Characteristics (Ta = - 40 C to + 85 C, VDD = 3.3 V 0.3 V, VSS = 0.0 V) Symbol Pin Conditions 24 MHz output No load capacitance At power-down VOHC VOHR Output voltage VOLC VOLR Output impedance ZOC ZOR CIN RPU CL CKOUT CKOUT REFOUT "H" level output IOH = - 4 mA "H" level output IOH = - 3 mA "L" level output IOL = 4 mA Value Min VDD - 0.5 Typ 5.0 10 Max 7.0 Unit mA A
Parameter
Power supply current
ICC
VDD
VDD
V
"L" level output REFOUT IOL = 3 mA CKOUT 12.5 MHz to 80 MHz REFOUT 12.5 MHz to 50 MHz Ta = + 25 C XIN, SEL, VDD = VI = 0.0 V ENS/XPD f = 1 MHz ENS VIL = 0.0 V 12.5 MHz to 50 MHz 50 MHz to 80 MHz REFOUT 12.5 MHz to 50 MHz
VSS
0.4
V
25
45 70 50
16 200 15 15 7
Input capacitance Input pull-up resistor Load capacitance
pF k pF
CKOUT
12
MB88155
* AC Characteristics Parameter Oscillation frequency Input frequency Symbol fx Pin XIN, XOUT XIN (Ta = - 40 C to + 85 C, VDD = 3.3 V 0.3 V, VSS = 0.0 V) Value Conditions Unit Min Typ Max Fundamental oscillation 3 overtone MB88155 - 1x0, 1x2 fin MB88155 - 1x1, 1x3 MB88155 - 4xx MB88155 - 1x0, 1x2 REFOUT MB88155 - 1x1, 1x3 Output frequency fOUT MB88155 - 4xx MB88155 - 1x0, 1x2 CKOUT MB88155 - 1x1, 1x3 MB88155 - 4xx SRc Output slew rate SRR Output clock duty cycle Modulation frequency Lock-up time*2 tDCC tDCR fMOD tLK REFOUT CKOUT Load capacitance 15 pF, 0.4 V to 2.4 V Load capacitance 15 pF, 0.4 V to 2.4 V
rd
12.5 40 12.5 25 12.5 12.5 25 12.5 12.5 25 50 0.4 0.3 40 tDCI - 10*1
32.4 2
40 48 25 50 20 25 50 20 25 50 80 4.0
MHz
MHz
MHz
V/ns 2.0 60 tDCI + 10*1 5 % kHz ms
CKOUT 1.5 V reference level REFOUT 1.5 V reference level CKOUT Input frequency at 24 MHz CKOUT MB88155 - 1xx Input frequency 12.5 MHz to 20 MHz, No load capacitance, Ta = + 25 C, VDD = 3.3 V, Standard deviation
150
ps
Cycle-cycle jitter
tJC
MB88155 - 1xx Input frequency CKOUT 20 MHz to 50 MHz, No load capacitance, Ta = + 25 C, VDD = 3.3 V, Standard deviation MB88155 - 4xx No load capacitance, Ta = + 25 C, VDD = 3.3 V, Standard deviation
100
ps
200
ps
*1 : Duty of the REFOUT output is guaranteed only for the following A and B because it depends on tDCI of input clock duty. A. Resonator input : When resonator is connected with XIN pin and XOUT pin, and oscillates normally. B. External clock input : The input level is Full-swing (VSS - VDD). *2 : The modulation clock requires stabilization wait time after the IC is turned on or released from power-down mode, or after SEL (modulation factor) or ENS (modulation enable) setting is changed. For the modulation clock stabilization wait time, assure the maximum value for the lock-up time. 13
MB88155
OUTPUT CLOCK DUTY CYCLE (tDCC, tDCR = tb/ta)
ta tb 1.5 V CKOUT, REFOUT
INPUT FREQUENCY (fin = 1/tin)
tin
0.8 VDD XIN
OUTPUT SLEW RATE (SRC, SRR)
2.4 V CKOUT, REFOUT 0.4 V tr tf
Note : SRC = (2.4 - 0.4) /tr, SRC = (2.4 - 0.4) /tf SRR = (2.4 - 0.4) /tr, SRR = (2.4 - 0.4) /tf
CYCLE-CYCLE JITTER (tJC = |tn - tn + 1| )
CKOUT tn tn+1
Note : Cycle-cycle jitter indicates the difference between a certain cycle and the immediately succeeding (or preceding) cycle.
14
MB88155
MODULATION WAVEFORM
* Modulation rate 1.0%, example of center spread CKOUT output frequency
+ 1.0 %
Frequency at modulation off
Time
- 1.0 %
fMOD (Typ) = 32.4 kHz (fin = 24 MHz)
* Modulation rate - 1.0%, example of down spread
CKOUT output frequency Frequency at modulation off Time
- 0.5 %
- 1.0 %
fMOD (Typ) = 32.4 kHz (fin = 24 MHz)
15
MB88155
LOCK-UP TIME
3.0 V
VDD
External clock stabilization waiting time
XIN
XPD
VIH
SEL ENS
VIH
tLK (Lock-up time)
CKOUT
If the XPD pin is fixed at the "H" level, the maximum time after the power is turned on until the set clock signal is output from CKOUT pin is (the stabilization wait time of input clock to XIN pin) + (the lock-up time "tLK"). For the input clock stabilization time, check the characteristics of the resonator or oscillator used.
VDD
3.0 V
External clock stabilization waiting time
XIN
XPD VIH
VIH
SEL ENS
CKOUT
tLK (Lock-up time)
If the XPD pin is used for power-down control, the set clock signal is output from the CKOUT pin at most the lockup time "tLK" after the XPD pin goes "H" level. (Continued)
16
MB88155
(Continued)
XIN
ENS
VIH VIL
tLK (Lock-up time)
CKOUT
tLK (Lock-up time)
If the ENS pin is used for modulation enable control during normal operation, the set clock signal is output from the CKOUT pin at most the lock-up time "tLK" after the level at the ENS pin is determined. Note : The wait time for the clock signal output from the CKOUT pin to become stable is required after the IC is released from power-down mode by the XPD pin or after another pin's setting is changed. During the period until the output clock signal becomes stable, neither of the output frequency, output clock duty cycle, modulation period, and cycle-cycle jitter characteristic cannot be guaranteed. It is therefore advisable to take action, such as cancelling a device reset at the stage after the lock-up time has passed.
17
MB88155
OSCILLATION CIRCUIT
The following schematic on the left-hand side shows a sample connection of a general resonator. The oscillation circuit contains a feedback resistor (1 M) . The values of capacitors (C1 and C2) must be adjusted to the optimum constant of the resonator used. The following schematic on the right-hand side shows a sample connection of a 3rd overtone resonator. The values of capacitors (C1, C2, and C3) and inductor (L1) must be adjusted to the optimum constant of the resonator used. The most suitable value is different by individual resonator. Please refer to the resonator manufacturer which you use for the most suitable value. To use an external clock signal (without using the resonator) , input the clock signal to the XIN pin with the XOUT pin connected to nothing . * When using the resonator
LSI internal
Rf (1 M) Rf (1 M)
XIN pin
XOUT pin
XIN pin
XOUT pin
LSI external
L1
C1
C2
C1
C2 C3
Fundamental resonator
3rd overtone resonator
* When using the external clock
LSI internal
Rf (1 M)
XIN pin
XOUT pin
LSI external External clock
OPEN
Note :
Note that the jitter characteristic of the input clock signal may affect the cycle-cycle jitter characteristic.
18
MB88155
INTERCONNECTION CIRCUIT EXAMPLE
1 2 MB88155 3 C1 C2 4
8 R1 7 6 5 R2 C4 C3
C1, C2 C3 C4 R1, R2
: Oscillation stabilization capacitance (refer to " OSCILLATION CIRCUIT") : Capacitor of 10 F or higher : Capacitor of about 0.01 F (connect a capacitor of good high frequency property (ex. laminated ceramic capacitor) to close to this device) : Impedance matching resistor for board pattern
19
MB88155
SPECTRUM EXAMPLE CHARACTERISTICS
The condition of the examples of the characteristic is shown as follows : Input frequency = 16 MHz (Output frequency = 64 MHz : Using MB88155-410 (Multiplied by 4) ) Power-supply voltage = 3.3 V, None load capacity. Modulation rate = 1.0% (center spread). Spectrum analyzer HP4396B is connected with CKOUT. The result of the measurement with RBW = 1 kHz (ATT use for -6 dB) .
CH B Spectrum
10 dB /REF 0 dBm
No modulation -5.64 dBm
Avg 4
1.0% modulation -26.93 dBm
RBW# 1 kHZ VBW 1 kHZ CENTER 64 MHZ
ATT 6 dB
SWP 8.005 s SPAN 12.8 MHZ
20
MB88155
ORDERING INFORMATION
Part number MB88155PFTG-100-JNE1 MB88155PFTG-101-JNE1 MB88155PFTG-102-JNE1 MB88155PFTG-103-JNE1 MB88155PFTG-110-JNE1 MB88155PFTG-111-JNE1 MB88155PFTG-112-JNE1 MB88155PFTG-113-JNE1 MB88155PFTG-400-JNE1 MB88155PFTG-402-JNE1 MB88155PFTG-410-JNE1 MB88155PFTG-412-JNE1 MB88155PFT- 12.5 MHz to G-100-JN-EFE1 25 MHz MB88155PFT- 25 MHz to G-101-JN-EFE1 50 MHz The same Multiplied as input by 1 MB88155PFT- 12.5 MHz to frequency G-102-JN-EFE1 25 MHz MB88155PFT- 25 MHz to G-103-JN-EFE1 50 MHz Down spread No Yes 12.5 MHz to Multiplied 50 MHz to 20 MHz by 4 80 MHz Center spread Input Multiplica- Output Modulation Modulation Power enable down type frequency tion rate frequency pin pin 12.5 MHz to 25 MHz 25 MHz to 50 MHz 12.5 MHz to 25 MHz 25 MHz to 50 MHz The same Multiplied as input by 1 12.5 MHz to frequency 25 MHz 25 MHz to 50 MHz 12.5 MHz to 25 MHz 25 MHz to 50 MHz Down spread Center spread No Yes Down spread No Yes Package Remarks
Yes
No
Yes
No 8-pin plastic TSSOP (FPT-8P-M07)
Yes No Yes No
No Yes No Yes
Yes
No 8-pin plastic Emboss TSSOP taping (FPT-8P-M07) (EF type)
21
MB88155
Input Multiplica- Output Modulation Modulation Power enable down type frequency tion rate frequency pin pin
Part number
Package
Remarks
MB88155PFT- 12.5 MHz to G-110-JN-EFE1 25 MHz MB88155PFT- 25 MHz to G-111-JN-EFE1 50 MHz The same Multiplied as input by 1 MB88155PFT- 12.5 MHz to frequency G-112-JN-EFE1 25 MHz MB88155PFT- 25 MHz to G-113-JN-EFE1 50 MHz MB88155PFTG-400-JN-EFE1 MB88155PFTG-402-JN-EFE1 12.5 MHz to Multiplied 50 MHz to by 4 80 MHz MB88155PFT- 20 MHz G-410-JN-EFE1 MB88155PFTG-412-JN-EFE1 MB88155PFT- 12.5 MHz to G-100-JN-ERE1 25 MHz MB88155PFT- 25 MHz to G-101-JN-ERE1 50 MHz MB88155PFT- 12.5 MHz to G-102-JN-ERE1 25 MHz MB88155PFT- 25 MHz to G-103-JN-ERE1 50 MHz The same Multiplied as input by 1 MB88155PFT- 12.5 MHz to frequency G-110-JN-ERE1 25 MHz MB88155PFT- 25 MHz to G-111-JN-ERE1 50 MHz MB88155PFT- 12.5 MHz to G-112-JN-ERE1 25 MHz MB88155PFT- 25 MHz to G-113-JN-ERE1 50 MHz MB88155PFTG-400-JN-ERE1 MB88155PFTG-402-JN-ERE1 12.5 MHz to Multiplied 50 MHz to by 4 80 MHz MB88155PFT- 20 MHz G-410-JN-ERE1 MB88155PFTG-412-JN-ERE1 Down spread Center spread Down spread Down spread Center spread
Yes
No 8-pin plastic Emboss TSSOP taping (FPT-8P-M07) (EF type)
No
Yes
Yes No Yes No
No Yes No Yes 8-pin plastic Emboss TSSOP taping (FPT-8P-M07) (EF type)
Center spread
Yes
No
No
Yes
Yes
No 8-pin plastic Emboss TSSOP taping (FPT-8P-M07) (ER type)
No
Yes
Yes No Yes No
No Yes No Yes
Center spread
22
MB88155
PACKAGE DIMENSIONS
8-pin plastic TSSOP Lead pitch Package width x package length Lead shape Sealing method Mounting height 0.65 mm 4.40 mm x 3.10 mm Gullwing Plastic mold 1.20 mm Max
(FPT-8P-M07)
8-pin plastic TSSOP (FPT-8P-M07)
3.100.10(.122.004) 8 5
Note) Pins width and pins thickness include plating thickness.
0.1270.08 (.0050.003)
4.400.10 6.400.20 (.173.004) (.252.008) INDEX Details of "A" part 1.20(.047)MAX
1
4 "A"
0~8 0.100.05 (Stand off) (.004.002)
0.65(.026) TYP
0.220.10 (.009.004)
0.50(.020) NOM 0.600.10 (.024.004)
0.25(.010)
0.10(.004) 1.95(.077) REF
C
2006 FUJITSU LIMITED F08015Sc-1-1
Dimensions in mm (inches). Note: The values in parentheses are reference values
Please confirm the latest Package dimension by following URL. http://edevice.fujitsu.com/fj/DATASHEET/ef-ovpklv.html
23
MB88155
FUJITSU LIMITED
All Rights Reserved. The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. The information, such as descriptions of function and application circuit examples, in this document are presented solely for the purpose of reference to show examples of operations and uses of Fujitsu semiconductor device; Fujitsu does not warrant proper operation of the device with respect to use based on such information. When you develop equipment incorporating the device based on such information, you must assume any responsibility arising out of such use of the information. Fujitsu assumes no liability for any damages whatsoever arising out of the use of the information. Any information in this document, including descriptions of function and schematic diagrams, shall not be construed as license of the use or exercise of any intellectual property right, such as patent right or copyright, or any other right of Fujitsu or any third party or does Fujitsu warrant non-infringement of any third-party's intellectual property right or other right by using such information. Fujitsu assumes no liability for any infringement of the intellectual property rights or other rights of third parties which would result from the use of information contained herein. The products described in this document are designed, developed and manufactured as contemplated for general use, including without limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as contemplated (1) for use accompanying fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for use requiring extremely high reliability (i.e., submersible repeater and artificial satellite). Please note that Fujitsu will not be liable against you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign Exchange and Foreign Trade Law of Japan, the prior authorization by Japanese government will be required for export of those products from Japan. Edited Business Promotion Dept.
F0611


▲Up To Search▲   

 
Price & Availability of MB88155PFTG-101-JN-EFE1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X