|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
UNISONIC TECHNOLOGIES CO., LTD LBL05AF-25 LED LAMP DESCRIPTION 25 Degree 5mm Round LED Lamp in High Blue Color with Water Clear Lens and Stopper. Dice Material: InGaN LIGHT EMITTING DIODE APPLICATION * Advertising Signs * Indicators * Traffic * Automotive Lighting ORDERING INFORMATION Ordering Number LBL05AF-25 www.unisonic.com.tw Copyright (c) 2007 Unisonic Technologies Co., Ltd 1 of 4 QW-R125-006.A LBL05AF-25 ABSOLUTE MAXIMUM RATINGS (Ta=25 ) LIGHT EMITTING DIODE PARAMETER SYMBOL RATINGS UNIT Forward Current IF 20 mA Peak Forward Current Ifp 80 mA Power Dissipation PD 100 mW Reverse Voltage Vr 5 V MAX 260 for 3sec max (3mm from the base of the epoxy bulb) Lead Soldering Temperature Tsol Electrostatic Discharge Classification ESD CLASS1 Operating Temperature TOPR -40 ~ +85 Storage Temperature TSTG -40 ~ +100 Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL OPTICAL CHARACTERISTICS PARAMETER Dominant Wavelength Luminous Intensity Viewing Angle Forward Voltage Reverse Current SYMBOL d IV 21/2 VF IR TEST CONDITIONS IF=20mA IF=20mA IF=20mA IF=20mA VR=5V MIN 465 1500 3.0 0 TYP MAX 470 3000 3.6 10 UNIT nm mcd deg V A 25 UNISONIC TECHNOLOGIES CO., LTD www.unisonic.com.tw 2 of 4 QW-R125-006.A LBL05AF-25 LIGHT EMITTING DIODE TYPICAL ELECTRO-OPTICAL CHARACTERISTICS CURVES 0 30 30 60 60 90 - 1.0 0.8 0.6 0.4 0.2 0 0.2 0.4 Relative Luminous Intersity 0.6 0.8 90 1.0 + Relative Luminous Intensity 5.0 4.0 3.0 2.0 1.0 0 0 Relative Luminous Intensity, IF Ta=25 100 Forward Current, IF (mA) Ta=25 80 60 40 20 IF - VF BL BL 20 40 60 80 100 Forward Current, IF (mA) 0 1.6 2.2 2.8 3.4 4.0 Forward Voltage, VF (V) 4.8 Allowable Forward Current, IF (mA) Relative Luminous Intensity (%) 6.0 5.0 4.0 3.0 2.0 1.0 Allowable Forward Current, Ta 1000 500 300 100 50 30 Relative Luminous Intensity, Ta BL BL 0 0 40 20 60 80 100 Ambient Temperature, Ta ( ) 10 -20 0 20 40 60 80 100 Ambient Temperature, Ta ( ) UNISONIC TECHNOLOGIES CO., LTD www.unisonic.com.tw 3 of 4 QW-R125-006.A LBL05AF-25 LIGHT EMITTING DIODE TYPICAL ELECTRO-OPTICAL CHARACTERISTICS CURVES(Cont.) UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. UNISONIC TECHNOLOGIES CO., LTD www.unisonic.com.tw 4 of 4 QW-R125-006.A |
Price & Availability of LBL05AF-25 |