Part Number Hot Search : 
NCP5306 1N5334A MIC2288 X9316WP B035C0 SM8013 BU508AFI D4NC5
Product Description
Full Text Search
 

To Download K4111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK4111
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (-MOSVI)
2SK4111
Switching Regulator Applications
Unit: mm
* * * *
Low drain-source ON resistance: RDS (ON) = 0.54 (typ.) High forward transfer admittance: |Yfs| = 8.5S (typ.) Low leakage current: IDSS = 100 A (max) (VDS = 600 V) Enhancement mode: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage DC Drain current (Note 1) Symbol VDSS VDGR VGSS ID IDP PD EAS IAR EAR Tch Tstg Rating 600 600 30 10 40 45 363 10 4.5 150 -55 to 150 A W mJ A mJ C C Unit V V V
Pulse (t = 1 ms) (Note 1)
JEDEC JEITA TOSHIBA
-- SC-67 2-10R1B
Drain power dissipation (Tc = 25C) Single pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy (Note 3) Channel temperature Storage temperature range www..com
Weight: 1.9 g (typ.)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics Thermal resistance, channel to case Thermal resistance, channel to ambient Symbol Rth (ch-c) Rth (ch-a) Max 2.78 62.5 Unit C/W C/W
Note 1: Ensure that the channel temperature does not exceed 150. Note 2: VDD = 90 V, Tch = 25C(initial), L = 6.36 mH, IAR = 10 A, RG = 25 Note 3: Repetitive rating: pulse width limited by maximum channel temperature This transistor is an electrostatic-sensitive device. Please handle with caution.
1
2008-08-22
2SK4111
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Gate-source breakdown voltage Drain cut-off current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-on time Switching time Fall time Turn-off time Total gate charge Gate-source charge Gate-drain charge tf toff Qg Qgs Qgd VDD 400 V, VGS = 10 V, ID = 10 A Duty 1%, tw = 10 s Symbol IGSS V (BR) GSS IDSS V (BR) DSS Vth RDS (ON) Yfs Ciss Crss Coss tr ton 10 V VGS 0V 50 ID = 5 A VOUT VDS = 25 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 25 V, VDS = 0 V IG = 10 A, VDS = 0 V VDS = 600 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 10 V, ID = 5 A VDS = 10 V, ID = 5 A Min 30 600 2.0 2.4 Typ. 0.54 8.5 1500 15 180 22 50 36 180 42 23 19 Max 10 100 4.0 0.75 pF Unit A V A V V S



ns
RL = 40 VDD 200 V

nC
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Continuous drain reverse current (Note 1) Symbol IDR IDRP VDSF trr Qrr Test Condition IDR = 10 A, VGS = 0 V IDR = 10 A, VGS = 0 V, dIDR/dt = 100 A/s Min Typ. 1300 16 Max 10 40 -1.7 Unit A A V ns C
www..com Pulse drain reverse current
Forward voltage (diode) Reverse recovery time Reverse recovery charge
(Note 1)
Marking
K4111
Part No. (or abbreviation code) Lot No.
A line indicates Lead (Pb)-Free Finish
2
2008-08-22
2SK4111
ID - VDS
10 COMMON SOURCE Tc = 25C PULSE TEST 10,8 6 4.6 4 4.4 2 4.2 6 5.3 20 10 5.1 5 4.8
ID - VDS
8 6 16 5.5 5.25 12 5 8 4.75 4.5 VGS = 4 V 0 0 COMMON SOURCE Tc = 25C PULSE TEST
(A)
8
DRAIN CURRENT ID
DRAIN CURRENT ID
(A)
4
VGS = 4V 0 0 2 4 6 8 10 10 20 30
40
50
DRAIN-SOURCE VOLTAGE
VDS
(V)
DRAIN-SOURCE VOLTAGE
VDS
(V)
ID - VGS VDS (V)
20 COMMON SOURCE 10
VDS - VGS
COMMON SOURCE Tc = 25 8 PULSE TEST
(A)
16
VDS = 20 V PULSE TEST
DRAIN CURRENT ID
12
DRAIN-SOURCE VOLTAGE
6
ID = 10 A
8 Tc = -55C 4 100 25 0 0 2 4 6 8 10
4
2
5 2.5
0 0
4
8
12
16
20
www..com GATE-SOURCE VOLTAGE
VGS
(V)
GATE-SOURCE VOLTAGE
VGS
(V)
Yfs - ID FORWARD TRANSFER ADMITTANCE Yfs (S)
100 10
RDS (ON) - ID DRAIN-SOURCE ON RESISTANCE RDS (ON) ()
COMMON SOURCE Tc = 25C PULSE TEST
10
Tc = -55C 25 100
1
VGS = 10 V15V
1 COMMON SOURCE VDS = 20 V 0.1 0.1 PULSE TEST 1 10 100
0.1 0.1
1
10
100
DRAIN CURRENT ID
(A)
DRAIN CURRENT ID
(A)
3
2008-08-22
2SK4111
RDS (ON) - Tc
2.5 100
IDR - VDS DRAIN REVERSE CURRENT IDR (A)
COMMON SOURCE Tc = 25C PULSE TEST 10
DRAIN-SOURCE ON RESISTANCE RDS (ON) ( )
COMMON SOURCE PULSE TEST 2.0 ID = 10A 1.5 5A 1.0 VGS = 10 V 0.5 2.5A
1 10 5 3 1 0.1 0 -0.2 -0.4 -0.6 VGS = 0, -1 V -0.8 -1.0 -1.2
0 -80
-40
0
40
80
120
160
CASE TEMPERATURE
Tc
(C)
DRAIN-SOURCE VOLTAGE
VDS
(V)
CAPACITANCE - VDS
10000 Ciss 5
Vth - Tc
GATE THRESHOLD VOLTAGE Vth (V)
(pF)
4
1000 Coss 100
C
3
CAPACITANCE
2 COMMON SOURCE 1 VDS = 10 V ID = 1 mA PULSE TEST 0 -80 -40 0 40 80 120 160
Crss 10 COMMON SOURCE VGS = 0 V f = 1 MHz Tc = 25C 1 0.1 1 10 100
www..com DRAIN-SOURCE VOLTAGE
VDS
(V)
CASE TEMPERATURE
Tc
(C)
PD - Tc VDS (V)
80 500
DYNAMIC INPUT / OUTPUT CHARACTERISTICS (V) GATE-SOURCE VOLTAGE VGS
20
DRAIN POWER DISSIPATION PD (W)
400
VDS
16
60
DRAIN-SOURCE VOLTAGE
300 VDD = 100 V 200 Common source 100 VGS 200 ID = 10 A Tc = 25C Pulse test 0 0 400
12
40
8
20
4
0 0
40
80
120
160
200
10
20
30
40
50
0 60
CASE TEMPERATURE
Tc
(C)
TOTAL GATE CHARGE
Qg
(nC)
4
2008-08-22
2SK4111
SAFE OPERATING AREA
100 ID max (PULSED) * 100 s * ID max (CONTINUOUS) * 400 500
EAS - Tch
10
AVALANCHE ENERGY EAS (mJ)
(A)
300
DRAIN CURRENT ID
1 ms * DC OPERATION Tc = 25C
200
1
100
www..com
0.1
SINGLE NONREPETITIVE PULSE Tc=25 CURVES LINEARLY MUST WITH BE DERATED IN
0 25
50
75
100
125
150
CHANNEL TEMPERATURE (INITIAL) Tch (C)
VDSS max 100 1000
INCREASE
0.01 1
TEMPERATURE.
10
15 V -15 V
BVDSS IAR VDD VDS
DRAIN-SOURCE VOLTAGE
VDS
(V)
TEST CIRCUIT RG = 25 VDD = 90 V, L = 6.36mH
WAVE FORM
AS =
1 B VDSS L I2 B 2 VDSS - VDD
5
2008-08-22
2SK4111
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" www..com etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
6
2008-08-22


▲Up To Search▲   

 
Price & Availability of K4111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X