Part Number Hot Search : 
DSH126C 74LVC1G0 DS4432U 2SK1195 GC10DH 30CPF10 00201 SK310
Product Description
Full Text Search
 

To Download HD49338HNP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD49338NP/HNP
CDS/PGA & 12-bit A/D Converter
REJ03F0113-0100Z Rev.1.0 Apr 20, 2004
Description
The HD49338NP/HNP is a CMOS IC that provides CDS-PGA analog processing (CDS/PGA) suitable for CCD camera digital signal processing systems together with a 12-bit A/D converter in a single chip.
Functions
* * * * * * * Correlated double sampling PGA Offset compensation Serial interface control 12-bit ADC Operates using only the 3 V voltage Corresponds to switching mode of power dissipation and operating frequency Power dissipation: 150 mW (Typ), maximum frequency: 36 MHz Power dissipation: 100 mW (Typ), maximum frequency: 25 MHz * ADC direct input mode * Y-IN direct input mode * QFP 48-pin package
Features
* Suppresses low-frequency noise output from CCD by the S/H type correlated double sampling. * The S/H response frequency characteristics for the reference level can be adjusted using values of external parts and registers. * High sensitivity is achieved due to the high S/N ratio and a wide coverage provided by a PG amplifier. * Feedback is used to compensate and reduce the DC offsets including the output DC offset due to PGA gain change and the CCD offset in the CDS (correlated double sampling) amplifier input. * PGA, standby mode, etc., is achieved via a serial interface. * High precision is provided by a 12-bit-resolution A/D converter.
Rev.1.0, Apr 20, 2004, page 1 of 22
HD49338NP/HNP
Pin Arrangement
ADCIN AVSS Y IN AVDD BIAS BLKC CDSIN BLKFB BLKSH AVDD AVSS AVSS
VRM VRT VRB DVDD DVSS OEB DVDD DVDD DVSS CS SDATA SCK 36 35 34 33 32 31 30 29 28 27 26 25 37 24 23 38 39 22 40 21 20 41 42 19 43 18 44 17 45 16 46 15 47 14 48 13 1 2 3 4 5 6 7 8 9 10 11 12 DVDD (NC) SPSIG SPBLK OBP PBLK DVDD DVDD ADCLK DVSS DVSS DRDVDD
Pin Description
Pin No. 1 2 to 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 Symbol D0 D1 to D10 D11 DRDVDD DVSS DVSS ADCLK DVDD DVDD PBLK OBP SPBLK SPSIG NC DVDD AVSS AVSS AVDD BLKSH BLKFB CDSIN BLKC BIAS Digital output (LSB) Digital output Digital output (MSB) Output buffer power supply (3 V) Digital ground (0 V) Digital ground (0 V) ADC conversion clock input pin Digital power supply (3 V) Digital power supply (3 V) Preblanking input pin Optical black pulse input pin Black level sampling clock input pin Signal level sampling clock input pin No connection pin Output power supply (3 V) Analog ground (0 V) Analog ground (0 V) Analog power supply (3 V) Black level S/H pin Black level FB pin CDS input pin Black level C pin Internal bias pin Connect a 33 k resistor between BIAS and AVSS. Description I/O O O O -- -- -- I -- -- I I I I -- -- -- -- -- -- -- I -- -- Analog(A) or Digital(D) D D D D D D D D D D D D D -- D A A A A A A A A
Rev.1.0, Apr 20, 2004, page 2 of 22
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11
(Top view)
HD49338NP/HNP
Pin Description (cont.)
Pin No. 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 Note: Symbol AVDD Y IN AVSS ADCIN VRM VRT VRB DVDD DVSS 1 OEB * DVDD DVDD DVSS CS SDATA SCK Analog power supply (3 V) Y input pin Analog ground (0 V) ADC input pin Reference voltage pin 1 Connect a 0.1 F ceramic capacitor between VRM and AVSS. Reference voltage pin 3 Connect a 0.1 F ceramic capacitor between VRT and AVSS. Reference voltage pin 2 Connect a 0.1 F ceramic capacitor between VRB and AVSS. Digital power supply (3 V) Digital ground (0 V) Digital output enable pin Digital power supply (3 V) Digital power supply (3 V) Digital ground (0 V) Serial interface control input pin Serial data input pin Serial clock input pin Description I/O -- -- -- -- -- -- -- -- -- -- -- -- -- I I I Analog(A) or Digital(D) A A A A A A A D D D D D D D D D
1. With pull-down resistor.
Rev.1.0, Apr 20, 2004, page 3 of 22
HD49338NP/HNP
Input/Output Equivalent Circuit
Digital output Pin Name D0 to D11 Equivalent Circuit
DIN STBY
Digital input ADCLK, OBP, SPBLK, SPSIG, CS, SCK, SDATA, PBLK, OEB DVDD Digital input *1
DVDD Digital output
Note: Only OEB is pulled down to about 70 k. Analog CDSIN
AVDD CDSIN Internally connected to VRT
ADCIN
ADCIN
AVDD
Internally connected to VRM
Y IN
Y IN
AVDD
+ -
BLKSH, BLKFB
AVDD BLKFB
+ -
BLKSH
VRT, VRM, VRB
+ -
VRT
VRM
VRB
AVDD
+ -
BIAS
BIAS
AVDD
Rev.1.0, Apr 20, 2004, page 4 of 22
HD49338NP/HNP
Block Diagram
DRDVDD ADCLK SPBLK SPSIG DVDD AVDD DVSS AVSS
16 18 19 ADCIN 27 Y IN 26 Timing generator
31 16 18 19 19 42 OEB
11 D11 PBLK 26 CDSIN 26 BLKSH 28 BLKC 28 CDS PGA 12 bit ADC 10 D10 9 D9 8 D8 7 D7 6 D6 5 D5 4 D4 3 D3 2 D2 D1 D0
BLKFB 29
DC offset compensation circuit
Serial interface
Bias generator
17
44 45 43
35
32 34 33
VRT
VRM
SCK
OBP
SDATA
Rev.1.0, Apr 20, 2004, page 5 of 22
BIAS
VRB
CS
Output latch circuit
HD49338NP/HNP
Internal Functions
Functional Description * CDS input CCD low-frequency noise is suppressed by CDS (correlated double sampling). The signal level is clamped at 56 LSB to 304 LSB by resister during the OB period. Gain can be adjusted using 10 bits of register (0.033 dB steps) within the range from -2.36 dB to 31.40 dB. *1 * ADC input The center level of the input signal is clamped at 2048 LSB (Typ). Gain can be adjusted using 10 bits of register (0.00446 times steps) within the range from 0.57 times (-4.86 dB) to 5.14 times (14.22 dB). *1 * Y-IN input The input signal is clamped at 280 LSB (Typ) by SYNC Tip clamp. * Automatic offset calibration of PGA and ADC * DC offset compensation feedback for CCD and CDS * Pre-blanking CDS input operation is protected by separating it from the large input signal. Digital output is fixed at 32 LSB. * Digital output enable function Note: 1. Full-scale digital output is defined as 0 dB (one time) when 1 V is input. Operating Description Figure 1 shows CDS/PGA + ADC function block.
ADCIN D0 to D11
C2 CDSIN C1 SH AMP
CDS AMP
PG AMP
12-bit ADC
Gain setting (register) Current DAC BLKSH BLKC C4
DAC
Offset calibration logic
VRT BLKFB C3
Clamp data (register) DC offset feedback logic
OBP
Figure 1 HD49338NP/HNP Functional Block Diagram 1. CDS (Correlated Double Sampling) Circuit The CDS circuit extracts the voltage differential between the black level and a signal including the black level. The black level is directly sampled at C1 by using the SPBLK pulse, buffered by the SHAMP, then provided to the CDSAMP. The signal level is directly sampled at C2 by using the SPSIG pulse, and provided to CDSAMP (see figure 1). The difference between these two signal levels is extracted by the CDSAMP, which also operates as a programmable gain amplifier at the previous stage. The CDS input is biased with VRT (2 V) during the SPBLK pulse validation period. During the PBLK period, the above sampling and bias operation are paused. 2. PGA Circuit The PGAMP is the programmable gain amplifier for the latter stage. The PGAMP and the CDSAMP set the gain using 10 bits of register. The equation below shows how the gain changes when register value N is from 0 to 1023. In CDSIN mode: Gain = (-2.36 dB + 0.033 dB) x N (LOG linear). In ADCIN mode: Gain = (0.57 times + 0.00446 times) x N (linear). Full-scale digital output is defined as 0 dB (one time) when 1 V is input.
Rev.1.0, Apr 20, 2004, page 6 of 22
HD49338NP/HNP 3. Automatic Offset Calibration Function and Black-Level Clamp Data Setting The DAC DC voltage added to the output of the PGAMP is adjusted by automatic offset calibration. The data, which cancels the output offset of the PGAMP and the input offset of the ADC, and the clamp data (56 LSB to 304 LSB) set by register are added and input to the DAC. The automatic offset calibration starts automatically after the RESET mode set by register 1 is cancelled and terminates after 40000 clock cycles (when fclk = 20 MHz, 2 ms). 4. DC Offset Compensation Feedback Function Feedback is done to set the black signal level input during the OB period to the DC standard, and all offsets (including the CCD offset and the CDSAMP offset) are compensated for. The offset from the ADC output is calculated during the OB period, and SHAMP feedback capacitor C3 is charged by the current DAC (see figure 1). The open-loop differential gain (Gain/H) per 1 H of the feedback loop is given by the following equation. 1H is the one cycle of the OBP. Gain/H = 0.078/(fclk x C3) (fclk: ADCLK frequency, C3: SHAMP external feedback capacitor) Example: When fclk = 20 MHz and C3 = 1.0 F, Gain/H = 0.0039 When the PGAMP gain setting is changed, the high-speed lead-in operation state is entered, and the feedback loop gain is increased by a multiple of N. Loop gain multiplication factor N can be selected from 2 times, 4 times, 8 times, or 16 times by changing the register settings (see table 1). Note that the open-loop differential gain (Gain/H) must be one or lower. If it is two or more, oscillation occurs. The time from the termination of high-speed lead-in operation to the return of normal loop gain operation can be selected from 1 H, 2 H, 4 H, or 8 H. If the offset error is over 64 LSB, the high-speed lead-in operation continues, and when the offset error is 64 LSB or less, the operation returns to the normal loop-gain operation after 1 H, 2 H, 4 H, or 8 H depending on the register settings. See table 2.
Table 1 Loop Gain Multiplication Factor during High-Speed Lead-In Operation
HGain-Nsel (register settings) [0] [1] L L H L L H H H Multiplication Factor N 4 8 16 32
Table 2 High-Speed Lead-In Operation Cancellation Time
HGstop-Hsel (register settings) [0] [1] L L H L L H H H Cancellation Time 1H 2H 4H 8H
5. Pre-Blanking Function During the PBLK input period, the CSD input operation is separated and protected from the large input signal. The ADC digital output is fixed to clamp data (56 to 304 LSB).
Rev.1.0, Apr 20, 2004, page 7 of 22
HD49338NP/HNP 6. ADC Digital Output Control Function The ADC digital output includes the functions output enable, code conversion, and test mode. Tables 3, 4 and 5 show the output functions and the codes. Table 3 ADC Digital Output Functions
TEST0 TEST1
ADC Digital Output D11 D10 D9 D8 D7 D6 D5 D4 D3 X X X X X H X Hi-Z H X X X X L X Hi-Z L L L L L H Same as in table 4. L H H D11 is inverted in table 4. H L H D10 to D0 are inverted in table 4. H H H D11 to D0 are inverted in table 4. X X L Output code is set up to Clamp Level. H L L H Same as in table 5. L H H D11 is inverted in table 5. H L H D10 to D0 are inverted in table 5. H H H D11 to D0 are inverted in table 5. X X L Output code is set up to Clamp Level. H L H L H L H L H H X L L X H L L L H L H L H L H X H H L H L H L H L H L X L H L H L H L H L H H X Notes: 1. STBY, TEST, LINV, and MINV are set by register. 2. Mode setting for the OEB and the PBLK are done by external input pins. 3. The polarity of the PBLK pin when the register setting is SPinv is low.
PBLK
STBY
MINV
LINV
OEB
D2
D1
D0
Operating Mode Low-power wait state Output Hi-Z Normal operation
Pre-blanking Normal operation
L L H H
H H L L
L L H H
Pre-blanking Test mode
Table 4
ADC Output Code
0 1 2 3 4 5 6 2047 2048 4092 4093 4094 4095
Output Pin Output Steps codes
D11 L L L L L L L
L H H H H H
D10 L L L L L L L
H L H H H H
D9 L L L L L L L
H L H H H H
D8 L L L L L L L
H L H H H H
D7 L L L L L L L
H L H H H H
D6 L L L L L L L
H L H H H H
D5 L L L L L L L
H L H H H H
D4 L L L L L L L
H L H H H H
D3 L L L L L L L
H L H H H H
D2 L L L L H H H
H L H H H H
D1 L L H H L L H
H L L L H H
D0 L H L H L H L
H L L H L H
Table 5
ADC Output Code (TEST1)
0 1 2 3 4 5 6 2047 2048 4092 4093 4094 4095
Output Pin Output Steps codes
D11 L L L L L L L
L H H H H H
D10 L L L L L L L
H H L L L L
D9 L L L L L L L
L L L L L L
D8 L L L L L L L
L L L L L L
D7 L L L L L L L
L L L L L L
D6 L L L L L L L
L L L L L L
D5 L L L L L L L
L L L L L L
D4 L L L L L L L
L L L L L L
D3 L L L L L L L
L L L L L L
D2 L L L L H H H
L L L L L L
D1 L L H H H H L
L L H H L L
D0 L H H L L H H
L L L H H L
Rev.1.0, Apr 20, 2004, page 8 of 22
HD49338NP/HNP 7. Adjustment of Black-Level S/H Response Frequency Characteristics The CR time constant that is used for sampling/hold (S/H) at the black level can be adjusted by changing the register settings, as shown in table 6. Table 6 SHSW CR Time Constant Setting
SHSW-fsel (Register setting) [0] [1] [2] [3] [0] [1] [2] [3] [0] [1] [2] [3] [0] [1] [2] [3] [0] [1] [2] [3] [0] [1] [2] [3] [0] [1] [2] [3] [0] [1] [2] [3] LLLLHLLLLHLLHHLLLLHLHLHLLHHLHHHL 2.20 nsec 2.30 nsec 2.51 nsec 2.64 nsec 2.93 nsec 3.11 nsec 3.52 nsec 3.77 nsec CR Time Constant (Typ) (cutoff frequency conversion) (72 MHz) (69 MHz) (63 MHz) (60 MHz) (54 MHz) (51 MHz) (45 MHz) (42 MHz) SHSW-fsel (Register setting) [0] [1] [2] [3] [0] [1] [2] [3] [0] [1] [2] [3] [0] [1] [2] [3] [0] [1] [2] [3] [0] [1] [2] [3] [0] [1] [2] [3] [0] [1] [2] [3] LLLHHLLHLHLHHHLHLLHHHLHHLHHHHHHH 4.40 nsec 4.80 nsec 5.87 nsec 6.60 nsec 8.80 nsec 10.6 nsec 17.6 nsec 26.4 nsec CR Time Constant (Typ) (cutoff frequency conversion) (36 MHz) (33 MHz) (27 MHz) (24 MHz) (18 MHz) (15 MHz) (9 MHz) (6 MHz)
8. The SHAMP frequency characteristics can be adjusted by changing the register settings and the C4 value of the external 31st pin. The settings are shown in table 7. Values other than those shown in the table 7 cannot be used.
Table 7 SHAMP Frequency Characteristics Setting
[0] H [1] L SHA-fsel (Register setting) [0] [1] L H 75 MHz 13000 pF (300 pF) 32 MHz 22000 pF (750 pF)
BLKC 31 C4
116 MHz 10000 pF (270 pF) 49 MHz "Hi" 15000 pF (620 pF) Note: Upper line : SHAMP cutoff frequency (Typ) Middle line : Standard value of C4 (maximum value is not defined) Lower line : Minimum value of C4 (do not set below this value)
LoPwr (Register setting) "Lo"
[0] H 56 MHz 18000 pF (360 pF) 24 MHz 27000 pF (820 pF)
[1] H
Rev.1.0, Apr 20, 2004, page 9 of 22
HD49338NP/HNP
Timing Chart
Figure 2 shows the timing chart when CDSIN and ADCIN input modes are used.
0 1 2 ~ 11 12 13
* When CDSIN input mode is used
N N+1 N+2 N+11 N+12 N+13
CDSIN
SPBLK
SPSIG
ADCLK
D0 to D11
N-12
N-11
N-10
N-1
N
* When ADCIN input mode is used
N ADCIN N+1 N+2 N+10 N+11 N+12 N+13
ADCLK
D0 to D11
N-11
N-10
N-1
N
N+1
Note: The phases of SPBLK and SPSIG are those when the serial data SPinv bit is set to low.
Figure 2 Output Timing Chart when CDSIN and ADCIN Input Modes are Used * The ADC output (D0 to D11) is output at the rising edge of the ADCLK in both modes. * Pipe-line delay is twelve clock cycles when CDSIN is used and eleven when ADCIN is used. * In ADCIN input mode, the input signal is sampled at the rising edge of the ADCLK.
Rev.1.0, Apr 20, 2004, page 10 of 22
HD49338NP/HNP
Detailed Timing Specifications
Detailed Timing Specifications when CDSIN Input Mode is Used Figure 3 shows the detailed timing specifications when the CDSIN input mode is used, and table 8 shows each timing specification.
Black level
CDSIN
(2) (1) (5) (4) (3)
Signal level
SPBLK
Vth
SPSIG
(7) (8)
(6)
Vth Vth
ADCLK
(9) (10)
D0 to D11 Note: 1. When serial data Spinv bit is set to low. (When the Spinv bit is set to high, the polarities of the SPBLK and the SPSIG are inverted.)
Figure 3 Detailed Timing Chart when CDSIN Input Mode is Used Table 8
No. (1) (2) (3) (4) (5) (6) (7), (8) (9) (10) Note:
Timing Specifications when the CDSIN Input Mode is Used
Timing Black-level signal fetch time 1 SPBLK low period * Signal-level fetch time 1 SPSIG low period * SPBLK rising to SPSIG rising time * 1 SPSIG rising to ADCLK rising inhibition time * ADCLK tWH min./tWL min. ADCLK rising to digital output hold time ADCLK rising to digital output delay time
1
Symbol tCDS1 tCDS2 tCDS3 tCDS4 tCDS5 tCDS6 tCDS7, 8 tCHLD9 tCOD10
Min -- Typ x 0.8 -- Typ x 0.8 Typ x 0.85 1 11 3 --
Typ (1.5) 1/4fCLK (1.5) 1/4fCLK 1/2fCLK x 0.90 5 -- 7 16
Max -- Typ x 1.2 -- Typ x 1.2 Typ x 1.00 9 -- -- 24
Unit ns ns ns ns ns ns ns ns ns
1. SPBLK and SPSIG polarities when serial data Spinv bit is set to low.
OBP Detailed Timing Specifications Figure 4 shows the OBP detailed timing specifications. The OB period is from the fifth to the twelfth clock cycle after the OB pulse is input. The average of the black signal level is taken for eight input cycles during the OB period and becomes the clamp level (DC standard).
OB period *1
CDSIN OBP
N
N+1
N+5
N+12
N+13
OB pulse > 2 clock cycles
This edge is used, when OBP pulse-width period is clamp-on.
When serial data OBPinv bit is set to low (When the OBPinv is set to high, the polarity of the OBP is inverted.)
Note: 1. Shifts 1 clock cycle depending on the OBP input timing.
Figure 4 OBP Detailed Timing Specifications
Rev.1.0, Apr 20, 2004, page 11 of 22
HD49338NP/HNP Detailed Timing Specifications at Pre-Blanking Figure 5 shows the pre-blanking detailed timing specifications.
PBLK
Vth
VOH Digital output (D0 to D11) ADC data Clamp level ADC data
VOL ADCLK x 12 clocks (shifts one clock cycle depending on the PBLK input timing) When serial data SPinv bit is set to low (When the SPinv is set to high, the PBLK polarity is inverted.) tPBLK ADCLK x 2 clocks
Figure 5 Detailed Timing Specifications at Pre-Blanking Detailed Timing Specifications when ADCIN Input Mode is Used Figure 6 shows the detailed timing chart when ADCIN input mode is used, and table 9 shows each timing specification.
ADCIN
(2) (3) (4) (5)
(1)
ADCLK
Vth
D0 to D11
VDD/2
Figure 6 Detailed Timing Chart when ADCIN Input Mode is Used Table 9
No. (1) (2), (3) (4) (5)
Timing Specifications when ADCIN Input Mode is Used
Timing Signal fetch time ADCLK tWH min./tWL min. ADCLK rising to digital output hold time ADCLK rising to digital output delay time Symbol tADC1 tADC2, 3 tAHLD4 tAOD5 Min -- Typ x 0.85 10 -- Typ (6) 1/2fADCLK 14.5 23.5 Max -- Typ x 1.15 -- 31.5 Unit ns ns ns ns
Detailed Timing Specifications for Digital Output-Enable Control Figure 7 shows the detailed timing specifications for digital output enable control. When the OEB pin is set to high, output disable mode is entered, and the output state becomes High-Z.
tLZ, tZL measurement load DVDD DVDD DVDD/2 Digital output (D0 to D11) tLZ tZL VOL VOH DVDD/2 tHZ tZH DVSS DVSS DVSS 2 k 10 pF DVSS tHZ, tZH measurement load 10 pF 2 k
OEB Vth
Figure 7 Detailed Timing Specifications for Digital Output Enable Control
Rev.1.0, Apr 20, 2004, page 12 of 22
HD49338NP/HNP
Serial Interface Specifications
Table 10 Serial Data Function List
Resister 0 DI 00 (LSB) DI 01 DI 02 DI 03 DI 04 DI 05 DI 06 DI 07 DI 08 DI 09 DI 10 DI 11 DI 12 DI 13 DI 14 Low Low Low Resister 1 High Low Low Resister 2 Low High Low Resister 3 High High Low YC-Bias off Gray code [0] (TEST1) Gray code [1] Average4, 4 lines average Gray_test [0] Resister 4 to 7 Test Mode (can not be used) Low to High Low to High High
PGA gain setting (LSB) *5 SLP Low: Normal operation mode Clamp-level [0] (LSB) High: Sleep mode PGA gain setting *5 PGA gain setting *5 PGA gain setting *5 PGA gain setting *5 PGA gain setting *5 PGA gain setting *5 PGA gain setting *5 STBY Low: Normal operation mode Clamp-level [1] High: Standby mode Output mode setting (LINV) Output mode setting (MINV) Clamp-level [2] Clamp-level [3]
Output mode setting (TEST0) Clamp-level [4] (MSB) SHA-fsel [0] (LSB) SHA-fsel [1] (MSB) SHSW-fsel [0] (LSB) SHAMP frequency HGstop-Hsel [0] characteristics HGstop-Hsel [1] switching
High-speed Gray_test [1] lead-in cancellation Gray_test [2] time Cannot be used. *8 Low Cannot be used. *8 Low Cannot be used. *8 High Cannot be used. *8 Low Cannot be used. *8 Low
Cannot be used. *7 All low
HGain-Nsel [0] High-speed lead-in SHSW gain PGA gain setting *5 SHSW-fsel [1] frequency HGain-Nsel [1] multiplication characteristics PGA gain setting (MSB) *5 SHSW-fsel [2] LoPwr Low: Normal mode High: Low power mode switching SPinv, X SHSW-fsel [3] (MSB) SPSIG/SPBLK/PBLK inversion YSEL Low: CDSIN input mode High: YIN input mode Cannot be used. *7 All low OBPinv, OBP inversion
DI 15 (MSB) CSEL Low: CDSIN input mode High: YIN input mode
RESET Low: Reset mode Cannot be used. *8 High High: Normal operation mode
CS
Latches SDATA at SCK rising edge tINT1 fSCK
Data is determined at CS rising edge tINT2
SCK tsu SDATA tho DI DI DI DI DI DI DI DI DI DI DI DI DI DI DI DI 00 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15
Figure 8 Serial Interface Timing Specifications
Notes: 1. 2. 3. 4. 5. 6.
2 byte continuous communications. SDATA is latched at SCK rising edge. Insert 16 clocks of SCK while CS is low. Data is invalid if data transmission is aborted during transmission. The gain conversion table differs in the CDSIN input mode and the ADCIN input mode. STBY: Reference voltage generator circuit is in the operating state. SLP: All circuits are in the sleep state. 7. This bit is used for the IC testing, and cannot be used by the user. Please do not set up in addition to "ALL Low". 8. This bit is used for the IC testing, and cannot be used by the user. It is set to the state on the right of a column when RESET bit is set to low. The register 3 should transmit by setup on the right of a column.
Timing Specifications Min Max fSCK 5 MHz tINT1, 2 50 ns tsu 50 ns 50 ns tho
Rev.1.0, Apr 20, 2004, page 13 of 22
HD49338NP/HNP Explanation of Serial Data of CDS Part Serial data of CDS part has the following functions. * PGA gain (D5 to D12 of register 0) Details are referred to page 6 block diagram. At CDS_in mode: -2.36 dB + 0.132 dB x N (Log linear) At ADC_in mode: 0.57 times + 0.01784 times x N (Times linear) : Full-scale digital output is defined as 0 dB when 1 V is input. Above PGA gain definition means input signal 1 Vp-p to CDS_in, and set N = 18 (correspond 2.36 dB), and then PGA outputs the 2 V full-range, and also ADC out puts the full code (1023). This mean offset gain of PGA has 6 dB - 2.36 dB = 3.64 dB, therefore it should be decided that how much dB add on.
(1.0 V) (2.0 V) (1023)
(1.0 V) CDS PGA ADC
0 dB when set N = 18 which correspond to 2.36 dB (1) Level dia explain 2V 1023
CDS
PGA
ADC
(CDS = 0 dB) 3.64 dB + 0.132 dB x N (2) Level dia on the circuit
Figure 9 Level Dia of PGA * CSEL (D15 of register 0) Data = 0: Select CDSIN Data = 1: Select ADCIN
1 1 Address 1 1 0 0 0 1 STD1[7:0] (L) STD2[15:8] (H) D4 D3 D2 D1 D0 D15 D14 D13 D12 D11 D10 D9 D8
LINV STBY MINV test0 SLP
test_I2
SHSW_fsel
SHA_fsel
* SLP and STBY (D3, D4 of register 1) SLP: Stop the all circuit. Consumption current of CDS part is less than 10 A. Start up from offset calibration when recover is needed. STBY: Only the standard voltage generating circuit is operated. Consumption current of CDS part is about 3 mA. Allow 50 H time for feedback clamp is stabilized until recover. * Output mode (D5 to D7 of register 1 and D4 of register 3) It is a test mode. Combination details are table 3 to 5. Normally set to all 0. * SHA-fsel (D8 to D9 of register 1) It is a LPF switching of SH amplifier. Frequency characteristics are referred to page 9. To get rough idea, set the double cut off frequency point with using. * SHSW-fsel (D10 to D13 of register 1) It is a time constant which sampling the black level of SH amplifier. Frequency characteristics are referred to page 9. To get rough idea, set the double cut off frequency point with using. S/N changes by this data, so find the appropriate point with set data to up/down.
Rev.1.0, Apr 20, 2004, page 14 of 22
HD49338NP/HNP * Clamp (D3 to D7 of register 2) Determine the OB part level with digital code of ADC output. Clamp level = setting data x 2 + 14 Default data is 9 = 32 LSB. * HGstop-Hsel, HGain-Nsel (D8 to D11 of register 2) Determine the lead-in speed of OB clamp. Details are referred to page 7. PGA gain need to be changed for switch the high speed leading mode. Transfer the gain +1/-1 to previous field, its switch to high speed leading mode. * Low_PWR (D12 of register 2) Switch circuit current and frequency characteristic. Data = 0: 36 MHz guarantee Data = 1: 25 MHz guarantee * SPinv (D13 of register 2) SPSIG/SPBLK/PBLK input signal inverted switching. Data = 1: Normal Data = 0: Inverted * Reset (D15 of register 2) Software reset. Data = 1: Normal Data = 0: Reset Offset calibration should be done when starting up with using this bit. Details are referred to page 19. * C_Bias_off (D3 of register 3) Center bias is turned off in ADCIN mode. Data = 0: Normally on Data = 1: Off * Ave_4H (D6 of register 3) Clamp detection data is averaged 4H. Data = 0: 1H Data = 1: Averaged 4H Differential Code and Gray Code (D4 to D5 and D7 to D9 of register 3) * Gray code (D4 to D5 of register 3) DC output code can be change to following type.
Gray Code [1] 0 0 1 1 Gray Code [0] 0 1 0 1 Output Code Binary code Gray code Differential encoded binary Differential encoded gray
* Serial data setting items (D7 to D9 of register 3)
Setting Bit Gray_test[0] Gray_test[1] Gray_test[2] Setting Contents Standard data output timing control signal (Refer to the following table) ADCLK polar with OBP. (LoPositive edge, HINegative edge)
* Standard data output timing
Gray_test[1] Low Low High High Gray_test[0] Low High Low High Standard Data Output Timing Third and fourth Fourth and fifth Fifth and sixth Sixth and seventh
Rev.1.0, Apr 20, 2004, page 15 of 22
HD49338NP/HNP Ripple (pseudo outline made by quantized error) occurres on the point which swithing the ADC output multiple bit in parallel. When switching the several of ADC output at the same time, ripple (pseudo outline caused by miss quantization) occurs to the image. Differential code and gray code are recommended for this countermeasure. Figure 10 indicates circuit block. When luminance signal changes are smoothly, the number of bit of switching digital output bit can be reduced and easily to reduce the ripple using this function. This function is especially effective for longer the settings of sensor more than clk = 30 kHz, and ADC output. Figure 11 indicates the timing specifications.
10 ADC 2clk_DL Standard data control signal (D9,D8,D7) Differential SW(D5) + - Carry bit round Standard data selector Gray SW(D4) GrayBinary conversion 10-bit output
Figure 10 Differential Code, Gray Code Circuit
(In case of select the positive edge of ADCLK with D8)
ADCLK OBP
(In case of select the positive polar) (Beginning edge of OBP and standard edge of ADCLK should be exept 5 ns) 1 2 3 4 5 6 7 8 9 10 11
Digital output Differential data
Standard data
Differential data
Figure 11 Differential Code Timing Specifications To use differential code, complex circuit is necessary at DSP side.
Carry bit round Standard data selector 2clk_DL D9 D8 D7 D9 D8 D7
From ADC
Gray Binary
Standard data control signal
D0
D0
(1) Differential coded
(2) Gray Binary conversion
Figure 12 Complex Circuit Example
Rev.1.0, Apr 20, 2004, page 16 of 22
HD49338NP/HNP
Absolute Maximum Ratings
(Ta = 25C)
Item Power supply voltage Analog input voltage Digital input voltage Operating temperature Power dissipation Storage temperature Power supply voltage range (HD49338HNP) Symbol VDD(max) VIN(max) VI(max) Topr Pt(max) Tstg Vopr Ratings 4.1 -0.3 to AVDD +0.3 -0.3 to DVDD +0.3 -10 to +75 400 -55 to +125 2.85 to 3.3 Unit V V V C mW C V
Power supply voltage range (HD49338NP) 2.70 to 3.3 Notes: 1. VDD indicates AVDD and DVDD. 2. AVDD and DVDD must be commonly connected outside the IC. When they are separated by a noise filter, the potential difference must be 0.3 V or less at power on, and 0.1 V or less during operation.
Electrical Characteristics
(Unless othewide specified, Ta = 25C, AVDD = 3.0 V, DVDD = 3.0 V, and RBIAS = 33 k) * Items Common to CDSIN and ADCIN Input Modes
Item Power supply voltage range Conversion frequency Digital input voltage Symbol VDD fCLK low fCLK hi VIH VIL VIH2 VIL2 Digital output voltage Digital input current VOH VOL IIH IIH2 IIL Digital output current ADC resolution ADC integral linearity ADC differential linearity+ ADC differential linearity- Sleep current IOZH IOZL RES INL DNL+ DNL- ISLP Min 2.85 5.5 25 DVDD 2.0 x 3.0 0
DVDD 2.25 x 3.0
Typ 3.00 -- -- -- -- -- -- -- -- -- -- -- -- -- 12 (8) 0.6 -0.6 0
Max 3.30 25 36 DVDD
DVDD 0.8 x 3.0
Unit V MHz MHz V V V V V V A A A A A bit LSBp-p LSB LSB A
Test Conditions LoPwr = low LoPwr = high LoPwr = low
Remarks
Digital input pins other than CS, SCK and SDATA CS, SCK, SDATA
DVDD
DVDD 0.6 x 3.0
0 DVDD -0.5 -- -- -- -50 -- -50 12 -- -- -0.95 -100
-- 0.5 50 250 -- 50 -- 12 -- 0.95 -- 100
IOH = -1 mA IOL = +1 mA VIH = 3.0 V VIH = 3.0 V VIL = 0 V VOH = VDD VOL = 0 V fCLK = 20 MHz fCLK = 20 MHz fCLK = 20 MHz Digital input pin is set to 0 V, output pin is open Digital I/O pin is set to 0 V RL = 2 k, CL = 10 pF See figure 7 *1 *1
Standby current Digital output Hi-Z delay time
ISTBY tHZ tLZ tZH tZL
-- -- -- -- --
3 -- -- -- --
5 100 100 100 100
mA ns ns ns ns
Notes: 1. Differential linearity is the calculated difference in linearity errors between adjacent codes. 2. Values within parentheses ( ) are for reference.
Rev.1.0, Apr 20, 2004, page 17 of 22
HD49338NP/HNP
Electrical Characteristics (cont.)
(Unless othewide specified, Ta = 25C, AVDD = 3.0 V, DVDD = 3.0 V, and RBIAS = 33 k) * Items for CDSIN Input Mode
Item Consumption current (1) Consumption current (2) CCD offset tolerance range Timing specifications (1) Timing specifications (2) Timing specifications (3) Timing specifications (4) Timing specifications (5) Timing specifications (6) Timing specifications (7) Timing specifications (8) Timing specifications (9) Timing specifications (10) Clamp level Symbol IDD1 IDD2 VCCD tCDS1 tCDS2 tCDS3 tCDS4 tCDS5 tCDS6 tCDS7 tCDS8 tCHLD9 tCOD10 CLP(00) CLP(09) CLP(31) PGA gain at CDS input AGC(0) AGC(256) AGC(512) AGC(768) AGC(1023) Min -- -- (-100) -- Typ x 0.8 -- Typ x 0.8 Typ x 0.85 1 11 11 3 -- -- -- -- -4.4 4.1 12.5 21.0 29.4 Typ 57 37 -- (1.5) 1/4fCLK (1.5) 1/4fCLK 1/2fCLK x 0.90 5 -- -- 7 16 (56) (128) (304) -2.4 6.1 14.5 23.0 31.4 Max 68 46 (100) -- Typ x 1.2 -- Typ x 1.2 Typ x 1.00 9 -- -- -- 24 -- -- -- -0.4 8.1 16.5 25.0 33.4 Unit mA mA mV ns ns ns ns ns ns ns ns ns ns LSB LSB LSB dB dB dB dB dB CL = 10 pF See table 8 Test Conditions LoPwr = low fCLK = 36 MHz LoPwr = high fCLK = 250 MHz Remarks
Note : Values within parentheses ( ) are for reference.
* Items for ADCIN Input Mode
Item Consumption current (3) Consumption current (4) Timing specifications (11) Timing specifications (12) Timing specifications (13) Timing specifications (14) Timing specifications (15) Input current at ADC input Clamp level at ADC input Clamp level at YIN input PGA gain at ADC input Symbol IDD3 IDD4 tADC1 tADC2 tADC3 tAHLD4 tAOD5 IINCIN OF2 OF1 GSL(0) GSL(256) GSL(512) GSL(768) GSL(1023) Min -- -- -- Typ x 0.85 Typ x 0.85 -- -- -110 -- -- 0.45 1.36 2.27 3.18 4.08 Typ 39 21 (6) 1/2fADCLK 1/2fADCLK 14.5 23.5 -- (2048) (280) 0.57 1.71 2.86 4.00 5.14 Max 49 26 -- Typ x 1.15 Typ x 1.15 -- 31.5 110 -- -- 0.72 2.16 3.60 5.04 6.47 Unit mA mA ns ns ns ns ns A LSB LSB Times Times Times Times Times VIN = 1.0 V to 2.0 V CL = 10 pF Test Conditions LoPwr = low fCLK = 36 MHz LoPwr = high fCLK = 20 MHz See table 9 Remarks
Note : Values within parentheses ( ) are for reference.
Rev.1.0, Apr 20, 2004, page 18 of 22
HD49338NP/HNP
Operation Sequence at Power On
Must be stable within the operating power supply voltage range VDD SPBLK Start control SPSIG of TG and ADCLK camera DSP etc. OBP 1 ms or more High-speed pulse is the right phase
Prohibition period
OBP is started within this period
OBP is the right phase
2 ms or more HD49338NP/HNP serial data transfer (1) Register 2 setting 2 ms or more RESET bit
0 ms or more (3) Registers 0 (2) Register 2 setting and 1 settings
RESET = "Low" (RESET mode)
RESET = "High" (RESET cancellation)
Automatic offset calibration
(4)Offset calibration (automatically starts after RESET cancellation) Ends after 40000 clock cycles
The following describes the above serial data transfer. For details on registers 0, 1, and 2, refer to table 10. (1) Register 2 setting (2) Register 2 setting : Set all bits in register 2 to the usage condition, and set the RESET bit to low. : Cancel the RESET mode by setting the register 2 RESET bit to high. Do not change other register 2 settings. Offset calibration starts automatically. (3) Register 0 and 1 settings : After the offset calibration is terminated, set registers 0 and 1. (4) Please perform an offset calibration in the period which avoided PBLK of V.
Rev.1.0, Apr 20, 2004, page 19 of 22
HD49338NP/HNP
Notice for Use
1. Careful handling is necessary to prevent damage due to static electricity. 2. This product has been developed for consumer applications, and should not be used in non-consumer applications. 3. As this IC is sensitive to power line noise, the ground impedance should be kept as small as possible. Also, to prevent latchup, a ceramic capacitor of 0.1 F or more and an electrolytic capacitor of 10 F or more should be inserted between the ground and power supply. 4. Common connection of AVDD and DVDD should be made off-chip. If AVDD and DVDD are isolated by a noise filter, the phase difference should be 0.3 V or less at power-on and 0.1 V or less during operation. 5. If a noise filter is necessary, make a common connection after passage through the filter, as shown in the figure below.
Analog +3.0V AVDD AVSS Noise filter DVDD DVSS Digital +3.0V DVDD DVSS Noise filter AVDD AVSS 0.01 F Example of noise filter 100 H 0.01 F
HD49338NP/HNP
HD49338NP/HNP
6. Connect AVSS and DVSS off-chip using a common ground. If there are separate analog system and digital system set grounds, connect to the analog system. 7. When VDD is specified in the data sheet, this indicates AVDD and DVDD. 8. No Connection (NC) pins are not connected inside the IC, but it is recommended that they be connected to power supply or ground pins or left open to prevent crosstalk in adjacent analog pins. 9. To ensure low thermal resistance of the package, a Cu-type lead material is used. As this material is less tolerant of bending than Fe-type lead material, careful handling is necessary. 10. The infrared reflow soldering method should be used to mount the chip. Note that general heating methods such as solder dipping cannot be used. 11. Serial communication should not be performed during the effective video period, since this will result in degraded picture quality. Also, use of dedicated ports is recommended for the SCK and SDATA signals used in the HD49330AF. If ports are to be shared with another IC, picture quality should first be thoroughly checked. 12. At power-on, automatic adjustment of the offset voltage generated from PGA, ADC, etc., must be implemented in accordance with the power-on operating sequence (see page 19).
Rev.1.0, Apr 20, 2004, page 20 of 22
HD49338NP/HNP
Example of Recommended External Circuit
* At CDS Input R10 R11 R12 R13 R14 C13 0.1 C12 C11 0.1 0.1 C10 0.1 24 23 22 21 20 19 18 17 16 15 14 13 25 AVSS 26 AVSS 100 100 100 100 100 from Timing generator
DVDD (NC) SPSIG SPBLK OBP PBLK DVDD DVDD ADCLK DVSS DVSS DRDVDD
from CCD out C14 0.1 C1 2 1 C3* 1 C4*1 R15 33 k C15 0.1
27 AVDD 28 BLKSH 29 BLKFB 30 CDSIN 31 BLKC 32 BIAS 33 AVDD 34 Y IN HD49338NP/HNP (CDS/PGA+ADC)
VRM VRT VRB DVDD DVSS OEB DVDD DVDD DVSS CS SDATA SCK
35 AVSS 36 ADCIN
D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
12 11 10 9 8 7 6 5 4 3 2 1 L2 47 to Camera signal processor
37 38 39 40 41 42 43 44 45 46 47 48 C16 47/6 L1 47 3.0 V Notes: 1. For C4, see table 5. 2. For C3, see page 8 "DC Offset Compensation Feedback Function". * At ADC/Yin Input C13 0.1 C12 C11 0.1 0.1 C17 C18 C19 C20 0.1 0.1 0.1 0.1 C21 C22 0.1 0.1 C21 47/6
GND Serial data input
from Timing generator
24 23 22 21 20 19 18 17 16 15 14 13 25 AVSS C14 0.1
DVDD (NC) SPSIG SPBLK OBP PBLK DVDD DVDD ADCLK DVSS DVSS DRDVDD
26 AVSS 27 AVDD 28 BLKSH 29 BLKFB 30 CDSIN 31 BLKC HD49338NP/HNP (CDS/PGA+ADC)
R15 33 k C15 0.1 with Y input C23 0.47
32 BIAS 33 AVDD 34 Y IN 35 AVSS
C2 2.2/16
VRM VRT VRB DVDD DVSS OEB DVDD DVDD DVSS CS SDATA SCK
with ADC input
36 ADCIN
D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
12 11 10 9 8 7 6 5 4 3 2 1 L2 47 to Camera signal processor
+ -
37 38 39 40 41 42 43 44 45 46 47 48 C16 47/6 L1 47 3.0 V Note: External circuit is same as above except for ADC/Y input. C17 C18 C19 C20 0.1 0.1 0.1 0.1 C21 C22 0.1 0.1 C21 47/6
GND Serial data input Unit: R: C: F
Rev.1.0, Apr 20, 2004, page 21 of 22
HD49338NP/HNP
Package Dimensions
Unit: mm
7.0 0.10 6.8 36 37
7.0 0.10 6.8
(4.40) 25 24
(4.40)
Index
48 1 0.50
13
0.20 0.04
12 0.2 0.06
0.05 M
0.80 max
0.05
0.40 0.1
Package Code JEDEC JEITA Mass (reference value) TNP-48TV -- -- 0.1 g
Rev.1.0, Apr 20, 2004, page 22 of 22
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .1.0


▲Up To Search▲   

 
Price & Availability of HD49338HNP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X