Part Number Hot Search : 
AN4474 GP12340 BF195 SC2642 1N529 M5259 123ML FT5754
Product Description
Full Text Search
 

To Download GMBAV70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
Guilin Strong Micro-Electronics Co.,Ltd.
GMBAV70 (BAV70) SWITCHING DIODE (BAV70) FEATURES
Characteristic Power dissipation Forward Current Reverse Voltage Junction and Storage Temperature DEVICE DEVICE =A BAV70=A4 BAV70=A4 ELECTRICAL ELECTRICAL Characteristic Reverse Breakdown Voltage (IR=100uA) Reverse Leakage Current (VR=70V) Forward Voltage(Test Condition) IF=1mA IF=10mA IF=50mA IF=150mA Diode Capacitance (VR=0V, f=1MHz) Reverse Recovery Time SOT-23 MARKING
Symbol PD(Ta=25) IF VR TJ,Tstg
Max 225 200 70
Unit mW mA V
-55to+150
CHARACTERISTICS Symbol V(BR) IR Min 70 -- Max -- 1 Unit V uA
) (TA=25 25 unless otherwise noted 25)
VF -- CD
Trr
715 855 1000 1250 1.5 6
mV
-- --
pF nS

Guilin Strong Micro-Electronics Co.,Ltd.
GMBAV70
DIMENSION DIMENSION


▲Up To Search▲   

 
Price & Availability of GMBAV70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X