Part Number Hot Search : 
74AUP1 5742EUB LTC6255 MC34063C 9248DF 03203 C829K 2SK158
Product Description
Full Text Search
 

To Download G78L05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Pb Free Plating Product
CORPORATION
G78LXX
Description POSITIVE VOLTAGE REGULATOR
ISSUED DATE :2006/07/17 REVISED DATE :
The G78LXX series of positive regulators are available in the TO-92 package and with 5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V and 24V fixed output voltages, making it useful in a wide range of applications. These regulators can provide local on-card regulation, eliminating the distribution problems associated with single point regulation. Each type employs internal current limiting, thermal shut-down and safe operating area protection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 100mA output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltages and currents. G78LXX is characterized for operation from 0 : to +125 : .
Features & Internal Short-Circuit Current Limiting
&Internal Thermal Overload Protection &No External Components Required
Package Dimensions
D
TO-92
E S1
A
b1 SEATING PLANE
REF. A S1 b b1 C
e1 e
b
C
Millimeter Min. Max. 4.45 4.7 1.02 0.36 0.51 0.36 0.76 0.36 0.51
REF. D E L e1 e
Millimeter Min. Max. 4.44 4.7 3.30 3.81 12.70 1.15 1.39 2.42 2.66
Absolute Maximum Ratings
Parameter Input voltage G78L05 ~ 10 G78L12 ~ 18 G78L24 Ratings 30 35 40 100 0 ~ 125 -55 ~ 150 625* Unit V V V mA : : mW
Output current Operating junction temperature range Storage temperature range Power Dissipation *When tested in free air condition, without heat sinking.
L
G78LXX
Page: 1/6
CORPORATION
Electrical Characteristics
G78L05 (Refer to the test circuits, Tj=0~125 :
Symbol VO A-Rank (3%) B-Rank (5%) Min. 4.85 4.75 47 Typ. 5.0 18 10 20 5 3.0 40 62 1.7 -0.65 Max. 5.15 5.25 75 54 60 30 5.0 0.1 1.0 Unit V mV mV mA mA V dB V mV/ :
ISSUED DATE :2006/07/17 REVISED DATE :
, Io=40mA, Vin=10V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Test Conditions Vin=10V, Io=40mA, Tj=25 : 7V Vin 20V, 1mA Io 40mA 7V Vin Vmax, 1mA Io 70mA (Note2) 7V 8V Vin Vin 20V, Io=40mA, Tj=25 : 20V, Io=40mA, Tj=25 : Io Io Io 100mA, Tj=25 : 40mA, Tj=25 : 40mA
VO (Line Regulation) VO (Load Regulation) IQ IQ Vn RR VD Vo / Tj
Vin=10V, 1mA Vin=10V, 1mA Vin=10V, 1mA 8V 8V Vin f Vin 10Hz
Vin=10V, Io=0mA, Tj=25 : 20V, Io=40mA 100KHz 20V, Io=40mA, f=120Hz, Tj=25 : Tj 125 :
Io=100mA, Tj=25 : Io=5mA, 0 :
G78L06 (Refer to the test circuits, Tj=0~125 :
Symbol VO A-Rank (3%) B-Rank (5%) Min. 5.82 5.70 40 -
, Io=40mA, Vin=12V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Typ. 6.0 64 54 12.8 5.8 3.9 49 46 1.7 0.75
Max. 6.18 6.30 175 125 80 40 6.0 0.1 1.5 -
Unit V mV mV mA mA V dB V mV/ :
Test Conditions Vin=12V, Io=40mA, Tj=25 : 8.5V Vin 20V, 1mA Io 40mA 8.5V Vin Vmax, 1mA Io 70mA (Note2) 8.5V 9V Vin Vin 20V, Io=40mA, Tj=25 : 20V, Io=40mA, Tj=25 : Io Io Io 100mA, Tj=25 : 70mA, Tj=25 : 40mA
VO (Line Regulation) VO (Load Regulation) IQ IQ Vn RR VD Vo / Tj
Vin=12V, 1mA Vin=12V, 1mA Vin=12V, 1mA 9V 10V Vin f Vin 10Hz
Vin=12V, Io=0mA, Tj=25 : 20V, Io=40mA 100KHz 20V, Io=40mA, f=120Hz, Tj=25 : Tj 125 :
Io=100mA, Tj=25 : Io=5mA, 0 :
G78L08 (Refer to the test circuits, Tj=0~125 :
Symbol VO A-Rank (3%) B-Rank (5%) Min. 7.76 7.60 39 -
, Io=40mA, Vin=14V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Typ. 8.0 10 8 15 8 2.0 49 45 1.7 0.75
Max. 8.24 8.40 175 125 80 40 5.5 0.1 1.5 -
Unit V mV mV mA mA V dB V mV/ :
Test Conditions Vin=14V, Io=40mA, Tj=25 : 10.5V Vin 23V, 1mA Io 40mA 10.5V Vin Vmax, 1mA Io 70mA (Note2) 10.5V 11V Vin Vin 23V, Io=40mA, Tj=25 : 23V, Io=40mA, Tj=25 : Io Io Io 100mA, Tj=25 : 70mA, Tj=25 : 40mA
VO (Line Regulation) VO (Load Regulation) IQ IQ Vn RR VD Vo / Tj
Vin=14V, 1mA Vin=14V, 1mA Vin=14V, 1mA 11V 10Hz 11V Vin f Vin
Vin=14V, Io=0mA, Tj=25 : 23V, Io=40mA 100KHz 21V, Io=40mA, f=120Hz, Tj=25 : Tj 125 :
Io=100mA, Tj=25 : Io=5mA, 0 :
G78LXX
Page: 2/6
CORPORATION
G78L09 (Refer to the test circuits, Tj=0~125 :
Symbol VO A-Rank (3%) B-Rank (5%) Min. 8.73 8.55 38 Typ. 9.0 90 100 20 10 2.0 49 44 1.7 0.75 Max. 9.27 9.45 200 150 90 45 6.0 0.1 1.5 Unit V mV mV mA mA V dB V mV/ :
ISSUED DATE :2006/07/17 REVISED DATE :
, Io=40mA, Vin=15V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Test Conditions Vin=15V, Io=40mA, Tj=25 : 11.5V Vin 24V, 1mA Io 40mA 11.5V Vin Vmax, 1mA Io 70mA (Note2) 11.5V 13V Vin Vin 24V, Io=40mA, Tj=25 : 24V, Io=40mA, Tj=25 : Io Io Io 100mA, Tj=25 : 40mA, Tj=25 : 40mA
VO (Line Regulation) VO (Load Regulation) IQ IQ Vn RR VD Vo / Tj
Vin=15V, 1mA Vin=15V, 1mA Vin=15V, 1mA 13V 10Hz 12V Vin f Vin
Vin=15V, Io=0mA, Tj=25 : 24V, Io=40mA 100KHz 23V, Io=40mA, f=120Hz, Tj=25 : Tj 125 :
Io=100mA, Tj=25 : Io=5mA, 0 :
G78L10 (Refer to the test circuits, Tj=0~125 :
Symbol VO A-Rank (3%) B-Rank (5%) Min. 9.70 9.50 37 -
, Io=40mA, Vin=17V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Typ. 10.0 51 42 20 11 4.2 62 44 1.7
Max. 10.30 10.50 175 125 90 40 6.0 0.1 1.5 -
Unit V mV mV mA mA V dB V
Test Conditions Vin=17V, Io=40mA, Tj=25 : 13V Vin 25V, 1mA Io 40mA 13V Vin Vmax, 1mA Io 70mA (Note2) 13V 14V Vin Vin 25V, Io=40mA, Tj=25 : 25V, Io=40mA, Tj=25 : Io Io Io 100mA, Tj=25 : 40mA, Tj=25 : 40mA
VO (Line Regulation) VO (Load Regulation) IQ IQ Vn RR VD
Vin=17V, 1mA Vin=17V, 1mA Vin=17V, 1mA 14V 10Hz 15V Vin f Vin
Vin=17V, Io=0mA, Tj=25 : 25V, Io=40mA 100KHz 25V, Io=40mA, f=120Hz, Tj=25 :
Io=100mA, Tj=25 :
G78L12 (Refer to the test circuits, Tj=0~125 :
Symbol VO A-Rank (3%) B-Rank (5%) Min. 11.64 11.40 37 -
, Io=40mA, Vin=19V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Typ. 12.0 25 20 25 12 2.0 80 65 1.7 -1.0
Max. 12.36 12.60 300 250 150 75 6.0 0.1 1.5 -
Unit V mV mV mA mA V dB V mV/ :
Test Conditions Vin=19V, Io=40mA, Tj=25 : 14.5V Vin 27V, 1mA Io 40mA 14.5V Vin Vmax, 1mA Io 70mA (Note2) 14.5V 16V Vin Vin 27V, Io=40mA, Tj=25 : 27V, Io=40mA, Tj=25 : Io Io Io 100mA, Tj=25 : 40mA, Tj=25 : 40mA
VO (Line Regulation) VO (Load Regulation) IQ IQ Vn RR VD Vo / Tj
Vin=19V, 1mA Vin=19V, 1mA Vin=19V, 1mA 16V 10Hz 15V Vin f Vin
Vin=19V, Io=0mA, Tj=25 : 27V, Io=40mA 100KHz 25V, Io=40mA, f=120Hz, Tj=25 : 125 :
Io=100mA, Tj=25 : Io=5mA, 0 : Tj
G78LXX
Page: 3/6
CORPORATION
G78L15 (Refer to the test circuits, Tj=0~125 :
Symbol VO A-Rank (3%) B-Rank (5%) Min. 14.55 14.25 34 Typ. 15.0 25 15 20 25 2.2 90 63 1.7 -1.3 Max. 15.45 15.75 150 75 150 150 6.5 0.1 1.5 Unit V mV mV mA mA V dB V mV/ :
ISSUED DATE :2006/07/17 REVISED DATE :
, Io=40mA, Vin=23V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Test Conditions Vin=23V, Io=40mA, Tj=25 : 17.5V Vin 30V, 1mA Io 40mA 17.5V Vin Vmax, 1mA Io 70mA (Note2) 17.5V 20V Vin Vin 30V, Io=40mA, Tj=25 : 30V, Io=40mA, Tj=25 : Io Io Io 100mA, Tj=25 : 70mA, Tj=25 : 40mA
VO (Line Regulation) VO (Load Regulation) IQ IQ Vn RR VD Vo / Tj
Vin=23V, 1mA Vin=23V, 1mA Vin=23V, 1mA 20V 10Hz 18.5V Vin f Vin
Vin=23V, Io=0mA, Tj=25 : 30V, Io=40mA 100KHz 28.5V, Io=40mA, f=120Hz, Tj=25 : Tj 125 :
Io=100mA, Tj=25 : Io=5mA, 0 :
G78L18 (Refer to the test circuits, Tj=0~125 :
Symbol VO A-Rank (3%) B-Rank (5%) Min. 17.46 17.10 34 -
, Io=40mA, Vin=27V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Typ. 18.0 145 135 30 15 2.0 150 48 1.7 -1.8
Max. 18.54 18.9 300 250 170 85 6.0 0.1 1.5 -
Unit V mV mV mA mA V dB V mV/ :
Test Conditions Vin=27V, Io=40mA, Tj=25 : 21V Vin 33V, 1mA Io 40mA 21V Vin Vmax, 1mA Io 70mA (Note2) 21V 22V Vin Vin 33V, Io=40mA, Tj=25 : 33V, Io=40mA, Tj=25 : Io Io Io 100mA, Tj=25 : 40mA, Tj=25 : 40mA
VO (Line Regulation) VO (Load Regulation) IQ IQ Vn RR VD Vo / Tj
Vin=27V, 1mA Vin=27V, 1mA Vin=27V, 1mA 21V 10Hz 23V Vin f Vin
Vin=27V, Io=0mA, Tj=25 : 33V, Io=40mA 100KHz 33V, Io=40mA, f=120Hz, Tj=25 : Tj 125 :
Io=100mA, Tj=25 : Io=5mA, 0 :
G78L24 (Refer to the test circuits, Tj=0~125 :
Symbol VO A-Rank (3%) B-Rank (5%) Min. 23.28 22.80 34 -
, Io=40mA, Vin=33V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Typ. 24.0 160 150 40 20 2.2 200 45 1.7
Max. 24.72 25.20 300 250 200 100 6.0 0.1 1.5 -
Unit V mV mV mA mA V dB V
Test Conditions Vin=33V, Io=40mA ,Tj=25 : 27V Vin 38V, 1mA Io 40mA 27V Vin Vmax, 1mA Io 70mA (Note2) 27V 28V Vin Vin 38V, Io=40mA, Tj=25 : 38V, Io=40mA, Tj=25 : Io Io Io 100mA, Tj=25 : 40mA, Tj=25 : 40mA
VO (Line Regulation) VO (Load Regulation) IQ IQ Vn RR VD
Vin=33V, 1mA Vin=33V, 1mA Vin=33V, 1mA 27V 10Hz 27V Vin f Vin
Vin=33V, Io=0mA, Tj=25 : 38V, Io=40mA 100KHz 38V, Io=40mA, f=120Hz, Tj=25 :
Io=100mA, Tj=25 :
Tj 125 : Io=5mA, 0 : Vo / Tj -2.0 mV/ : Note1: The Maximum steady state usable output current is dependent on input voltage, heat sinking, lead length of the package and copper of PCB .The data above represent pulse test conditions with junction temperatures specified at the initiation of test. Note2: Power dissipation<0.625W
G78LXX
Page: 4/6
CORPORATION
Typical Application
ISSUED DATE :2006/07/17 REVISED DATE :
Characteristics Curve
G78LXX
Page: 5/6
CORPORATION
ISSUED DATE :2006/07/17 REVISED DATE :
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
G78LXX
Page: 6/6


▲Up To Search▲   

 
Price & Availability of G78L05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X