Part Number Hot Search : 
TS358 INTER SED1566 ST12LP ST12LP AC03D X9C503DM A3064
Product Description
Full Text Search
 

To Download FDU8580 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDD8580/FDU8580 N-Channel PowerTrench(R) MOSFET
July 2006
FDD8580/FDU8580 N-Channel PowerTrench(R) MOSFET
20V, 35A, 9m Features General Description
Max rDS(on) = 9m at VGS = 10V, ID = 35A Max rDS(on) =13m at VGS = 4.5V, ID = 33A Low gate charge: Qg(TOT) = 19nC(Typ), VGS = 10V Low gate resistance 100% Avalanche tested RoHS compliant
tm
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low rDS(on) and fast switching speed.
Application
Vcore DC-DC for Desktop Computers and Servers VRM for Intermediate Bus Architecture
D
G GDS I-PAK (TO-251AA) S
MOSFET Maximum Ratings TC = 25C unless otherwise noted
Symbol VDS VGS ID EAS PD TJ, TSTG Parameter Drain to Source Voltage Gate to Source Voltage Drain Current -Continuous (Package Limited) -Continuous (Die Limited) -Pulsed Single Pulse Avalanche Energy Power Dissipation Operating and Storage Temperature (Note 1) (Note 2) Ratings 20 20 35 58 159 66 49.5 -55 to 175 mJ W C A Units V V
Thermal Characteristics
RJC RJA RJA Thermal Resistance, Junction to Case TO-252,TO-251 Thermal Resistance, Junction to Ambient TO-252,TO-251 Thermal Resistance, Junction to Ambient TO-252,1in2 copper pad area 3.03 100 52 C/W C/W C/W
Package Marking and Ordering Information
Device Marking FDD8580 FDU8580 Device FDD8580 FDU8580 Package TO-252AA TO-251AA Reel Size 13'' N/A(Tube) Tape Width 12mm N/A Quantity 2500 units 75 units
(c)2006 Fairchild Semiconductor Corporation FDD8580/FDU8580 Rev. A
1
www.fairchildsemi.com
FDD8580/FDU8580 N-Channel PowerTrench(R) MOSFET
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = 250A, VGS = 0V ID = 250A, referenced to 25C VDS = 16V, VGS = 0V VGS = 20V TJ = 150C 20 17.3 1 250 100 V mV/C A nA
On Characteristics
VGS(th) VGS(th) TJ rDS(on) gFS Gate to Source Threshold Voltage Gate to Source Threshold Voltage Temperature Coefficient VGS = VDS, ID = 250A ID = 250A, referenced to 25C VGS = 10V, ID = 35A Drain to Source On Resistance VGS = 4.5V, ID = 33A VGS = 10V, ID = 35A TJ = 175C VDS = 5V,ID = 35A 1.2 1.8 -6.3 6.6 9.3 10.6 61 9.0 13.0 14.5 S m 2.5 V mV/C
Forward Transcondductance
Dynamic Characteristics
Ciss Coss Crss Rg Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance VDS = 10V, VGS = 0V, f = 1MHz f = 1MHz 1085 340 205 1.3 1445 450 310 pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg(TOT) Qg(5) Qgs Qgd Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge at 10V Total Gate Charge at 5V Gate to Source Gate Charge Gate to Drain "Miller"Charge VGS = 0V to 10V VGS = 0V to 5V VDD = 10V ID = 35A Ig = 1.0mA VDD = 10V, ID = 35A VGS = 10V, RGS = 27 7 11 59 34 19 10 3.5 3.9 14 20 94 54 27 14 ns ns ns ns nC nC nC nC
Drain-Source Diode Characteristics
VSD trr Qrr Source to Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = 35A VGS = 0V, IS = 15A IF = 35A, di/dt = 100A/s IF = 35A, di/dt = 100A/s 0.95 0.85 26 19 1.25 1.2 39 29 V ns nC
Notes: 1: Pulse time < 300s, Duty cycle = 2%. 2: Starting TJ = 25oC, L = 0.3mH, IAS = 21A ,VDD = 18V, VGS = 10V.
FDD8580/FDU8580 Rev. A
2
www.fairchildsemi.com
FDD8580/FDU8580 N-Channel PowerTrench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
120
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE VGS = 10V
4.0
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX
100
ID, DRAIN CURRENT (A)
3.5 3.0 2.5 2.0 1.5 1.0 0.5
VGS = 3.5V
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX VGS = 4.0V VGS = 4.5V
80 60 40 20 0
VGS = 4.5V
VGS = 4.0V
VGS = 3.5V
VGS = 10V
0
1
2
3
4
0
20
VDS, DRAIN TO SOURCE VOLTAGE (V)
40 60 80 ID, DRAIN CURRENT(A)
100
120
Figure 1. On Region Characteristics
Figure 2. Normalized On-Resistance vs Drain Current and Gate Voltage
25
rDS(on), DRAIN TO SOURCE ON-RESISTANCE (m)
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
1.8 1.6 1.4 1.2 1.0 0.8 0.6 -80
ID = 35A VGS = 10V
ID = 35A
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX
20
15
TJ = 175oC
10
TJ = 25oC
-40 0 40 80 120 160 TJ, JUNCTION TEMPERATURE (oC)
200
5
2
4 6 8 VGS, GATE TO SOURCE VOLTAGE (V)
10
Figure 3. Normalized On Resistance vs Junction Temperature
120
IS, REVERSE DRAIN CURRENT (A)
Figure 4. On-Resistance vs Gate to Source Voltage
200 100
VGS = 0V
ID, DRAIN CURRENT (A)
100 80 60 40 20 0
PULSE DURATION = 80s DUTY CYCLE = 0.5%MAX
VDD = 5V
10 1 0.1 0.01 1E-3 0.0
TJ = 175oC TJ = 25oC
TJ = 175oC TJ = 25oC TJ = - 55oC
TJ = -55oC
1
3 4 5 VGS, GATE TO SOURCE VOLTAGE (V)
2
6
0.2 0.4 0.6 0.8 1.0 1.2 1.4 VSD, BODY DIODE FORWARD VOLTAGE (V)
1.6
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode Forward Voltage vs Source Current
3 www.fairchildsemi.com
FDD8580/FDU8580 Rev. A
FDD8580/FDU8580 N-Channel PowerTrench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
VGS, GATE TO SOURCE VOLTAGE(V)
10 8
CAPACITANCE (pF)
3000
Ciss
VDD = 7V VDD = 10V
f = 1MHz VGS = 0V
6 4 2 0
1000
Coss
VDD = 13V
Crss
0
5 10 15 Qg, GATE CHARGE(nC)
20
100 0.1
1 10 VDS, DRAIN TO SOURCE VOLTAGE (V)
20
Figure 7. Gate Charge Characteristics
100
IAS, AVALANCHE CURRENT(A)
Figure 8. Capacitance vs Drain to Source Voltage
60
ID, DRAIN CURRENT (A)
50 40 30
CURRENT LIMITED BY PACKAGE
VGS = 10V
10
TJ = 25oC
VGS = 4.5V
TJ
= 125oC
20 10
RJC = 3.03 C/W
o
TJ = 150oC
1 0.01
0.1 1 10 100 tAV, TIME IN AVALANCHE(ms)
1000
0 25
50
75 100 125 150 TC, CASE TEMPERATURE(oC)
175
Figure 9. Unclamped Inductive Switching Capability
500 100 ID, DRAIN CURRENT (A)
10us
Figure 10. Maximum Continuous Drain Current vs Case Temperature
P(PK), PEAK TRANSIENT POWER (W)
10000
VGS = 10V
TC = 25oC FOR TEMPERATURES ABOVE 25oC DERATE PEAK CURRENT AS FOLLOWS: I = I25 175 - T C ---------------------150
100us
1000
10
LIMITED BY PACKAGE
1ms 10ms
SINGLE PULSE TJ = MAX RATED TC = 25OC
100
1
OPERATION IN THIS AREA MAY BE LIMITED BY rDS(on)
DC
SINGLE PULSE
0.1 1
10 VDS, DRAIN-SOURCE VOLTAGE (V)
40
10 -5 10
10
-4
10 10 10 t, PULSE WIDTH (s)
-3
-2
-1
10
0
10
1
Figure 11. Forward Bias Safe Operating Area
Figure 12. Single Pulse Maximum Power Dissipation
FDD8580/FDU8580 Rev. A
4
www.fairchildsemi.com
FDD8580/FDU8580 N-Channel PowerTrench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
2
DUTY CYCLE-DESCENDING ORDER D = 0.5 0.2 0.1 0.05 0.02 0.01
1
NORMALIZED THERMAL IMPEDANCE, ZJC
0.1
PDM
t1 t2
0.01
SINGLE PULSE
NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC x RJC + TC
0.005 -5 10
10
-4
10
-3
10
-2
10
-1
10
0
10
1
t, RECTANGULAR PULSE DURATION (s)
Figure 13. Transient Thermal Response Curve
FDD8580/FDU8580 Rev. A
5
www.fairchildsemi.com
FDD8580/FDU8580 N-Channel PowerTrench(R) MOSFET
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. FACT Quiet SeriesTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FAST(R) FASTrTM FPSTM FRFETTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyBoostTM TinyBuckTM TinyPWMTM TinyPowerTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UniFETTM UltraFET(R) VCXTM WireTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Datasheet Identification Advance Information
Product Status Formative or In Design First Production
Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I20
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
FDD8580/FDU8580 Rev. A
6
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDU8580

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X