Part Number Hot Search : 
SHIELD BX3032 BA5417 15881 574MT BAS125 Y14B2 SW260
Product Description
Full Text Search
 

To Download DL-5345-C330-VXS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
1270 nm ~ 1610 nm DFB LD MODULES
2.5 Gbps CWDM MQW-DFB LD PIGTAIL FEATURES
18-wavelength CWDM: from 1270 nm to 1610 nm, each Step 20 nm Pf >= 3mW @Ith+20 mA High reliability, long operation life 0 C ~+70 C operation Speed up to 2.5 Gbps Single frequency operation with high SMSR Build-in InGaAs monitor
DL-5340S-CXX0
********************************************************************************************************************************************************
*******************************************************************************************************************************************************
APPLICATION
OC-3, OC-12, OC-48 and Gigabit CWDM Optical communication system
DESCRIPTION
DL-5300S-CXX0 series are MQW-DFB laser diodes that provide a durable, single frequency oscillation with emission wavelength from 1270 nm to 1610 nm CWDM, each step 20nm. ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 C)
Symbol Ith IOP VOP Pf c SMSR t r, t
f
Parameter Threshold Current Operating Current Operating Voltage Optical Output Power Center Wavelength Side Mode Suppression Ratio Rise And Fall Times CW
Test Conditions
Min.
Typ. 10 35 1.2
Max. 20 50 1.5 +2
Unit mA mA V mW nm dB
CW, Ith+20mA CW, Ith+20mA CW, IF= Ith+20mA CW, Ith+20mA CW, Ith+20mA IF=Ith, Ith+20mA,20~ 80% APC, 0~+70 C CW, Ith+20mA,VRD=1V VRD=5V VRD=5V, f=1MHz 50 3.0 -3 30
35
150 1.5
ps dB A
Pf / P f Tracking Error Im ID Ct PD Monitor Current PD Dark Current PD Capacitance
10 10 15
nA pF
Note: Central CWDM wavelength is from 1270 nm to 1610 nm, each step 20 nm. ABSOLUTE MAXIMUM RATINGS (TC=25 C)
Symbol Po VRL VRD IFD Topr Tstg Parameter Optical Output Power LD Reverse Voltage PD Reverse Voltage PD Forward Current Operating Temperature Storage Temperature Ratings 4 2 10 1.0 0~+70 -40~+85 Unit mW V V mA C C
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2003 V1.1
Optoway
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
DL-5340S-CXX0
********************************************************************************************************************************************************
Note: Specifications subject to change without notice.
ORDER INFORMATION
Part No.: D L - 5 3 4 - C Code 0 5 8 Code Blank S PIN Assignment Type A Type B Type C Speed 1.25 Gbps 2.5 Gbps 0 -
Code Blank S Code S F T L X SA FA TA LA Code V H X Isolator No Single-Stage Connector SC/PC FC/PC ST/PC LC/PC No connector SC/APC FC/APC ST/APC LC/APC Flange Vertical Horizontal No Flange
Code Wavelength 27 29 31 33 35 37
39 41 43 45
1270 nm 1290 nm 1310 nm 1330 nm 1350 nm 1370 nm
1390 nm 1410 nm 1430 nm 1450 nm
47 49 51 53 55 57
59 61
1470 nm 1490 nm 1510 nm 1530 nm 1550 nm 1570 nm
1590 nm 1610 nm
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2003 V1.1


▲Up To Search▲   

 
Price & Availability of DL-5345-C330-VXS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X