Part Number Hot Search : 
MMSZ11T3 HCM49 25201 04200 BUH50AK APA4800 IK6208 NTE583
Product Description
Full Text Search
 

To Download BA7024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Video ICs
Video signal switcher with test pattern generator
BA7024
The BA7024 is a switching IC with built-in test-signal generator developed for use in VCRs. A frequency divider is used to divide a 500kHz reference signal and produce the horizontal synchronization signal and white signal. The test pattern image is two white lines on black background.
*Applications recorders Video cassette *Features circuit and video signal switch on one chip. 1) TSG generator
2) Supports 5V sets. 3) Small 7-pin SIP package.
*Block diagram
LOGIC TSG OSC BA7024 VIDEO AMP SW VCC
1 VCC
2 OSC
3
4 GND
5 VIDEO OUT
6 TSG SW
7 VIDEO IN
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Power dissipation Operating temperature Storage temperature Symbol VCC Pd Topr Tstg Limits 8.0 400 - 25 ~ + 60 - 55 ~ + 125 Unit V mW C C
Reduced by 4.0mW for each increase in Ta of 1C over 25C.
1
Video ICs
BA7024
*Recommended operating conditions (Ta = 25C)
Parameter Power supply voltage Symbol VCC Min. 4.5 Typ. 5.0 Max. 6.0 Unit V
*Electrical characteristics (unless otherwise noted, Ta = 25C and VCC = 5V)
Parameter Supply current Video amplifier Voltage gain Frequency characteristic Crosstalk TSG V / S ratio Peak level V/S VTSG 7/3 0.84 6.5 / 3.5 0.92 6/4 1.04 -- V Eb = 3V Eb = 3V GV F CT - 0.5 - 0.5 - 40 0 0 - 55 0.5 0.5 -- dB dB dB f = 1MHz, VIN = 2VP-P f = 1 ~ 5MHz TSG mode, V block oscillation stopped, Eb = 3V Symbol ICC Min. -- Typ. 7.5 Max. 11.5 Unit mA Conditions Eb = 3V, TSG operating
*Measurement circuit
LOGIC TSG OSC VCC BA7024 VIDEO AMP SW
*Application example
LOGIC TSG VIDEO AMP OSC VCC BA7024 SW
1 A VCC 0.01 F
2 100F 2700 pF
3 330pF ( V/
4 VO
5
6 1F 10k RL
+
+
E6 75
7 1F VIN 0.01F T.P.G
1
2 100F CSB 500 E23
3 330pF 2700 pF
4 1F
5
6
7 10k
+
+
1 VOUT S6
+
VIN
+
1F
10k R: 1k)
2
CERALOCK: CSB500E23 (MURATA)
E6: H: TSG ON L: TSG OFF
CERALOCK: CSB500E23 (MURATA) S6 1: TSG ON 2: TSG OFF
Fig.1
Fig.2
2
Video ICs
BA7024
*External dimensions (Units: mm)
16.8 0.2 4.9 0.2
2.8 0.2
9.6 0.5
1.2 1
7 2.54 0.6 0.8 1.3 0.3 0.1
3.5 0.5
SIP7
3


▲Up To Search▲   

 
Price & Availability of BA7024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X