Part Number Hot Search : 
SB250 IL3842N 1N4454 PMD17K60 Z89304 SD01127 TC170 B1A0A
Product Description
Full Text Search
 

To Download 81600B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent 81600B Tunable Laser Source Family
Technical Specifications
August 2007
www..com
The Agilent 81600B Tunable Laser Source Family offers the full wavelength range from 1260 nm to 1640 nm with the minimum number of lasers and no wavelength gaps. This provides test instrumentation with maximum flexibility. Investing in the Agilent 81600B Tunable Laser Source Family can realize the cost efficiency and performance required to test components for coarse and dense wavelength division multiplexing (CWDM, DWDM) and passive optical networks (PON).
Agilent 81600B Tunable Laser Source Family
The Agilent 81600B Tunable Laser Source Family consists of seven modules that fit into the bottom slot of the Agilent 8164B Lightwave Solution Mainframe.
Realize the cost efficiency and performance benefits in WDM component tests
Low SSE output port for high dynamic range
The 81600B option 201 All-band Tunable Laser Source is the flagship model, featuring the widest tuning range of 185 nm with a single laser and a 70 dB/nm signal-to-source spontaneous emission ratio (signalto-SSE ratio). The excellent low-SSE performance typically allows crosstalk measurements of better than 70 dB for an 8 channel CWDM multiplexer. The 81600B option 160, 150, 140 and the new 81600B option 130 Tunable Laser Sources offer other wavelength ranges and are equipped with two optical outputs, like the option 201. By selecting the port, high power or lowSSE can be obtained. The 81600B option 142 and 132 Tunable Laser Sources have a single high power output port.
The testing of optical filters is based on a generic principle, namely the stimulus-response test. The state-ofthe-art approach is a wavelengthresolved stimulus-response measurement utilizing a tunable laser source that is capable of fast and precise sweeps across the entire wavelength range, and optical power meters. For DWDM components, high wavelength accuracy and dynamic range are critical. For CWDM and PON components, a wide wavelength range, dynamic range and tight costing are key targets. If the investment in the test solution can be shared among many different type of filters, the contribution to each individual filter is minimized. In this way, cost targets for CWDM and PON components can be met without sacrificing accuracy. Investing in the Agilent 81600B Tunable Laser Source Family can realize both the cost efficiency and performance benefits required.
The low-SSE output port of the dualoutput models delivers a signal with ultra-low source spontaneous emission. It enables accurate crosstalk measurement of DWDM, CWDM and PON wavelength filtering components by producing light only at the desired wavelength. The second output port provides high optical power, adjustable over a power range of more than 60 dB via a built-in optical attenuator.
High Power output for multipurpose component tests
The Agilent 81600B options 142 and 132 provide one output port with high stimulus power for applications where the SSE level is not critical. The 81600B option 142 can also be equipped with a built-in optical attenuator, so providing an adjustable power range of 60 dB.
Built-in wavelength meter for optimum tuning precision
Full wavelength range from 1260 nm to 1640 nm with the minimum number of lasers
The Agilent 81600B Tunable Laser Source Family offers the full wavelength range from 1260 nm to 1640 nm with the minimum number of lasers and no wavelength gaps. This provides test instrumentation with the maximum flexibility.
Specified performance in the continuous sweep mode
As manufacturing yield expectations becomes more and more stringent, it is important that all instruments deliver optimum performance under all measurement conditions. The Agilent 81600B Tunable Laser Source Family can sweep as fast as 80 nm/s with specified accuracy during the sweep.
The Agilent 81600B Tunable Laser Source Family includes a built-in real time wavelength meter which realizes an absolute wavelength accuracy of 10 pm (typ. 3.6 pm) as a standalone instrument.
Polarization Maintaining Fiber for the test of integrated optical devices
New O-band model available
range from 1260 nm to 1375 nm, providing high power and low SSE outputs.
Laser Source covers the wavelength www..com
The new 81600B option 130 Tunable
The 81600B Tunable Laser Source Family is ideal for characterizing integrated optical devices. Its PMF output ports provide a well-defined state of polarization to ensure constant measurement conditions for waveguide devices. A PMF cable easily connects to an external optical modulator.
Page 2 of 12
81600B opt. 201 All-Band Tunable Laser Source, 1455 nm - 1640 nm, low SSE
Agilent 81600B opt. 201
Wavelength range Wavelength resolution Mode-hop free tunability Maximum sweep speed 1455 nm to 1640 nm 0.1 pm, 12.5 MHz at 1550 nm full wavelength range; see page 10 for conditions to assure mode-hop free continuous sweeps 80 nm/s Stepped mode Continuous sweep mode (typ.) at 5 nm/s at 40 nm/s at 80 nm/s 10 pm, typ. 3.6 pm 4.0 pm 4.6 pm 6.1 pm 5 pm, typ. 2 pm 2.4 pm 2.8 pm 4.0 pm 0.8 pm, typ. 0.5 pm 0.3 pm 0.4 pm 0.7 pm 1 pm, 24 hours 100 kHz > 50 MHz (1475 nm - 1625 nm, at max. constant output power) Output 1 (low SSE) Output 2 (high power) +3 dBm peak (typ.) +9 dBm peak (typ.) +2 dBm (1520 nm - 1610 nm) +8 dBm (1520 nm -1610 nm) -2 dBm (1475 nm - 1625 nm) +4 dBm (1475 nm - 1625 nm) -7 dBm (1455 nm -1640 nm) -1 dBm (1455 nm - 1640 nm) max. 60 dB 0.003 dB 0.01 dB, 1 hour typ. 0.03 dB, 24 hours 0.1 dB 0.1 dB (0.3 dB in attenuation mode) 0.25 dB [3], typ. 0.1 dB 0.3 dB [3], typ. 0.15 dB Continuous sweep mode at 5 nm/s at 40 nm/s at 80 nm/s 0.005 dB 0.01 dB 0.015 dB 0.01 dB 0.02 dB 0.04 dB 60 dB (1520 nm - 1610 nm) Output 1 (low SSE) Output 2 (high power) 70 dB/nm (1520 nm -1610 nm) 48 dB/nm (1520 nm - 1610 nm) 80 dB/0.1 nm 58 dB/0.1 nm (typ., 1520 nm - 1610 nm) (typ., 1520 nm - 1610 nm) 66 dB/nm (typ., 1475 nm - 1625 nm) 43 dB/nm (1475 nm - 1625 nm) 60 dB/nm (typ., 1455 nm - 1640 nm) 37 dB/nm (1455 nm - 1640 nm) 65 dB (1520 nm - 1610 nm) 30 dB (typ., 1520 nm - 1610 nm) 57 dB (typ., 1455 nm - 1640 nm) -145 dB/Hz (1520 nm - 1610 nm)
2.4
Absolute wavelength accuracy [1] Relative wavelength accuracy [1] Wavelength repeatability Wavelength stability [4] (typ.) Linewidth (typ.), coherence control off Effective linewidth (typ.), coherence ctrl. On Maximum output power (continuous power during sweep)
Attenuation Power repeatability (typ.) Power stability [4] Power linearity Power flatness versus wavelength
Dynamic power reproducibility (typ.) Dynamic relative power flatness (typ.) Side-mode suppression ratio (typ.) Signal to source spontaneous emission ratio [2]
Signal to total source spontaneous emission ratio [2] Relative intensity noise (RIN) (0.1 - 6 GHz) (typ.) [2]
[1] [2] [3] [4]
Valid for one month and within a 4.4 K temperature range after automatic wavelength zeroing. At maximum output power as specified per wavelength range. Wavelength range 1455 nm - 1640 nm. At constant temperature 1 K
www..com
Page 3 of 12
81600B opt. 160 Tunable Laser Source, 1495 nm - 1640 nm, low SSE
Agilent 81600B opt. 160
Wavelength range Wavelength resolution Mode-hop free tunability Maximum sweep speed 1495 nm to 1640 nm 0.1 pm, 12.5 MHz at 1550 nm full wavelength range; see page 10 for conditions to assure mode-hop free continuous sweeps 80 nm/s Stepped mode Continuous sweep mode (typ.) at 5 nm/s at 40 nm/s at 80 nm/s 10 pm, typ. 3.6 pm 4.0 pm 4.6 pm 6.1 pm 5 pm, typ. 2 pm 2.4 pm 2.8 pm 4.0 pm 0.8 pm, typ. 0.5 pm 0.3 pm 0.4 pm 0.7 pm 1 pm, 24 hours 100 kHz > 50 MHz (1510 nm - 1620 nm, at max. constant output power) Output 1 (low SSE) Output 2 (high power) -2 dBm peak (typ.) +7 dBm peak (typ.) -4 dBm (1520 nm - 1610 nm) +5 dBm (1520 nm -1610 nm) -6 dBm (1510 nm - 1620 nm) +3 dBm (1510 nm - 1620 nm) -7 dBm (1495 nm -1640 nm) -1 dBm (1495 nm - 1640 nm) max. 60 dB 0.003 dB 0.01 dB, 1 hour typ. 0.03 dB, 24 hours 0.1 dB 0.1 dB (0.3 dB in attenuation mode) 0.25 dB, typ. 0.1 dB 0.3 dB, typ. 0.15 dB (1495nm - 1630nm) Continuous sweep mode at 5 nm/s at 40 nm/s at 80 nm/s 0.005 dB 0.01 dB 0.015 dB 0.01 dB 0.02 dB 0.04 dB 40 dB (1520 nm - 1610 nm) Output 1 (low SSE) Output 2 (high power) 64 dB/nm (1520 nm -1610 nm) 45 dB/nm (1520 nm - 1610 nm) 74 dB/0.1 nm 55 dB/0.1 nm (typ., 1520 nm - 1610 nm) (typ., 1520 nm - 1610 nm) 62 dB/nm (typ., 1510 nm - 1620 nm) 42 dB/nm (1510 nm - 1620 nm) 59 dB/nm (typ., 1495 nm - 1640 nm) 37 dB/nm (1495 nm - 1640 nm) 59 dB (1520 nm - 1610 nm) 27 dB (typ., 1520 nm - 1610 nm) 56 dB (typ., 1495 nm - 1640 nm) -145 dB/Hz (1520 nm - 1610 nm)
2.3
Absolute wavelength accuracy [1] Relative wavelength accuracy [1] Wavelength repeatability Wavelength stability [3] (typ.) Linewidth (typ.), coherence control off Effective linewidth (typ.), coherence ctrl. on Maximum output power (continuous power during sweep)
Attenuation Power repeatability (typ.) Power stability [3] Power linearity Power flatness versus wavelength
Dynamic power reproducibility (typ.) Dynamic relative power flatness (typ.) Side-mode suppression ratio (typ.) [2] Signal to source spontaneous emission ratio [2]
Signal to total source spontaneous emission ratio [2] Relative intensity noise (RIN) (0.1 - 6 GHz) (typ.) [2]
[1] Valid for one month and within a 4.4 K temperature range after automatic wavelength zeroing. [2] At maximum output power as specified per wavelength range. [3] At constant temperature 1 K
www..com
Page 4 of 12
81600B opt. 150 Tunable Laser Source, 1450 nm - 1590 nm, low SSE
Agilent 81600B opt. 150
Wavelength range Wavelength resolution Mode-hop free tunability Maximum sweep speed 1450 nm to 1590 nm 0.1 pm, 12.5 MHz at 1550 nm full wavelength range; see page 10 for conditions to assure mode-hop free continuous sweeps 80 nm/s Stepped mode Continuous sweep mode (typ.) at 5 nm/s at 40 nm/s at 80 nm/s 10 pm, typ. 3.6 pm 4.0 pm 4.6 pm 6.1 pm 5 pm, typ. 2 pm 2.4 pm 2.8 pm 4.0 pm 0.8 pm, typ. 0.5 pm 0.3 pm 0.4 pm 0.7 pm 1 pm, 24 hours 100 kHz > 50 MHz (1480 nm - 1580 nm, at max. constant output power) Output 1 (low SSE) Output 2 (high power) -1 dBm peak (typ.) +7 dBm peak (typ.) -3 dBm (1520 nm - 1570 nm) +5 dBm (1520 nm - 1570 nm) -6 dBm (1480 nm - 1580 nm) +4 dBm (1480 nm - 1580 nm) -7 dBm (1450 nm -1590 nm) -1 dBm (1450 nm - 1590 nm) max 60 dB 0.003 dB 0.01 dB, 1 hour typ. 0.03 dB, 24 hours 0.1 dB 0.1 dB (0.3 dB in attenuation mode) 0.2 dB, typ. 0.1 dB 0.3 dB, typ. 0.15 dB Continuous sweep mode at 5 nm/s at 40 nm/s at 80 nm/s 0.005 dB 0.01 dB 0.015 dB 0.01 dB 0.02 dB 0.04 dB 40 dB (1480 nm - 1580 nm) Output 1 (low SSE) Output 2 (high power) 65 dB/nm (1520 nm -1570 nm) 45 dB/nm (1520 nm - 1570 nm) 75 dB/0.1 nm 55 dB/0.1 nm (typ., 1520 nm - 1570 nm) (typ., 1520 nm - 1570 nm) 61 dB/nm (typ., 1480 nm - 1580 nm) 42 dB/nm (1480 nm - 1580 nm) 59 dB/nm (typ., 1450 nm - 1590 nm) 37 dB/nm (1450 nm - 1590 nm) 60 dB (1520 nm - 1570 nm) 30 dB (typ., 1520 nm - 1570 nm) 50 dB (typ., 1450 nm - 1590 nm) -145 dB/Hz (1480 nm - 1580 nm)
2.3
Absolute wavelength accuracy [1] Relative wavelength accuracy [1] Wavelength repeatability Wavelength stability [3] (typ.) Linewidth (typ.), coherence control off Effective linewidth (typ.), coherence ctrl. on Maximum output power (continuous power during sweep)
Attenuation Power repeatability (typ.) Power stability [3] Power linearity Power flatness versus wavelength
Dynamic power reproducibility (typ.) Dynamic relative power flatness (typ.) Side-mode suppression ratio (typ.) [2] Signal to source spontaneous emission ratio [2]
Signal to total source spontaneous emission ratio [2] Relative intensity noise (RIN) (0.1 - 6 GHz) (typ.) [2]
[1] Valid for one month and within a 4.4 K temperature range after automatic wavelength zeroing. [2] At maximum output power as specified per wavelength range. [3] At constant temperature 1 K
www..com
Page 5 of 12
81600B opt. 140 Tunable Laser Source, 1370 nm - 1495 nm, low SSE
Agilent 81600B opt. 140
Wavelength range Wavelength resolution Mode-hop free tunability Maximum sweep speed
2.4
Absolute wavelength accuracy [1] Relative wavelength accuracy [1] Wavelength repeatability Wavelength stability [4] (typ.) Linewidth (typ.), coherence control off Effective linewidth (typ.), coherence ctrl. on Maximum output power (continuous power during sweep)
Attenuation Power repeatability (typ.) Power stability [4]
Power linearity Power flatness versus wavelength
Dynamic power reproducibility (typ.) Dynamic relative power flatness (typ.) Side-mode suppression ratio (typ.) [2] Signal to source spontaneous emission ratio [2]
Signal to total source spontaneous emission ratio [2] Relative intensity noise (RIN) (0.1 - 6 GHz) (typ.) [2]
1370 nm to 1495 nm 0.1 pm, 15 MHz at 1450 nm full wavelength range; see page 10 for conditions to assure mode-hop free continuous sweeps 80 nm/s (1372 nm - 1495 nm) Stepped mode Continuous sweep mode (typ.) at 5 nm/s at 40 nm/s at 80 nm/s 10 pm, typ. 3.6 pm 4.0 pm 4.6 pm 6.1 pm 5 pm, typ. 2 pm 2.4 pm 2.8 pm 4.0 pm 0.8 pm, typ. 0.5 pm 0.3 pm 0.4 pm 0.7 pm 1 pm, 24 hours 100 kHz > 50 MHz (1430 nm - 1480 nm, at max. constant output power) Output 1 (low SSE) Output 2 (high power) -4.5 dBm peak (typ.) +5.5 dBm peak (typ.) -5 dBm (1430 nm - 1480 nm) +5 dBm (1430 nm -1480 nm) -7 dBm (1420 nm - 1480 nm) +3 dBm (1420 nm - 1480 nm) -13 dBm (1370 nm -1495 nm) -3 dBm (1370 nm - 1495 nm) max 60 dB 0.003 dB 0.01 dB, 1 hour (1420 nm - 1495 nm) typ. 0.01 dB, 1 hour (1370 nm - 1420 nm) typ. 0.03 dB, 24 hours 0.1 dB (1420 nm - 1495nm) 0.3 dB (1420 nm - 1495 nm) typ. 0.1 dB (1370 nm - 1420 nm) typ. 0.3 dB (1370 nm - 1420 nm) 0.2 dB, 0.3 dB, typ. 0.1 dB (1420 nm - 1495 nm) typ. 0.2 dB (1420 nm - 1495 nm) typ. 0.2 dB (1370 nm - 1420 nm) typ. 0.3 dB (1370 nm - 1420 nm) Continuous sweep mode [3] at 5 nm/s at 40 nm/s at 80 nm/s 0.005 dB 0.01 dB 0.015 dB 0.01 dB 0.015 dB 0.03 dB 40 dB (1430 nm - 1480 nm) Output 1 (low SSE) Output 2 (high power) 63 dB/nm (1430 nm -1480 nm) 42 dB/nm (1430 nm - 1480 nm) 73 dB/0.1 nm 52 dB/0.1 nm (typ., 1430 nm - 1480 nm) (typ., 1430 nm - 1480 nm) 61 dB/nm (1420 nm - 1480 nm) 40 dB/nm (1420 nm - 1480 nm) 55 dB/nm (typ., 1370 nm - 1495 nm) 35 dB/nm (typ., 1370 nm - 1495 nm) 60 dB (1430 nm - 1480 nm) 28 dB (typ., 1430 nm - 1480 nm) 58 dB (1420 nm - 1480 nm) 53 dB (typ., 1370 nm - 1495 nm) -145 dB/Hz (1430 nm - 1480 nm)
[1] Valid for one month and within a 4.4 K temperature range after automatic wavelength zeroing. [2] At maximum output power as specified per wavelength range. [3] Valid for absolute www..com humidity of 11.5 g/m3 (For example, equivalent to 50% relative humidity at 25C). [4] At constant temperature 1 K
Page 6 of 12
81600B opt. 130 Tunable Laser Source, 1260 nm - 1375 nm, low SSE
Agilent 81600B opt. 130
Wavelength range Wavelength resolution Mode-hop free tunability Maximum sweep speed 1260 nm to 1375 nm 0.1 pm, 17.7 MHz at 1300 nm full wavelength range; see page 10 for conditions to assure mode-hop free continuous sweeps 80 nm/s Stepped mode Continuous sweep mode (typ.) at 5 nm/s at 40 nm/s at 80 nm/s 10 pm, typ. 3.6 pm 4.0 pm 4.6 pm 6.1 pm 5 pm, typ. 2 pm 2.4 pm 2.8 pm 4.0 pm 0.8 pm, typ. 0.5 pm 0.3 pm 0.4 pm 0.7 pm 1 pm, 24 hours 100 kHz > 50 MHz (1270 nm - 1350 nm, at max. constant output power) Output 1 (low SSE) Output 2 (high power) -4 dBm peak (typ.) +5 dBm peak (typ.) -6 dBm (1290 nm - 1370 nm) +4 dBm (1290 nm - 1370 nm) -9 dBm (1270 nm - 1375 nm) +1 dBm (1270 nm - 1375 nm) -13 dBm (1260 nm - 1375 nm) -3 dBm (1260 nm - 1375 nm) max 60 dB 0.003 dB 0.01 dB, 1 hour (1260 nm - 1350 nm) typ. 0.01 dB, 1 hour (1350 nm - 1375 nm) typ. 0.03 dB, 24 hours 0.1 dB (1260 nm - 1350 nm) 0.3 dB (1260 nm - 1350 nm) typ. 0.1 dB (1350 nm - 1375 nm) typ. 0.3 dB (1350 nm - 1375 nm) 0.2 dB, 0.3 dB, typ. 0.1 dB (1260 nm - 1350 nm) typ. 0.15 dB (1260 nm - 1350 nm) typ. 0.2 dB (1350 nm - 1375 nm) typ. 0.3 dB (1350 nm - 1375 nm) Continuous sweep mode [3] at 5 nm/s at 40 nm/s at 80 nm/s 0.005 dB 0.01 dB 0.015 dB 0.01 dB 0.02 dB 0.04 dB 40 dB (1290 nm - 1370 nm) Output 1 (low SSE) Output 2 (high power) 63 dB/nm (1290 nm -1370 nm) 42 dB/nm (1290 nm - 1370 nm) 61 dB/nm (1270 nm - 1375 nm) 40 dB/nm (1270 nm - 1375 nm) 55 dB/nm (1260 nm - 1375 nm) 35 dB/nm (1260 nm - 1375 nm) 58 dB (1290 nm - 1370 nm) 26 dB (1290 nm - 1370 nm) 56 dB (1270 nm - 1375 nm) 51 dB (1260 nm - 1375 nm) -140 dB/Hz (1270 nm - 1375 nm)
1.0
Absolute wavelength accuracy [1] Relative wavelength accuracy [1] Wavelength repeatability Wavelength stability [4] (typ.) Linewidth (typ.), coherence control off Effective linewidth (typ.), coherence ctrl. on Maximum output power (continuous power during sweep)
Attenuation Power repeatability (typ.) Power stability [4]
Power linearity Power flatness versus wavelength
Dynamic power reproducibility (typ.) Dynamic relative power flatness (typ.) Side-mode suppression ratio (typ.) [2] Signal to source spontaneous emission ratio (typ.) [2] Signal to total source spontaneous emission ratio (typ.) [2] Relative intensity noise (RIN) (0.1 - 6 GHz) (typ.) [2]
[1] [2] [3] [4]
Valid for one month and within a 4.4 K temperature range after automatic wavelength zeroing. At maximum output power as specified per wavelength range. Valid for absolute humidity of 11.5 g/m3 (For example, equivalent to 50% relative humidity at 25C). At constant temperature 1 K
www..com
Page 7 of 12
81600B opt. 142 Tunable Laser Source, 1370 nm - 1495 nm, high power
Agilent 81600B opt. 142
Wavelength range Wavelength resolution Mode-hop free tunability Maximum sweep speed 1370 nm to 1495 nm 0.1 pm, 15 MHz at 1450 nm full wavelength range; see page 10 for conditions to assure mode-hop free continuous sweeps 80 nm/s (1372 nm - 1495 nm) Stepped mode Continuous sweep mode (typ.) at 5 nm/s at 40 nm/s at 80 nm/s 10 pm, typ. 3.6 pm 4.0pm 4.6 pm 6.1 pm 5 pm, typ. 2 pm 2.4 pm 2.8 pm 4.0 pm 0.8 pm, typ. 0.5 pm 0.3 pm 0.4 pm 0.7 pm 1 pm, 24 hours 100 kHz > 50 MHz (1430 nm - 1480 nm, at max. constant output power) +8.5 dBm peak (typ.) +7.5 dBm (1430 nm - 1480 nm) +5 dBm (1420 nm - 1480 nm) 0 dBm (1370 nm -1495 nm) Reduced by 1.5 dB. 0.003 dB 0.01 dB, 1 hour (1420 nm - 1495 nm) typ. 0.01 dB, 1 hour (1370 nm - 1420 nm) typ. 0.03 dB, 24 hours 0.1 dB (1420 nm - 1495 nm) typ. 0.1 dB (1370 nm - 1420 nm) Add 0.2 dB 0.2 dB, typ. 0.1 dB (1420 nm - 1495 nm) typ. 0.2 dB (1370 nm - 1420 nm) Add 0.1 dB Continuous sweep mode [3] at 5 nm/s at 40 nm/s at 80 nm/s 0.005 dB 0.01 dB 0.015 dB 0.01 dB 0.015 dB 0.03 dB 40 dB (1430 nm - 1480 nm) 42 dB/nm (1430 nm -1480 nm) 52 dB/0.1 nm (typ., 1430 nm -1480 nm) 40 dB/nm (1420 nm -1480 nm) 35 dB/nm (typ., 1370 nm -1495 nm) 28 dB (1430 nm - 1480 nm)
2.4
Absolute wavelength accuracy [1] Relative wavelength accuracy [1] Wavelength repeatability Wavelength stability [4] (typ.) Linewidth (typ.), coherence control off Effective linewidth (typ.), coherence ctrl. on Maximum output power (continuous power during sweep)
With option 003 Power repeatability (typ.) Power stability [4]
Power linearity With option 003 Power flatness versus wavelength
With option 003
Dynamic power reproducibility (typ.) Dynamic relative power flatness (typ.) Side-mode suppression ratio (typ.) [2] Signal to source spontaneous emission ratio [2]
Signal to total source spontaneous emission ratio (typ.)[2] Relative intensity noise (RIN) (0.1 - 6 GHz) (typ.) [2] -145 dB/Hz (1430 nm - 1480 nm)
[1] [2] [3] [4]
Valid for one month and within a 4.4 K temperature range after automatic wavelength zeroing. At maximum output power as specified per wavelength range. Valid for absolute humidity of 11.5 g/m3 (For example, equivalent to 50% relative humidity at 25C). At constant temperature 1 K
www..com
Page 8 of 12
81600B opt. 132 Tunable Laser Source, 1260 nm - 1375 nm, high power
Agilent 81600B opt. 132
Wavelength range Wavelength resolution Mode-hop free tunability Maximum sweep speed 1260 nm to 1375 nm 0.1 pm, 17.7 MHz at 1300 nm full wavelength range; see page 10 for conditions to assure mode-hop free continuous sweeps 80 nm/s Stepped mode Continuous sweep mode (typ.) at 5 nm/s at 40 nm/s at 80 nm/s 10 pm, typ. 3.6 pm 4.0 pm 4.6 pm 6.1 pm 5 pm, typ. 2 pm 2.4 pm 2.8 pm 4.0 pm 0.8 pm, typ. 0.5 pm 0.3 pm 0.4 pm 0.7 pm 1 pm, 24 hours 100 kHz > 50 MHz (1270 nm - 1350 nm, at max. constant output power) +9 dBm peak (typ.) +7 dBm (1290 nm - 1370 nm) +3 dBm (1270 nm - 1375 nm) 0 dBm (1260 nm -1375 nm) 0.003 dB 0.01 dB, 1 hour (1260 nm - 1350 nm) typ. 0.01 dB, 1 hour (1350 nm - 1375 nm) typ. 0.03 dB, 24 hours 0.1 dB (1260 nm - 1350 nm) typ. 0.1 dB (1350 nm - 1375 nm) 0.2 dB, typ. 0.1 dB (1260 nm - 1350 nm) typ. 0.2 dB (1350 nm - 1375 nm) Continuous sweep mode [3] at 5 nm/s at 40 nm/s at 80 nm/s 0.005 dB 0.01 dB 0.015 dB 0.01 dB 0.015 dB 0.03 dB 40 dB (1270 nm - 1375 nm) 45 dB/nm (1290 nm -1370 nm) 55 dB/0.1 nm (typ., 1290 nm - 1370 nm) 40 dB/nm (1270 nm - 1375 nm) 35 dB/nm (typ., 1260 nm - 1375 nm) 28 dB (1290 nm - 1370 nm)
2.4
Absolute wavelength accuracy [1] Relative wavelength accuracy [1] Wavelength repeatability Wavelength stability [2] (typ.) Linewidth (typ.), coherence control off Effective linewidth (typ.), coherence ctrl. on Maximum output power (continuous power during sweep)
Power repeatability (typ.) Power stability [4]
Power linearity Power flatness versus wavelength
Dynamic power reproducibility (typ.) Dynamic relative power flatness (typ.) Side-mode suppression ratio (typ.) [2] Signal to source spontaneous emission ratio [2]
Signal to total source spontaneous emission ratio (typ.) [2] Relative intensity noise (RIN) (0.1 - 6 GHz) (typ.) [2] -145 dB/Hz (1270 nm - 1375 nm)
[1] [2] [3] [4]
Valid for one month and within a 4.4 K temperature range after automatic wavelength zeroing. At maximum output power as specified per wavelength range. Valid for absolute humidity of 11.5 g/m3 (For example, equivalent to 50% relative humidity at 25C). At constant temperature 1 K
www..com
Page 9 of 12
Conditions
Storage temperature: -40C to +70C Operating temperature: +10C to +35C Humidity: < 80 % R.H. at +10C to +35C non-condensing. Specifications apply for wavelengths not equal to any water absorption line. Warm-up time: 1h immediate operation after boot up Output power: Specifications are valid at the following output power levels: 81600B option 201/160 and 150: -7 dBm (for Output 1) -1 dBm (for Output 2, -60 dB in attenuation mode). 81600B option 140: -13 dBm (for Output 1) -3 dBm (for Output 2, -60 dB in attenuation mode). 81600B option 130: -13 dBm (for Output 1) -3 dBm (for Output 2, -60 dB in attenuation mode). 81600B option 142: -3 dBm -4.5 dBm (with option 003: -60 dB in attenuation mode). 81600B option 132: 0 dBm
Continuous sweep mode: Specifications are valid for mode-hop free sweeping. Maximum 50 nm at constant output power levels as follows: 81600B option 201: 1475 nm - 1620 nm -2 dBm (for Output 1) +4 dBm (for Output 2). 81600B option 160: 1510 nm - 1620 nm -6 dBm (for Output 1) +3 dBm (for Output 2). 81600B option 150: 1520 nm - 1570 nm -6 dBm (for Output 1) +3 dBm (for Output 2). 81600B option 140: 1430 nm - 1480 nm -9 dBm (for Output 1) 0 dBm (for Output 2). 81600B option 130: 1300 nm - 1350 nm -9 dBm (for Output 1) +1 dBm (for Output 2). 81600B option 142: 1430 nm - 1480 nm -3 dBm +1.5 dBm (with Option 003). 81600B option 132: 1300 nm - 1350 nm +3 dBm Operating temperature within +20C and +35C
Modulation input: TTL signal. External analog modulation 15% modulation depth, 5 kHz to 20 MHz Modulation input: 5 Vp-p External wavelength locking > 70 pm at 10 Hz > 7 pm at 100 Hz. Modulation input: 5 V Coherence control: For measurements on components with 2 m long patch cords and connectors with 14 dB return loss, the effective linewidth results in a typical power stability of < 0.025 dB over 1 minute by drastically reducing interference effects in the test setup.
General
Output isolation (typ.): 50 dB. Return loss (typ.): 60 dB (options 072); 40 dB (options 071). Polarization maintaining fiber (Option 071, 072) Fiber type: Panda. Orientation: TE mode in slow axis, in line with connector key. Polarization Extinction ratio: 16 dB typ. 14 dB typ. (Option 201) Recommended re-calibration period: 2 years.
Supplementary performance characteristics
Internal digital modulation 50% duty cycle, 200 Hz to 300 kHz. Displayed wavelength represents average wavelength. Modulation output: TTL reference signal.
www..com
External digital modulation > 45% duty cycle, delay time < 300 ns, 200 Hz to 1 MHz. Displayed wavelength represents average wavelength. Page 10 of 12
Ordering Information
Lightwave Solution Mainframe:
8164B
TLS Upgrade option:
Upgrade an Agilent tunable laser source to the latest 81600B Family product. 81600B #UG7 upgrades the products 81640A/B, 81680A/B, 81480A/B, 81642A/B, 81682A/B or 81482B to 81600B #201 tunable laser. For details, please contact your local Agilent sales representative.
Tunable Laser Module:
81600B One of the following is required: Option 210 All-band Tunable Laser Source 1455 nm to 1640 nm, low SSE Option 160 Tunable Laser Source 1495 nm to 1640 nm, low SSE Option 150 Tunable Laser Source 1450 nm to 1590 nm, low SSE Option 140 Tunable Laser Source 1370 nm to 1495 nm, low SSE Option 130 Tunable Laser Source 1260 nm to 1375 nm, low SSE Option 142 Tunable Laser Source 1370 nm to 1495 nm, high power Option 132 Tunable Laser Source 1260 nm to 1375 nm, high power
Custom-made TLS:
A 1650 nm Tunable Laser Source is available on request. Please contact your local Agilent Sales Office.
Laser Safety Information
All laser sources specified by this data sheet are classified as Class 1M according to IEC 60825-1 (2001). All laser sources comply with 21 CFR 1040.10 except for deviations pursuant to Laser Notice No. 50, dated 2001-July-26.
Connector Option:
One of the following is required: Option 071: PMF, straight contact output connector. Option 072: PMF, angled contact output connector.
Other Option:
Option 003: Built-in optical attenuator, 60 dB attenuation (for Option 142).
Connector Interface:
One Agilent 81000xI-series connector interface is required for Options 142 and 132. Two Agilent 81000xI-series connector interfaces are required for Options 201, 160, 150, 140, and 130.
www..com
Page 11 of 12
Agilent Technologies' Test and Measurement Support, Services, and Assistance Agilent Technologies aims to maximize the value you receive, while minimizing your risk and problems. We strive to ensure that you get the test and measurement capabilities you paid for and obtain the support you need. Our extensive support resources and services can help you choose the right Agilent products for your applications and apply them successfully. Every instrument and system we sell has a global warranty. Support is available for at least five years beyond the production life of the product. Two concepts underlie Agilent's overall support policy: "Our Promise" and "Your Advantage."
For related literature, please visit: www.agilent.com/comms/tls By internet, phone, or fax, get assistance with all your test & measurement needs Online assistance: www.agilent.com/comms/lightwave Phone or Fax United States: (tel) 800 829 4444 (fax) 800 829 4433 Canada: (tel) 877 894 4414 (fax) 800 746 4866 China: (tel) 800 810 0189 (fax) 800 820 2816 Europe: (tel) (31) 20 547 2111 Japan: (tel) (81) 426 56 7832 (fax) (81) 426 56 7840 Korea: (tel) (080) 769 0800 (fax) (080) 769 0900 Latin America: (tel) (305) 269 7500 Taiwan: (tel) 0800 047 866 (fax) 0800 286 331 Other Asia Pacific Countries: (tel) (65) 6375 8100 (fax) (65) 67556 0042 Email: tm_asia@agilent.com Product specifications and descriptions in this document subject to change without notice. (c) Agilent Technologies, Inc. 2007 Printed in USA, August 30, 2007 5989-7321EN
Our Promise Our Promise means your Agilent test and measurement equipment will meet its advertised performance and functionality. When you are choosing new equipment, we will help you with product information, including realistic performance specifications and practical recommendations from experienced test engineers. When you use Agilent equipment, we can verify that it works properly, help with product operation, and provide basic measurement assistance for the use of specified capabilities, at no extra cost upon request. Many self-help tools are available.
Your Advantage Your Advantage means that Agilent offers a wide range of additional expert test and measurement services, which you can purchase according to your unique technical and business needs. Solve problems efficiently and gain a competitive edge by contracting with us for calibration, extra-cost upgrades, out-of-warranty repairs, and on-site education and training, as well as design, system integration, project management, and other professional engineering services. Experienced Agilent engineers and technicians worldwide can help you maximize your productivity, optimize the return on investment of your Agilent instruments and systems, and obtain dependable measurement accuracy for the life of those products.
www..com


▲Up To Search▲   

 
Price & Availability of 81600B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X