Part Number Hot Search : 
NTE5143A E440C AC100 00001 HD74C CY7C15 2SK38 TGS2450
Product Description
Full Text Search
 

To Download 2SA1405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:EN1764B
PNP/NPN Epitaxial Planar Silicon Transistors
2SA1405/2SC3599
Ultrahigh-Difinition CRT Display Video Output Applications
Applications
* Ultrahigh-definition CRT display. * Video output. * Color TV chroma output. * Wide-band amp.
Package Dimensions
unit:mm 2009B
[2SA1405/2SC3599]
Features
* High fT : fT typ=500MHz. * High breakdown voltage : VCEO120V. * Small reverse transfer capacitance and excellent high-frequnecy characteristic : Cre=2.5pF (NPN), 3.8pF (PNP). * Complementary pair with the 2SA1405/2SC3599. * Adoption of FBET process. ( ) : 2SA1405
1 : Emitter 2 : Collector 3 : Base JEDEC : TO-126
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP PC Conditions
Ratings (-)120 (-)120 (-)4 (-)300 (-)600 1.2
Unit V V V mA mA W W
Tc=25C
Tj Tstg
8 150 -55 to +150
C C
Electrical Characteristics at Ta = 25C
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Collector-to-Emitter Saturation Voltage Base-to-Emitter Saturation Voltage Collector-to-Base Breakdown Voltage Collector-to-Emitter Breakdown Voltage Emitter-to-Base Breakdown Votage Output Capacitance Reverse Transfer Capacitance Symbol ICBO IEBO hFE1 hFE2 fT VCE(sat) VBE(sat) VCB=(-)80V, IE=0 VEB=(-)2V, IC=0 VCB=(-)10V, IC=(-)50mA VCE=(-)10V, IC=250mA VCE=(-)10V, IC=(-)50mA IC=(-)70mA, IB=(-)7mA IC=(-)70mA, IB=(-)7mA (-)120 (-)120 (-)4 2.9 (4.3) Cre VCB=(-)30V, f=1MHz 2.5 (3.8) 40* 20 500 0.6 (-)0.8 (-)1.0 V(BR)CBO IC=(-)10A, IE=0 V(BR)CEO IC=(-)1mA, RBE= V(BR)EBO Cob IE=(-)100A, IC=0 VCB=(-)30V, f=1MHz MHz V V V V V V pF pF pF pF Conditions Ratings min typ max (-)0.1 (-)1.0 320* Unit A A
* : The 2SA1405/2SC3599 are classified by 50mA hFE as follows :
40 C 80 60 D 120 100 E 200 160 F 320
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
71598HA (KT)/12696TS (KOTO) X-7233/3237KI/2225MW, TS No.1764-1/4
2SA1405/2SC3599
No.1764-2/4
2SA1405/2SC3599
No.1764-3/4
2SA1405/2SC3599
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of July, 1998. Specifications and information herein are subject to change without notice.
PS No.1764-4/4


▲Up To Search▲   

 
Price & Availability of 2SA1405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X