Part Number Hot Search : 
SMAJ13 BR3010 MBRS34 C2506 SC1420 110BC L9950 L6743D
Product Description
Full Text Search
 

To Download 2N7002E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002E
Vishay Siliconix
N-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
60
rDS(on) (W)
3 @ VGS = 10 V
ID (mA)
240
FEATURES
D D D D D Low On-Resistance: 3 W Low Threshold: 2 V (typ) Low Input Capacitance: 25 pF Fast Switching Speed: 7.5 ns Low Input and Output Leakage
BENEFITS
D D D D D Low Offset Voltage Low-Voltage Operation Easily Driven Without Buffer High-Speed Circuits Low Error Voltage
APPLICATIONS
D Direct Logic-Level Interface: TTL/CMOS D Drivers: Relays, Solenoids, Lamps, Hammers, Display, Memories, Transistors, etc. D Battery Operated Systems D Solid-State Relays
TO-236 (SOT-23)
Marking Code: 7Ewl G 1 3 S 2 D E = Part Number Code for 2N7002E w = Week Code l = Lot Traceability
Top View
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C) _ Pulsed Drain Currenta Power Dissipation Thermal Resistance, Junction-to-Ambient Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM PD RthJA TJ, Tstg
Limit
60 "20 240 190 1300 0.35 0.22 357 -55 to 150
Unit
V
mA
W _C/W _C
Notes a. Pulse width limited by maximum junction temperature. Document Number: 70860 S-04279--Rev. C, 16-Jul-01 www.vishay.com
11-1
2N7002E
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Limits Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current V(BR)DSS VGS(th) IGSS IDSS VGS = 0 V, ID = 10 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "15 V VDS = 60 V, VGS = 0 V VDS = 60 V, VGS = 0 V, TC = 125_C VGS = 10 V, VDS = 7.5 V ID(on) VGS = 4.5 V, VDS = 10 V VGS = 10 V, ID = 250 mA rDS(on) gfs VSD VGS = 4.5 V, ID = 200 mA VDS = 15 V, ID = 200 mA IS = 200 mA, VGS = 0 V 800 500 1300 700 1.2 1.8 600 0.85 1.2 3 4 W mS V mA 60 1 68 2 2.5 "10 1 500 mA m V nA
Symbol
Test Conditions
Min
Typa
Max
Unit
On-State Drain Currentb
Drain-Source On-Resistanceb Forward Transconductanceb Diode Forward Voltage
Dynamica
Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Qg Qgs Qgd Ciss Coss Crss VDS = 25 V, VGS = 0 V, f = 1 MHz VDS = 10 V, VGS = 4.5 V ID ^ 250 mA 0.4 0.06 0.06 21 7 2.5 pF 0.6 nC
Switchinga, c
Turn-On Time Turn-Off Time ton toff VDD = 10 V, RL = 40 W ID ^ 250 mA, VGEN = 10V RG = 10 W 13 18 20 ns 25
Notes a. For DESIGN AID ONLY, not subject to production testing. b. Pulse test: PW v300 ms duty cycle v2%. c. Switching time is essentially independent of operating temperature.
www.vishay.com
11-2
Document Number: 70860 S-04279--Rev. C, 16-Jul-01
2N7002E
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Output Characteristics
1.0 VGS = 10, 9, 8, 7, 6 V 0.8 ID - Drain Current (A) 0.9 0.6 ID - Drain Current (A) 25_C 125_C 0.6 5V 1.2 TJ = -55_C
Transfer Characteristics
4V
0.4
0.3
0.2 3V 0.0 0 1 2 3 4 5 0.0 0 1 2 3 4 5 6 7
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Gate-Source Voltage
4 3.5 3.0 rDS(on) - On-Resistance ( ) 3 rDS(on) - On-Resistance ( ) 2.5
On-Resistance vs. Drain Current
VGS = 4.5 V 2.0 1.5 1.0 0.5 VGS = 10 V
ID @ 250 mA 2 ID @ 75 mA 1
0 0 2 4 6 8 10
0.0 0.0
0.2
0.4
0.6
0.8
1.0
VGS - Gate-to-Source Voltage (V)
ID - Drain Current (A)
On-Resistance vs. Junction Temperature
2.0 VGS = 10 V @ 250 mA rDS(on) - On-Resistance ( ) (Normalized) 1.6 VGS(th) - Variance (V) 0.4
Threshold Voltage Variance Over Temperature
0.2 ID = 250 mA -0.0
1.2
VGS = 4.5 V @ 200 mA
-0.2
0.8
-0.4
0.4
-0.6
0.0 -50
-25
0
25
50
75
100
125
150
-0.8 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
TJ - Junction Temperature (_C)
Document Number: 70860 S-04279--Rev. C, 16-Jul-01
www.vishay.com
11-3
2N7002E
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
40
Capacitance
1.0 VDS = 30 V ID = 0.25 A
Gate Charge
Ciss C - Capacitance (pF) 24
VGS - Gate-to-Source Voltage (V) Crss 20 25
32
0.8
0.6
16 Coss 8
0.4
0.2
0 0 5 10 15
0.0 0.0
0.1
0.2
0.3
0.4
0.5
VDS - Drain-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
Source-Drain Diode Forward Voltage
2
1 IS - Source Current (A)
TJ = 85_C
25_C
-55_C
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2
VSD - Source-to-Drain Voltage (V)
www.vishay.com
11-4
Document Number: 70860 S-04279--Rev. C, 16-Jul-01


▲Up To Search▲   

 
Price & Availability of 2N7002E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X