Part Number Hot Search : 
SD103 24006 B85NF 3S4YR 2SD16 LTC4088 SKRPAD 20122
Product Description
Full Text Search
 

To Download 1N4148-P-TAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148-P
Vishay Semiconductors
Small Signal Fast Switching Diodes
Features
Silicon epitaxial planar diodes Automotive graded device AEC-Q101 qualified Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC * Halogen-free according to IEC 61249-2-21 definition * Find out more about Vishay`s Automotive Grade Product requirements at: www.vishay.com/applications * * * *
94 9367
Applications
* Extreme fast switches
Mechanical Data
Case: DO-35 Weight: approx. 125 mg Cathode band color: black
Packaging codes/options: TR/10 k per 13" reel (52 mm tape), 50 k/box TAP/10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
Part 1N4148-P Ordering code 1N4148-P-TAP or 1N4148-P-TR Type Marking V4148 Remarks Ammopack/tape and reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified
Parameter Repetitive peak reverse voltage Reverse voltage Peak forward surge current Repetitive peak forward current Forward continuous current Average forward current Power dissipation VR = 0 l = 4 mm, TL = 45 C l = 4 mm, TL 25 C tp = 1 s Test condition Symbol VRRM VR IFSM IFRM IF IFAV Ptot Ptot Value 100 75 2 500 300 150 440 500 Unit V V A mA mA mA mW mW
Thermal Characteristics
Tamb = 25 C, unless otherwise specified
Parameter Thermal resistance junction to ambient air Junction temperature Storage temperature range Test condition l = 4 mm, TL = constant Symbol RthJA Tj Tstg Value 350 175 - 65 to + 150 Unit K/W C C
Document Number 81873 Rev. 1.1, 17-Aug-10
For technical questions within your region, please contact one of the following: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
www.vishay.com 1
1N4148-P
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified
Parameter Forward voltage Reverse current Test condition IF = 10 mA VR = 20 V VR = 20 V, Tj = 150 C VR = 75 V Breakdown voltage Diode capacitance Rectification efficiency Reverse recovery time IR = 100 A, tp/T = 0.01, tp = 0.3 ms VR = 0, f = 1 MHz, VHF = 50 mV VHF = 2 V, f = 100 MHz IF = IR = 10 mA, iR = 1 mA IF = 10 mA, VR = 6 V, iR = 0.1 x IR, RL = 100 Symbol VF IR IR IR V(BR) CD r trr trr 45 8 4 100 4 Min. Typ. Max. 1000 25 50 5 Unit mV nA A A V pF % ns ns
Typical Characteristics
Tamb = 25 C, unless otherwise specified
1.2 1.0 I F = 100 mA
1000
VF - Forward Voltage (V)
IR- Reverse Current (nA)
Tj = 25 C 100
0.8 10 mA 0.6 0.4 0.1 mA 0.2 0 - 30 1 mA
Scattering Limit 10
1
0 30 60 90 120
94 9098
1
10 VR- Reverse Voltage (V)
100
94 9169
Tj - Junction Temperature (C)
Figure 1. Forward Voltage vs. Junction Temperature
Figure 3. Reverse Current vs. Reverse Voltage
1000
1N4148-P
IF - Forward Current (mA) 100
Scattering Limit
10
1
0.1 0
94 9170-1
Tj = 25 C
0.4 0.8 1.2 1.6
2.0
VF - Forward Voltage (V)
Figure 2. Forward Current vs. Forward Voltage
www.vishay.com 2
For technical questions within your region, please contact one of the following: Document Number 81873 DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com Rev. 1.1, 17-Aug-10
1N4148-P
Vishay Semiconductors Package Dimensions in millimeters (inches): DO-35
Cathode identification
0.55. (0.022) max
26 (1.024) min.
3.9 (0.154) max.
26 (1.024) min.
Rev. 6 - Date: 29. January 2007 Document no.: 6.560-5004.02-4
94 9366
Document Number 81873 Rev. 1.1, 17-Aug-10
1.7 (0.067)
For technical questions within your region, please contact one of the following: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
www.vishay.com 3
1.5 (0.059)
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 1N4148-P-TAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X