Part Number Hot Search : 
MSM56V TS6121AX TC534 CY7C457 74LVC27 01QXA 78MACPR0 20L15T
Product Description
Full Text Search
 

To Download 11906B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent 85038 and 11906 Series 7-16 Calibration and Adapter Kits
Product Overview
Modern wireless communication systems require high-performance components offering low VSWR and low intermodulation distortion at high transmit power levels. To meet these needs, 7-16 connectors are becoming increasingly common in base station transmitters, amplifiers, duplexers, and other products. These connectors conform to IEC 169-4, DIN 47223, European standard EN 122190, and British standard BSEN 122190. To calibrate our network analyzers for measurements of devices with 7-16 connectors, Agilent Technologies offers the 85038 family of calibration kits with precision 7-16 standards. The 11906 family of adapter kits is also available to provide connections between 7-16 connectors and type-N, 3.5 mm, or 7 mm connectors. The female 7-16 connectors in these kits feature special retracted threads that do not compress the gasket when connecting to a general-purpose 7-16 connector. This allows the connectors to be properly mated with only 20 in-lbs (1.6 ft-lbs) of torque, instead of the usual 18.5 to 22 ft-lbs of torque, reducing the possibility of damaging the test ports of a network analyzer.
Agilent 85038 Family Calibration Kits
The 85038A calibration kit contains open circuits, short circuits, and terminations with both male and female 7-16 connectors. More economical versions of this kit are available: the 85038M contains only male devices, and the 85038F provides only female devices (see the following table). Each kit contains a floppy disk with the calibration kit definition for use with Agilent 8712, 8714, 8753, 8719, 8720, 8722, and 8510C network analyzers. Table 1. Contents of 7-16 Calibration Kits
Description Open circuit, female Open circuit, male Short circuit, female Short circuit, male Termination, female Termination, male 7-16 adapter, female-to-female 7-16 adapter, male-to-male Calibration kit data disk Torque wrench Open-end wrench Part Number 85038-80002 85038-80003 85038-80004 85038-80005 85038-80006 85038-80007 11906-80016 11906-80015 85038-10001 8710-2175 8710-2174 85038A 85038M 85038F
Agilent 11906 Family Adapter Kits
The 11906 family consists of four adapter kits:
11906A 7-16 to 7-16 adapter kit Contains: 7-16 male-to-male adapter 7-16 female-to-female adapter 7-16 male-to-female adapter
Quantity 1 1 2
Part Number 11906-80015 11906-80016 11906-80017
11906B 7-16 to 50-Ohm type-N adapter kit Contains: Quantity Type-N male to 7-16 male adapter 1 Type-N female to 7-16 female adapter 1 Type-N female to 7-16 male adapter 1 Type-N male to 7-16 female adapter 1 11906C 7-16 to 7-mm adapter kit Contains: 7-mm to 7-16 male adapter 7-mm to 7-16 female adapter 11906D 7-16 to 3.5-mm adapter kit Contains: 3.5-mm male to 7-16 male adapter 3.5-mm male to 7-16 female adapter 3.5-mm female to 7-16 male adapter 3.5-mm female to 7-16 female adapter
Part Number 11906-80007 11906-80008 11906-80009 11906-80010
Quantity 2 2
Part Number 11906-80012 11906-80013
Quantity 1 1 1 1
Part Number 11906-80002 11906-80005 11906-80004 11906-80003
2
Specifications
Frequency coverage: dc to 7.5 GHz (usable to 8 GHz) Nominal impedance: 50 ohms Calibration Kits
Component Open circuits Short circuits Terminations dc to 4 GHz 1.0 from nominal 0.6 from nominal Return loss >40 db 4 to 7.5 GHz 1.25 from nominal 0.85 from nominal Return loss >36 dB
Adapters
7-16 to 7-16 adapters: Return loss >38 dB (VSWR <1.025) 7-16 to 50 ohm type-N adapters: Return loss >36 dB (VSWR <1.03) 7-16 to 7-mm adapters: Return loss >36 dB (VSWR <1.03) 7-16 to 3.5-mm adapters: Return loss >34 dB (VSWR <1.04)
3
Agilent Technologies' Test and Measurement Support, Services, and Assistance Agilent Technologies aims to maximize the value you receive, while minimizing your risk and problems. We strive to ensure that you get the test and measurement capabilities you paid for and obtain the support you need. Our extensive support resources and services can help you choose the right Agilent products for your applications and apply them successfully. Every instrument and system we sell has a global warranty. Support is available for at least five years beyond the production life of the product. Two concepts underlie Agilent's overall support policy: "Our Promise" and "Your Advantage." Our Promise "Our Promise" means your Agilent test and measurement equipment will meet its advertised performance and functionality. When you are choosing new equipment, we will help you with product information, including realistic performance specifications and practical recommendations from experienced test engineers. When
you use Agilent equipment, we can verify that it works properly, help with product operation, and provide basic measurement assistance for the use of specified capabilities, at no extra cost upon request. Many self-help tools are available. Your Advantage "Your Advantage" means that Agilent offers a wide range of additional expert test and measurement services, which you can purchase according to your unique technical and business needs. Solve problems efficiently and gain a competitive edge by contracting with us for calibration, extracost upgrades, out-of-warranty repairs, and on-site education and training, as well as design, system integration, project management, and other professional services. Experienced Agilent engineers and technicians worldwide can help you maximize your productivity, optimize the return on investment of your Agilent instruments and systems, and obtain dependable measurement accuracy for the life of those products.
By internet, phone, or fax, get assistance with all your test and measurement needs. Online Assistance
www.agilent.com/find/assist
Phone or Fax United States: (tel) 1 800 452 4844 Canada: (tel) 1 877 894 4414 (fax) (905) 206 4120 Europe: (tel) (31 20) 547 2323 (fax) (31 20) 547 2390 Japan: (tel) (81) 426 56 7832 (fax) (81) 426 56 7840 Latin America: (tel) (305) 269 7500 (fax) (305) 269 7599 Australia: (tel) 1 800 629 485 (fax) (61 3) 9272 0749 New Zealand: (tel) 0 800 738 378 (fax) (64 4) 495 8950 Asia Pacific: (tel) (852) 3197 7777 (fax) (852) 2506 9284
Product specifications and descriptions in this document subject to change without notice. Copyright (c) 1999, 2000 Agilent Technologies Printed in U.S.A. 7/00 5968-4449E


▲Up To Search▲   

 
Price & Availability of 11906B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X