Part Number Hot Search : 
S3F9454 R5005CNJ 2SK42 MMBT2369 FR014 470M0 CSP1027 74458002
Product Description
Full Text Search
 

To Download 11640-828 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FS6282
AMERICAN MICROSYSTEMS, INC.
Dual PLL Clock Generator IC
October 1999
1.0
* * * *
Features
2.0
Description
Dual phase-locked loop (PLL) device with three output clock frequencies 3.3V supply voltage Small circuit board footprint (8-pin 0.150 SOIC) Custom frequency selections available - contact your local AMI Sales Representative for more information
Figure 1: Pin Configuration
CLKA VSS XIN XOUT
1 8
The FS6282 is a monolithic CMOS clock generator IC designed to minimize cost and component count in digital video/audio systems. Two high-resolution phase-locked loops generate two output clocks (CLKA and CLKB) through an array of postdividers. All frequencies are ratiometrically derived from the crystal oscillator frequency. The locking of all the output frequencies together can eliminate unpredictable artifacts in video systems and reduce electromagnetic interference (EMI) due to frequency harmonic stacking.
OE VDD CLKC CLKB
Table 1: Crystal / Output Frequencies
DEVICE FS6282-03 fXIN (MHz) CLKA (MHz) CLKB (MHz) CLKC (MHz) 20.000 20.000 48.000 8.000
FS6282
2 3 4
7 6 5
NOTE: Contact AMI for custom PLL frequencies
8-pin (0.150 ) SOIC
Figure 2: Block Diagram
XIN CRYSTAL OSC. XOUT PLL DIVIDER ARRAY
CLKA
CLKB
PLL OE
CLKC
FS6282
This document contains information on a preproduction product. Specifications and information herein are subject to change without notice.
ISO9001
10.1.99
FS6282
Dual PLL Clock Generator IC
AMERICAN MICROSYSTEMS, INC.
October 1999
Table 2: Pin Descriptions
Key: AI = Analog Input; AO = Analog Output; DI = Digital Input; DIU = Input with Internal Pull-Up; DID = Input with Internal Pull-Down; DIO = Digital Input/Output; DI-3 = Three-Level Digital Input, DO = Digital Output; P = Power/Ground; # = Active Low pin
PIN 1 2 3 4 5 6 7 8
TYPE DO P AI AO DO DO P DIU
NAME CLKA VSS XIN XOUT CLKB CLKC VDD OE Clock Output A Ground Crystal Oscillator Feedback Crystal Oscillator Drive Clock Output B Clock Output C Power (+3.3 volts)
DESCRIPTION
Output Enable (outputs active when OE=VDD)
3.0
Electrical Specifications
Table 3: Absolute Maximum Ratings
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These conditions represent a stress rating only, and functional operation of the device at these or any other conditions above the operational limits noted in this specification is not implied. Exposure to maximum rating conditions for extended conditions may affect device performance, functionality, and reliability.
PARAMETER Supply Voltage (VSS = ground) Input Voltage, dc Output Voltage, dc Input Clamp Current, dc (VI < 0 or VI > VDD) Output Clamp Current, dc (VI < 0 or VI > VDD) Storage Temperature Range (non-condensing) Ambient Temperature Range, Under Bias Junction Temperature Lead Temperature (soldering, 10s) Input Static Discharge Voltage Protection (MIL-STD 883E, Method 3015.7)
SYMBOL VDD VI VO IIK IOK TS TA TJ
MIN. VSS-0.5 VSS-0.5 VSS-0.5 -50 -50 -65 -55
MAX. 7 VDD+0.5 VDD+0.5 50 50 150 125 125 260 2
UNITS V V V mA mA C C C C kV
CAUTION: ELECTROSTATIC SENSITIVE DEVICE
Permanent damage resulting in a loss of functionality or performance may occur if this device is subjected to a high-energy electrostatic discharge.
Table 4: Operating Conditions
PARAMETER Supply Voltage Ambient Operating Temperature Range SYMBOL VDD TA CONDITIONS/DESCRIPTION 3.3V 10% MIN. 3.0 0 TYP. 3.3 MAX. 3.6 70 UNITS V C
2
ISO9001
10.1.99
FS6282
AMERICAN MICROSYSTEMS, INC.
Dual PLL Clock Generator IC
October 1999
Table 5: DC Electrical Specifications
Unless otherwise stated, VDD = 3.3V 10%, no load on any output, and ambient temperature range TA = 0C to 70C. Parameters denoted with an asterisk ( * ) represent nominal characterization data and are not production tested to any specific limits. Where given, MIN and MAX characterization data are 3 f rom typical. Negative currents indicate current flows out of the device.
PARAMETER Overall Supply Current, Dynamic, with Loaded Outputs Crystal Oscillator Crystal Loading Capacitance Clock Outputs (CLKA, CLKB) Output Impedance * Short Circuit Source Current * Short Circuit Sink Current *
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
IDD
fXTAL = 13.5MHz; CL = 10pF, VDD = 3.6V
30
mA
CL(xtal)
As seen by a crystal connected to XIN and XOUT
18
pF
zOH zOL IOSH IOSL
VO = 0.1VDD; output driving high VO = 0.1VDD; output driving low VO = 0V; shorted for 30s, max. VO = 3.3V; shorted for 30s, max.
45 45 -35 35
mA mA
Table 6: AC Timing Specifications
Unless otherwise stated, VDD = 3.3V 10%, no load on any output, and ambient temperature range TA = 0C to 70C. Parameters denoted with an asterisk ( * ) represent nominal characterization data and are not production tested to any specific limits. Where given, MIN and MAX characterization data are 3 f rom typical.
PARAMETER Overall Synthesis Error Clock Outputs (CLKA, CLKB, CLKC) Duty Cycle * Jitter, Period (peak-peak) * Rise Time * Fall Time *
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
(unless otherwise noted in Frequency Table)
0
ppm
Ratio of high pulse width (as measured from rising edge to next falling edge at VDD/2) to one clock period
45 300 3 2.5
55
% ps ns ns
tj(P) tr tf
From rising edge to next rising edge at VDD/2, CL = 10pF VDD = 3.3V; VO = 0.3V to 3.0V; CL = 10pF VDD = 3.3V; VO = 3.0V to 0.3V; CL = 10pF
3
ISO9001
10.1.99
FS6282
Dual PLL Clock Generator IC
AMERICAN MICROSYSTEMS, INC.
October 1999
4.0
Package Information
Table 7: 8-pin SOIC (0.150") Package Dimensions
DIMENSIONS INCHES MIN. A A1 A2 B C D E e H h L 0.061 0.004 0.055 0.013 0.0075 0.189 0.150 0.230 0.010 0.016 0 MAX. 0.068 0.0098 0.061 0.019 0.0098 0.196 0.157 0.244 0.016 0.035 8 MILLIMETERS MIN. 1.55 0.102 1.40 0.33 0.191 4.80 3.81 5.84 0.25 0.41 0 MAX. 1.73 0.249 1.55 0.49 0.249 4.98 3.99 6.20 0.41 0.89 8
BASE PLANE 1 ALL RADII: 0.005" TO 0.01"
R
8
E
H
AMERICAN MICROSYSTEMS, INC.
h x 45 B e A2 A D A1
SEATING PLANE
7 typ.
0.050 BSC
1.27 BSC
C L
Table 8: 8-pin SOIC (0.150") Package Characteristics
PARAMETER Thermal Impedance, Junction to Free-Air 8-pin 0.150" SOIC Lead Inductance, Self Lead Inductance, Mutual Lead Capacitance, Bulk SYMBOL JA L11 L12 C11 CONDITIONS/DESCRIPTION Air flow = 0 m/s Corner lead Center lead Any lead to any adjacent lead Any lead to VSS TYP. 110 2.0 1.6 0.4 0.27 UNITS C/W nH nH pF
4
ISO9001
10.1.99
FS6282
AMERICAN MICROSYSTEMS, INC.
Dual PLL Clock Generator IC
October 1999
5.0
Ordering Information
DEVICE NUMBER PACKAGE TYPE 8-pin (0.150") SOIC (Small Outline Package) 8-pin (0.150") SOIC (Small Outline Package) OPERATING TEMPERATURE RANGE 0 C to 70 C (Commercial) 0 C to 70 C (Commercial) SHIPPING CONFIGURATION Tape and Reel Tubes
ORDERING CODE
11640-828 11640-838
FS6282-03 FS6282-03
Copyright (c) 1999 American Microsystems, Inc.
Devices sold by AMI are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. AMI makes no warranty, express, statutory implied or by description, regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. AMI makes no warranty of merchantability or fitness for any purposes. AMI reserves the right to discontinue production and change specifications and prices at any time and without notice. AMI's products are intended for use in commercial applications. Applications requiring extended temperature range, unusual environmental requirements, or high reliability applications, such as military, medical life-support or life-sustaining equipment, are specifically not recommended without additional processing by AMI for such applications.
American Microsystems, Inc., 2300 Buckskin Rd., Pocatello, ID 83201, (208) 233-4690, FAX (208) 234-6796, WWW Address: http://www.amis.com E-mail: tgp@amis.com 5
ISO9001
10.1.99


▲Up To Search▲   

 
Price & Availability of 11640-828

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X