Part Number Hot Search : 
DDX8029 ADUM1411 UG2007 LC86108C 1N5250 XXXZM 0A120 1N5250
Product Description
Full Text Search
 

To Download 0015800683 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0015800683 Active
cgrid__sl_products 2.54mm (.100") Pitch C-Grid(R) Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 68 Circuits, 0.38m (15") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
Documents: 3D Model Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-70567 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Application Overview Product Name PCB Headers 70567 Wire-to-Board cgrid__sl_products C-Grid(R)
Physical
Breakaway Circuits (Loaded) Circuits Detail Color - Resin First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part No 68 68 Black No 94V-0 No No None Yes Brass, Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical 0.130 In 3.30 mm No Yes 0.093 In 2.40 mm Tube 0.100 In 2.54 mm 0.100 In 2.54 mm 15 0.38 75 1.875 Yes
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 70567Series Mates With 70450 Crimp Housing
Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No Fully No No -55C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 2.5A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 SMC & Wave Capable (TH only) 1 245
Material Info
Old Part Number A-70567-0100
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-70873-0018 PS-70567 SDA-70567-****
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0015800683

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X