Part Number Hot Search : 
SMCJ120A MHW8267A MC3488A MC1H1R 0MTXB RLZ18 29PT5431 62504F
Product Description
Full Text Search
 

To Download WED3DG6433V-D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WED3DG6433V-D1
256MB- 32Mx64 SDRAM, UNBUFFERED
FEATURES
n Burst Mode Operation n Auto and Self Refresh capability n LVTTL compatible inputs and outputs n Serial Presence Detect with EEPROM n Fully synchronous: All signals are registered on the positive edge of the system clock n Programmable Burst Lengths: 1, 2, 4, 8 or Full Page n 3.3 volt 6 0.3v Power Supply n 144 Pin SO-DIMM JEDEC
* This datasheet describes a product that may or may not be under development and is subject to change or cancellation without notice.
DESCRIPTION
The WED3DG6433V is a 32Mx64 synchronous DRAM module which consists of four 32Mx16 SDRAM components in TSOP- 11 package, and one 2K EEPROM in an 8- pin TSSOP package for Serial Presence Detect which are mounted on a 144 Pin SODIMM multilayer FR4 Substrate.
PIN CONFIGURATIONS (FRONT SIDE/BACK SIDE)
Pin 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 47 49 Front VSS DQ0 DQ1 DQ2 DQ3 VDD DQ4 DQ5 DQ6 DQ7 VSS DQM0 DQM1 VDD A0 A1 A2 VSS DQ8 DQ9 DQ10 DQ11 VDD DQ12 DQ13 Pin 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 Back VSS DQ32 DQ33 DQ34 DQ35 VDD DQ36 DQ37 DQ38 DQ39 VSS DQM4 DQM5 VDD A3 A4 A5 VSS DQ40 DQ41 DQ42 DQ43 VDD DQ44 DQ45 Pin 51 53 55 57 59 Front DQ14 DQ15 VSS NC NC Pin 52 54 56 58 60 Back DQ46 DQ47 VSS NC NC Pin 95 97 99 101 103 105 107 109 111 113 115 117 119 121 123 125 127 129 131 133 135 137 139 141 143 Back DQ21 DQ22 DQ23 VDD A6 A8 VSS A9 A10/AP VDD DQM2 DQM3 VSS DQ24 DQ25 DQ26 DQ27 VDD DQ28 DQ29 DQ30 DQ31 VSS **SDA VDD Pin 96 98 100 102 104 106 108 110 112 114 116 118 120 122 124 126 128 130 132 134 136 138 140 142 144 Back DQ53 DQ54 DQ55 VDD A7 BA0 VSS BA1 A11 VDD DQM6 DQM7 VSS DQ56 DQ57 DQ58 DQ59 VDD DQ60 DQ61 DQ62 DQ63 VSS **SCL VDD
PIN NAMES
A0 A12 BA0-1 DQ0-63 CLK0 CKE0 CS0 RAS CAS WE DQM0-7 VDD VSS SDA SCL DNU NC Address input (Multiplexed) Select Bank Data Input/Output Clock input Clock Enable input Chip select Input Row Address Strobe Column Address Strobe Write Enable DQM Power Supply (3.3V) Ground Serial data I/O Serial clock Do not use No Connect
VOLTAGE KEY
61 63 65 67 69 71 73 75 77 79 81 83 85 87 89 91 93 CLK0 VDD RAS WE CS0 *CS1 DNU VSS NC NC VDD DQ16 DQ17 DQ18 DQ19 VSS DQ20 62 64 66 68 70 72 74 76 78 80 82 84 86 88 90 92 94 CKE0 VDD CAS *CKE1 A12 *A13 *CLK1 VSS NC NC VDD DQ48 DQ49 DQ50 DQ51 VSS DQ52
* These pins are not used in this module. ** These pins should be NC in the system which does not support SPD.
Sept. 2002 Rev. 0 ECO #15457
1
White Electronic Designs Corporation (508) 366-5151 www.whiteedc.com
WED3DG6433V-D1
FUNCTIONAL BLOCK DIAGRAM
White Electronic Designs Corporation (508) 366-5151 www.whiteedc.com
2
Sept. 2002 Rev. 0 ECO #15457
WED3DG6433V-D1
ABSOLUTE MAXIMUM RATINGS
Parameter Voltage on any pin relative to VSS Voltage on VDD supply relative to VSS Storage Temperature Power Dissipation Short Circuit Current Symbol VIN, Vout VDD, VDDQ TSTG PD IOS Value -1.0 ~ 4.6 -1.0 ~ 4.6 -55 ~ +150 4 50 Units V V C W mA
Note: Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted to recommended operating condition. Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS (Voltage Referenced to: VSS = 0V, TA = 0C to +70C)
Parameter Supply Voltage Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Input Leakage Current Symbol VDD VIH VIL VOH VOL ILI Min 3.0 2.0 -0.3 2.4 -10 Typ Max Unit 3.3 3.6 V 3.0 VDDQ+0.3 V 0.8 V V 0.4 V 10 A Note 1 2 IOH= -2mA IOL= -2mA 3
Note: 1. VIH (max)= 5.6V AC. The overshoot voltage duration is 3ns. 2. VIL (min)= -2.0V AC. The undershoot voltage duration is 3ns. 3. Any input 0V VIN VDDQ Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
CAPACITANCE (TA = 23C, f = 1MHz, VDD = 3.3V, VREF=1.4V 6200mV)
Parameter Input Capacitance (A0-A12) Input Capacitance (RAS,CAS,WE) Input Capacitance (CKE0) Input Capacitance (CLK0) Input Capacitance (CS0) Input Capacitance (DQM0-DQM7) Input Capacitance (BA0-BA1) Data input/output capacitance (DQ0-DQ63) Symbol CIN1 CIN2 CIN3 CIN4 CIN5 CIN6 CIN7 Cout Min Max 45 45 25 21 25 12 45 20 Unit pF pF pF pF pF pF pF pF
Sept. 2002 Rev. 0 ECO #15457
3
White Electronic Designs Corporation (508) 366-5151 www.whiteedc.com
WED3DG6433V-D1
OPERATING CURRENT CHARACTERISTICS (VCC = 3.3V, TA = 0C to +70C)
Parameter Operating Current (One bank active) Precharge Standby Current in Power Down Mode Precharge Standby Current in Non-Power Down Mode Active standby current in power-down mode Active standby current in non power-down mode Operating current (Burst mode) Refresh current Self refresh current Symbol ICC1 ICC2P ICC2PS Icc2N Icc2NS ICC3P ICC3PS ICC3N ICC3NS ICC4 ICC5 ICC6 Conditions Burst Length = 1 tRC tRC(min) IOL = 0mA CKE VIL(max), tCC = 10ns CKE & CLK VIL(max), tCC = CKE VIH(min), CS VIH(min), tcc = 10ns Input signals are charged one time during 20 CKE VIH(min), CLK VIL(max), tcc = Input signals are stable CKE VIL(max), tCC = 10ns CKE & CLK VIL(max), tcc = CKE VIH(min), CS VIH(min), tcc = 10ns Input signals are changed one time during 20ns CKE VIH(min), CLK VIL(max), tcc = input signals are stable Io = mA Page burst 4 Banks activated tCCD = 2CLK tRC tRC(min) CKE 0.2V Version 133 100 680 640 20 20 160 80 35 35 240 180 920 1400 720 1280 Units Note mA 1 mA
mA mA mA mA mA mA mA 1 2
25
Notes: 1. Measured with outputs open. 2. Refresh period is 64ms. 3. Unless otherwise noticed, input swing level is CMOS (VIH/VIL = VDDQ/VssQ)
White Electronic Designs Corporation (508) 366-5151 www.whiteedc.com
4
Sept. 2002 Rev. 0 ECO #15457
WED3DG6433V-D1
Ordering Information WED3DG6433V10D1 WED3DG6433V7D1 WED3DG6433V75D1
Speed 100MHz 133MHz 133MHz
Cas Latency CL=2 CL=2 CL=3
PACKAGE DIMENSIONS
ALL DIMENSIONS ARE IN INCHES
Sept. 2002 Rev. 0 ECO #15457
5
White Electronic Designs Corporation (508) 366-5151 www.whiteedc.com
WED3DG6433V-D1
REV. A 0
DATE 11-16-01 9-6-02
REQUESTED BY PAUL MARIEN PAUL MARIEN
DETAILS CREATED -CHANGE FROM ADVANCED TO FINAL
White Electronic Designs Corporation (508) 366-5151 www.whiteedc.com
6
Sept. 2002 Rev. 0 ECO #15457


▲Up To Search▲   

 
Price & Availability of WED3DG6433V-D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X