Part Number Hot Search : 
KSR2201 IX2C11P1 E000793 MM1924A MAX1195 S8022BM 1M2D3XTR SGF29
Product Description
Full Text Search
 

To Download VN2222LL-P002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VN2222LL N-Channel Enhancement-Mode Vertical DMOS FETs
Features
Free from secondary breakdown Low power drive requirement Ease of paralleling Low CISS and fast switching speeds Excellent thermal stability Integral source-drain diode High input impedance and high gain
General Description
The Supertex VN2222LL is an enhancement-mode (normally-off) transistor that utilizes a vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces a device with the power handling capabilities of bipolar transistors, and the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, this device is free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where very low threshold voltage, high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Applications
Motor controls Converters Amplifiers Switches Power supply circuits Drivers (relays, hammers, solenoids, lamps, memories, displays, bipolar transistors, etc.)
Ordering Information
Device VN2222
-G indicates package is RoHS compliant (`Green')
Package Option TO-92 VN2222LL-G
BVDSS/BVDGS
(V)
RDS(ON)
(max) ()
ID(ON)
(min) (mA)
60
7.5
750
Pin Configuration
DRAIN
Absolute Maximum Ratings
Parameter Drain-to-source voltage Drain-to-gate voltage Gate-to-source voltage Operating and storage temperature Soldering temperature* Value BVDSS BVDGS 30V -55C to +150C +300C
SOURCE GATE
TO-92 (LL)
Product Marking
LYYWW
Si VN 2222L
YY = Year Sealed WW = Week Sealed = "Green" Packaging TO-92 (LL)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. Continuous operation of the device at the absolute rating level may affect device reliability. All voltages are referenced to device ground. * Distance of 1.6mm from case for 10 seconds.
Package may or may not include the following marks: Si or
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
VN2222LL
Thermal Characteristics
Package TO-92
(continuous) (A)
ID
(pulsed) (A)
ID
Power Dissipation
@TC = 25OC (W)
O
( C/W)
jc
( C/W)
O
ja
IDR
(A)
IDRM
(A)
0.23
1.0
1.0
125
170
0.23
1.0
Notes: ID (continuous) is limited by max rated Tj .
Electrical Characteristics (T = 25C unless otherwise specified)
A
Sym BVDSS VGS(th) IGSS IDSS ID(ON) RDS(ON) GFS CISS COSS CRSS t(ON) t(OFF) VSD
Parameter Drain-to-source breakdown voltage Gate threshold voltage Gate body leakage current Zero gate voltage drain current On-state drain current Static drain-to-source on-state resistance Forward transconductance Input capacitance Common source output capacitance Reverse transfer capacitance Turn-on time Turn-off time Diode forward voltage drop
Min 60 0.6 0.75 100 -
Typ 0.85
Max 2.5 100 10 500 7.5 7.5 60 25 8.0 10 10 -
Units V V nA A A mmho pF
Conditions VGS = 0V, ID = 100A VGS = VDS, ID = 1.0mA VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VGS = 0V, VDS = 48V, TA = 125OC VGS = 10V, VDS = 10V VGS = 5.0V, ID = 200mA VGS = 10V, ID = 500mA VDS = 10V, ID = 500mA VGS = 0V, VDS = 25V, f = 1.0MHz VDD = 15V, ID = 0.6A, RGEN = 25 VGS = 0V, ISD = 0.2A
ns V
Notes: 1. All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2. All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
VDD
10V
90% 10%
t(ON)
INPUT
0V
PULSE GENERATOR
t(OFF) tr td(OFF) tF
RL OUTPUT
td(ON)
VDD
RGEN
10% 90%
10%
INPUT
D.U.T.
OUTPUT
0V
90%
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com 2
VN2222LL
3-Lead TO-92 Package Outline (LL)
D
A Seating Plane 1 2 3
L
e1 e
b
c
Front View
Side View
E1
E 1 2 3
Bottom View
Symbol Dimensions (inches) MIN NOM MAX
A .170 .210
b .014 .022

c .014 .022

D .175 .205
E .125 .165
E1 .080 .105
e .095 .105
e1 .045 .055
L .500 .610*
JEDEC Registration TO-92. * This dimension is not specified in the JEDEC drawing. This dimension differs from the JEDEC drawing. Drawings not to scale. Supertex Doc.#: DSPD-3TO92N3, Version E041009.
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to http://www.supertex.com/packaging.html.)
Supertex inc. does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives an adequate "product liability indemnification insurance agreement." Supertex inc. does not assume responsibility for use of devices described, and limits its liability to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. website: http//www.supertex.com.
(c)2009 All rights reserved. Unauthorized use or reproduction is prohibited.
Doc.# DSFP-VN2222LL A041309
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com 3


▲Up To Search▲   

 
Price & Availability of VN2222LL-P002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X