Part Number Hot Search : 
TMC424 2SD2115 APL3521 D203ED NME0505 VT8225 GDM1604 R5101015
Product Description
Full Text Search
 

To Download SKM150GAL12T410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SKM150GAL12T4
Absolute Maximum Ratings Symbol
IGBT VCES IC ICnom ICRM ICRM = 3xICnom VCC = 800 V VGE 15 V VCES 1200 V VGES tpsc Tj Inverse diode IF Tc = 25 C Tc = 80 C Tj = 150 C Tj = 25 C Tj = 175 C Tc = 25 C Tc = 80 C 1200 232 179 150 450 -20 ... 20 10 -40 ... 175 189 141 150 IFRM = 3xIFnom tp = 10 ms, sin 180, Tj = 25 C 450 900 -40 ... 175 Tc = 25 C Tc = 80 C 189 141 150 IFRM = 3xIFnom tp = 10 ms, sin 180, Tj = 25 C 450 900 -40 ... 175 Tterminal = 80 C AC sinus 50Hz, t = 1 min 200 -40 ... 125 4000 V A A A A V s C A A A A A C A A A A A C A C V
Conditions
Values
Unit
SEMITRANS(R) 2
Fast IGBT4 Modules
SKM150GAL12T4
Tj = 175 C
IFnom
Features
* IGBT4 = 4. Generation (Trench)IGBT * VCEsat with positive temperaturecoefficient * High short circuit capability, selflimiting to 6 x ICNOM * Soft switching 4. Generation CALdiode (CAL4)
IFRM IFSM Tj
Freewheeling diode IF IFnom IFRM IFSM Tj Module It(RMS) Tstg Visol Tj = 175 C
Typical Applications*
* * * * DC/DC - converter Brake chopper Switched reluctance motor DC - Motor
Remarks
* Case temperature limited to Tc = 125C max, recomm. Top = -40 ... +150C, product rel. results valid for Tj = 150
Characteristics Symbol
IGBT VCE(sat) VCE0 rCE VGE(th) ICES Cies Coes Cres QG RGint IC = 150 A VGE = 15 V chiplevel Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C VGE = 15 V VGE=VCE, IC = 6 mA VGE = 0 V VCE = 1200 V VCE = 25 V VGE = 0 V VGE = - 8 V...+ 15 V Tj = 25 C Tj = 25 C Tj = 150 C f = 1 MHz f = 1 MHz f = 1 MHz 9.3 0.58 0.51 850 5.0 Tj = 25 C Tj = 150 C 5 1.80 2.20 0.8 0.7 6.67 10.00 5.8 0.1 2.05 2.40 0.9 0.8 7.67 10.67 6.5 0.3 V V V V m m V mA mA nF nF nF nC
Conditions
min.
typ.
max.
Unit
GAL (c) by SEMIKRON Rev. 2 - 23.06.2010 1
SKM150GAL12T4
Characteristics Symbol
td(on) tr Eon td(off) tf Eoff
Conditions
VCC = 600 V IC = 150 A VGE = 15 V RG on = 1 RG off = 1 di/dton = 3400 A/s di/dtoff = 1750 A/s per IGBT Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C IF = 150 A Tj = 150 C di/dtoff = 3100 A/s T = 150 C j VGE = 15 V Tj = 150 C VCC = 600 V per diode Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C IF = 150 A Tj = 150 C di/dtoff = 3100 A/s T = 150 C j VGE = 15 V Tj = 150 C VCC = 600 V per Diode Tj = 150 C Tj = 150 C Tj = 150 C Tj = 150 C Tj = 150 C Tj = 150 C
min.
typ.
180 42 19.2 410 72 15.8
max.
Unit
ns ns mJ ns ns mJ
SEMITRANS(R) 2
Fast IGBT4 Modules
SKM150GAL12T4
Rth(j-c)
0.19 2.14 2.07 1.3 0.9 5.6 7.8 120 31.3 0.31 2.14 2.07 1.3 0.9 5.6 7.8 120 31.3 13 0.31 30 2.46 2.38 1.5 1.1 6.4 8.5 2.46 2.38 1.5 1.1 6.4 8.5
K/W V V V V m m A C mJ K/W V V V V m m A C mJ K/W nH m m
Inverse diode VF = VEC IF = 150 A VGE = 0 V chip VF0 rF IRRM Qrr Err Rth(j-c)
Features
* IGBT4 = 4. Generation (Trench)IGBT * VCEsat with positive temperaturecoefficient * High short circuit capability, selflimiting to 6 x ICNOM * Soft switching 4. Generation CALdiode (CAL4)
Typical Applications*
* * * * DC/DC - converter Brake chopper Switched reluctance motor DC - Motor
Freewheeling diode VF = VEC IF = 150 A VGE = 0 V chip VF0 rF IRRM Qrr Err Rth(j-c) Module LCE RCC'+EE' Rth(c-s) Ms Mt w terminal-chip per module to heat sink M6
Remarks
* Case temperature limited to Tc = 125C max, recomm. Top = -40 ... +150C, product rel. results valid for Tj = 150
TC = 25 C TC = 125 C 3 to terminals M5 2.5
0.65 1 0.04 0.05 5 5 160
K/W Nm Nm Nm g
GAL 2 Rev. 2 - 23.06.2010 (c) by SEMIKRON
SKM150GAL12T4
Fig. 1: Typ. output characteristic, inclusive RCC'+ EE'
Fig. 2: Rated current vs. temperature IC = f (TC)
Fig. 3: Typ. turn-on /-off energy = f (IC)
Fig. 4: Typ. turn-on /-off energy = f (RG)
Fig. 5: Typ. transfer characteristic
Fig. 6: Typ. gate charge characteristic
(c) by SEMIKRON
Rev. 2 - 23.06.2010
3
SKM150GAL12T4
Fig. 7: Typ. switching times vs. IC
Fig. 8: Typ. switching times vs. gate resistor RG
Fig. 9: Transient thermal impedance
Fig. 10: Typ. CAL diode forward charact., incl. RCC'+EE'
Fig. 11: CAL diode peak reverse recovery current
Fig. 12: Typ. CAL diode peak reverse recovery charge
4
Rev. 2 - 23.06.2010
(c) by SEMIKRON
SKM150GAL12T4
SEMITRANS 2
GAL
This is an electrostatic discharge sensitive device (ESDS), international standard IEC 60747-1, Chapter IX * The specifications of our components may not be considered as an assurance of component characteristics. Components have to be tested for the respective application. Adjustments may be necessary. The use of SEMIKRON products in life support appliances and systems is subject to prior specification and written approval by SEMIKRON. We therefore strongly recommend prior consultation of our personal.
(c) by SEMIKRON
Rev. 2 - 23.06.2010
5


▲Up To Search▲   

 
Price & Availability of SKM150GAL12T410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X