Part Number Hot Search : 
HYAAM 42S32200 ZMM5254 ZMM5235B MDU1513 AD9780 100P06 FR85J02
Product Description
Full Text Search
 

To Download ROT-116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 116-200 BFZ-SFZ
Vishay Sfernice
Precision Rotative Transducers (ROT)
FEATURES
* Laws: sine and cosine/sine only/cosine only * Size 11 - 20 * Continuous Measure on 360 * Long Life up to 40.106 cycles * Conformity from 1% down to 0.35% * Bushing or Servo Mounting A comprehensive range of rotational motion transducers with trigonometric laws for industrial applications.
SIZE
MODEL LAW 116 SF/Z - S - C
* Following MIL-R-39023 Requirements
11
116 BF/Z - S - C 200 SF/Z - S - C
20
200 BF/Z - S - C
Z: sine and cosine / S: sine (only) / C: cosine (only)
ELECTRICAL SPECIFICATIONS
Theoretical electrical angle (TEA) = 360 Conformity peak to peak Number of cups Ohmic values (RT per quadrant) Ohmic value tolerances at 20C Output smoothness Maximum power rating at 70C Wiper current Ground taps Resistance load on wiper Resolution Insulation resistance Dielectric strength 0.4W A 1% actual electrical angle (AEA) = TEA B 0.5% up to 2 1 k - 5 k - 10 k - on request other values 20% 0.05% 1.2W down to 0.35%
recommended: a few A - 1mA max. (continuous) on request minimum 103 x RT essentially infinite 1000M, 500VDC 500VRMS, 50Hz
MECHANICAL SPECIFICATIONS
Mechanical angle (MA) Mounting type Shaft guiding Shaft Housing Termination Wiper Starting torque (N.cm) 1 cup 2 cups Weight (g) 0.3 0.5 servo ball bearings bushing sleeve bearings 360 continuous servo ball bearings bushing sleeve bearings
stainless steel plastic moulding turrets precious metal multi-finger contact 0.5 0.8 0.4 0.6 0.6 0.9
30 2 (1 cup) + 17 2 (2 cups)
100 3 (1 cup) + 26 3 (2 cups)
www.vishay.com 14
For technical questions, contact sfer@vishay.com
Document Number: 54006 Revision 20-Dec-01
116-200 BFZ-SFZ
Precision Rotative Transducers (ROT)
PERFORMANCE
Life (106 cycles) Temperature range Climatic category Speed rotation (RPM) Sine vibration on 3 axes Mechanical shocks on 3 axes 600 (Servo) 25 (Servo) - 55C, + 125C 55 / 125 / 04 150 (Bushing) 1.5 mm or 20g from 10Hz to 2000Hz 50g - 11ms - half sine 15 (Bushing)
Vishay Sfernice
TRIGONOMETRIC FUNCTIONS
Sine/cosine over 360
+E
+E
b
90 Cos
Sin es ec
a=0
es
E
ec
E
LAW Z
-E
0
q
-E
0 O 360 b = + 90
Sine over 360
+E
+E a=0 e
LAW S
0 -E
e = sin E
q
-E
0 O 360
Cosine over 360
+E
+E
a=0
LAW C
0 -E
e E
q
-E e
0 O 360
Document Number: 54006 Revision 20-Dec-01
For technical questions, contact sfer@vishay.com
www.vishay.com 15
116-200 BFZ-SFZ
Vishay Sfernice
Precision Rotative Transducers (ROT)
DIMENSIONS in millimeters, general tolerance 0.5mm
116 SF Z
45 3 4 2 A 6 5 C D G C A 45 E 1.6 0.1 F o 9.52 x 0.78 1.6 J
SIZE 11
116 BF Z
R = I max. 1
H B N
K B
H N
1: 2: 3: 4: 5: 6:
Power supply (+) Power supply (-) Wiper (sine) Wiper (cosine) Ground tap (on request) Ground tap (on request)
200 SF Z
45
45
E F 1.6 0.1
SIZE 20
200 BF Z
4
2
o 9.52 x 0.78
3
J
A
A G C
6
5
C
D
G
R = I max. 1
B
H N B
K
H
N
DIMENSIONS mm DESIGNATION 116 SF Z 116 BF Z 200 SF Z 200 BF Z
A +0 - 0.013 3.175 6.345
B MAX. 16.6 20 16.6 20
C MAX. 27.05 27.05 51 47.6
D +0 - 0.013 24.608 47.625 -
E 0.1 1.6 2.4 -
F MIN. 1.5 2.2 -
G MAX. 24.8 47.6 -
H MIN. 4.5 3 7 13
I MAX. 17.3 29.7 -
J +0 - 0.02 10.3 10.3
K MAX. 9.6 9.6
N MAX. N MAX. (1 cup) (2 cups) 18.5 16.5 23.1 29.5 35 33 41.5 48
ORDERING INFORMATION
ROT SERIES 116 MODEL S MOUNTING TYPE S: Servo B: Bushing F CONDUCTOR F : Plastic Z LAW Z: Sine/Cosine S: Sine C: Cosine 1 A 502 W... NUMBER CONFORMITY OHMIC VALUE MODIFICATIONS OF CUPS A 1% 2 max. First 2 digits are Special B 0.5% significant numbers feature 3rd digit indicates code number number of zeros
Special characteristics and designs on request. www.vishay.com 16 For technical questions, contact sfer@vishay.com Document Number: 54006 Revision 20-Dec-01


▲Up To Search▲   

 
Price & Availability of ROT-116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X