Part Number Hot Search : 
3045C AT24C SPC56 2SK306 HFMD1685 CG2800 EZ36D 038611
Product Description
Full Text Search
 

To Download NACHR22K50V4X63TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES * CYLINDRICAL V-CHIP CONSTRUCTION * WIDE TEMPERATURE -40 ~+105C * LONG LIFE (+105C, 2000 HOURS) * 6.3 mm MAXIMUM HEIGHT * DESIGNED FOR REFLOW..SOLDERING CHARACTERISTICS
Rated Voltage Range Rate Capacitance Range Operating Temp. Range Capacitance Tolerance Max. Leakage Current After 2 Minutes @ 20C Working Voltage/Surge Voltage Max. Tan @120Hz/20C Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test @105C 2,000 Hours 4 ~ 50Vdc 0.1 ~ 220F -40C ~ +105C 20% (M), 10% (K)* 0.01CV or 3A whichever is greater W.V. (Vdc) S.V. (Vdc) Dissipation Factor Z-40C/Z+20C Z-55/Z+20C Capacitance Change Tan Leakage Current
* Optional 10% (K) Tolerance available on most values. Contact factory for availability. ** DF is 0.16 for NACH470M25V6.3X8
NACH Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
4 5 0.50 7 12
6.3 8.0 0.30 4 8
10 13 0.22 3 6
16 20 0.16 2 4
25 32 0.14** 2 4
35 44 0.12 2 3
50 63 0.12 2 3
Within 25% of initial measured value Less than 200% of specified value Less than specified value
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 105OC)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 4.0 34 61 82 6.3 26 29 46 71 Working Voltage (Vdc) 10 16 25 35 22 28 28 39 55 43 65 70 50 1.0 2.0 3.0 5.0 10 16 16 23 35 -
MAXIMUM ESR ( AT 120Hz AND 20OC)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 4.0 17.7 8.31 3.77 6.3 22.6 15.1 10.6 4.98 Working Voltage (Vdc) 10 16 25 35 49.5 26.6 19.9 12.1 9.05 11.1 7.05 5.66 50 1993 906 604 424 199 90.6 60.4 42.4 19.9 -
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency Hz Correction Factor 50 f<100 100 f<1K 1K f<10K 10K f < 100K 0.8 1.0 1.3 1.5 PRECAUTIONS
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
12
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE DxL (mm)
W
0.3mm max.
NACH Series
D
L
+
I
I
-
A P B
DIMENSIONS (mm)
Case Size 4 x 6.3 5 x 6.3 6.3 x 6.3 D 0.5 4.0 5.0 6.3 L max. 6.3 6.3 6.3 A 0.2 4.3 5.3 6.6 B 0.2 4.3 5.3 6.6 I 0.2 1.8 2.2 2.5 W 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 P 0.2 1.0 1.5 2.2
PART NUMBER SYSTEM
NACH 100 M 35V
RoHS Compliant 97% Sn (min.), 3% Bi (max.) 330mm (13") Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F
5x6.3 TR 13 F
Series
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
13


▲Up To Search▲   

 
Price & Availability of NACHR22K50V4X63TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X