Part Number Hot Search : 
H11F33SD 134CRP 134CRP BU606 KP463 1N6279L 65120 MC54F32D
Product Description
Full Text Search
 

To Download MTR283R3SF883 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
* * * * * * * * * * *
-55 to +125C operation 16 to 40 VDC input Fully isolated Magnetic feedback Fixed frequency 600 kHz typical Topology - Single Ended Forward 50 V for up to 50 ms transient protection Inhibit and synchronization functions Indefinite short circuit protection Up to 30 watts output power Trim and remote sense on single output models * Up to 84% efficiency
DC/DC CONVERTERS 28 VOLT INPUT
MTR SERIES 30 WATT
MODELS
VDC OUTPUT SINGLE DUAL TRIPLE 3.3 5 +5 & 5 12 12 12 15 +5 & 15 15 18
Size (max): Non-flanged: Single and dual output models, case H2 (H4 for MTR Dual with standard or ES screening, ht 0.417", 10.59 mm) 2.125 x 1.125 x 0.400 inches (53.98 x 28.58 x 10.16 mm) Triple output models, case F1, 1.950 x 1.350 x 0.405 inches (49.53 x 34.29 x 10.29 mm) Flanged: Single and dual output models, case K3 (or K5 for MTR Dual with standard or ES screening, ht. 0.417", 10.59 mm) 2.910 x 1.125 x 0.400 inches (73.91 x 28.58 x 10.16 mm) Triple output models, case J1, 2.720 x 1.350 x 0.405 inches (69.09 x 34.29 x 10.29 mm) Single and dual non-flanged 50 grams max., flanged 52 grams max. Triple non-flanged 58 grams max., flanged 62 grams max. Screening: Standard, ES, or 883 (Class H). Weight:
DESCRIPTION
The MTR SeriesTM of DC/DC converters offers up to 30 watts of output power from single, dual, or triple output configurations. They operate over the full military temperature range with up to 84% efficiency. MTR converters are packaged in hermetically sealed metal cases, making them ideal for use in military, aerospace and other high reliability applications.
SYNCHRONIZATION
Synchronizing the converter with the system clock allows the designer to confine switching noise to clock transitions, minimizing interference and reducing the need for filtering. In sync mode, the converter will run at any frequency between 500 kHz and 675 kHz. The sync control operates with a quasi-TTL signal at any duty cycle between 40% and 60%. The sync pin must be connected to input common pin when not in use.
CONVERTER DESIGN
The MTR converters are constant frequency, pulse-width modulated switching regulators which use a quasi-square wave, single ended, forward converter design. Tight load regulation is maintained via wide bandwidth magnetic feedback and, on single output models, through use of remote sense. On dual output models, the positive output is independently regulated and the negative output is cross regulated through the use of tightly coupled magnetics and shunt regulators. The MTR Series triple output DC/DC converter's design includes individual regulators on the auxiliary outputs which provide for no cross regulation error when a minimum 500 mA load is maintained on the main (+5) output. Indefinite short circuit protection and overload protection are provided by a constant current-limit feature. This protective system senses current in the converter's secondary stage and limits it to approximately 115% of the maximum rated output current. MTR converters are provided with internal filtering capacitors that help reduce the need for external components in normal operation. For systems that require compliance with MIL-STD-461C's CE03 standard, Interpoint offers filter/transient suppression modules (including the FMC-461, FMD-461 and FM-704A series filters) which will result in compliance. Contact your Interpoint representative for further details.
WIDE VOLTAGE RANGE
MTR converters are designed to provide full power operation over a full 16 to 40 VDC voltage range. Operation below 16 volts, including MIL-STD-704E emergency power conditions is possible with derated power. Refer to the low line dropout graph (Figure 22) for details.
IMPROVED DYNAMIC RESPONSE
The MTR Series feed-forward compensation system provides excellent dynamic response and noise rejection. Audio rejection is typically 50 dB. The minimum to maximum step line transient response is typically less than 4%.
INHIBIT FUNCTION
MTR converters provide an inhibit terminal that can be used to disable internal switching, resulting in no output and very low quiescent input current. The converter is inhibited when a TTL compatible low (0.8 V) is applied to the inhibit pin. The unit is enabled when the pin, which is internally connected to a pull-up resistor, is left unconnected or is connected to an open-collector gate. The open circuit output voltage associated with the inhibit pin is 9 to 11 V. In the inhibit mode, a maximum of 8 mA must be sunk from the inhibit pin.
89
MTR SERIES 30 WATT
ABSOLUTE MAXIMUM RATINGS
Input Voltage * 16 to 40 VDC Output Power * 25 to 30 watts depending on model Lead Soldering Temperature (10 sec per pin) * 300C Storage Temperature Range (Case) * -65C to +135C
DC/DC CONVERTERS
SYNC AND INHIBIT
Sync (500 to 675 kHz) * Duty cycle 40% min, 60% max * Logic low 0.8 V max * Logic high 4.5 V min, 5 V max * Referenced to input common * If not used, connect to input common Inhibit TTL Open Collector * Logic low (output disabled) Voltage 0.8 V Inhibit pin current 8.0 mA max * Referenced to input common * Logic high (output enabled) Open collector
TYPICAL CHARACTERISTICS
Output Voltage Temperature Coefficient * 100 ppm/C typical single and dual outputs * 200 ppm/C main, 300 ppm/C aux triple output Input to Output Capacitance * 50 pF typ (100 pF typ triple outputs) Current Limit * 115% of full load typical Isolation * 100 megohm minimum at 500 V Audio Rejection * 40 dB typ (50 dB typ triple output)l Conversion Frequency * Free run 550 min, 600 typ, 650 max kHz * External sync 500 to 675 kHz Inhibit Pin Voltage (unit enabled) * 9 to 11 V
RECOMMENDED OPERATING CONDITIONS
Input Voltage Range * 16 to 40 VDC continuous * 50 V for 50 msec transient Case Operating Temperature (Tc) * -55C to +125C full power * -55C to +135C absolute Derating Output Power/Current * Linearly from 100% at 125C to 0% at 135C
Electrical Characteristics: 25C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
SINGLE OUTPUT MODELS PARAMETER OUTPUT VOLTAGE OUTPUT CURRENT1 OUTPUT POWER1 OUTPUT RIPPLE VOLTAGE LINE REGULATION2 LOAD REGULATION INPUT VOLTAGE1 NO LOAD TO FULL INPUT CURRENT1 CONDITION VIN = 16 to 40 VDC VIN = 16 to 40 VDC 10 kHz - 2 MHz Tc = -55C TO +125C Vin = 16 to 40 VDC Tc = -55C TO +125C NO LOAD TO FULL Tc = -55C TO +125C CONTINUOUS TRANSIENT 50 ms NO LOAD FULL LOAD INHIBITED 10 kHz - 10 MHz Tc = -55C TO +125C SHORT CIRCUIT POWER DISSIPATION RECOVERY1, 4 50% - 100% - 50% TRANSIENT RECOVERY4 16 - 40 - 16 VDC TRANSIENT5 RECOVERY4 DELAY OVERSHOOT FULL LOAD NO LOAD MTR283R3S MIN 3.27 0 0 -- -- -- -- -- -- 16 -- -- -- -- -- 74 -- -- -- -- -- -- -- -- -- TYP 3.30 -- -- 15 -- 5 -- 2 -- 28 -- 30 0.94 7 25 76 -- 1.4 MAX 3.33 6.06 20 40 50 10 10 10 10 40 50 75 -- 8 50 -- 10 6 MTR2805S MIN 4.95 0 0 -- -- -- -- -- -- 16 -- -- -- -- -- 76 -- -- -- -- -- -- -- -- -- TYP 5.00 -- -- 35 50 10 15 5 15 28 -- 35 1.15 3 20 78 -- 1.4 MTR2812S MTR2815S MTR2818S MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX UNITS 5.05 11.88 12.00 12.12 14.85 15.00 15.15 17.82 18.00 18.18 VDC 5.0 0 -- 2.5 0 -- 2.0 0 -- 1.67 A 25 50 90 30 50 30 50 40 50 75 -- 8 50 -- 10 5 0 -- -- -- -- -- -- 16 -- -- -- -- -- 80 -- -- -- -- -- -- -- -- -- -- 25 40 10 15 5 15 28 -- 35 1.30 3 20 83 -- 1.4 30 50 90 30 50 30 50 40 50 75 -- 8 50 -- 10 5 0 -- -- -- -- -- -- 16 -- -- -- -- -- 81 -- -- -- -- -- -- -- -- -- -- 25 40 10 15 5 15 28 -- 35 1.25 3 20 84 -- 1.4 30 50 90 30 50 30 50 40 50 75 -- 8 50 -- 10 5 0 -- -- -- -- -- -- 16 -- -- -- -- -- 81 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 28 -- -- 1.33 -- -- -- -- 1.4 -- 60 500 300 -- 0 -- 30 40 90 30 50 30 50 40 50 50 -- 8 50 -- 10 -- W mV p-p mV mV VDC V mA A mA mA p-p % W ms
INPUT RIPPLE CURRENT EFFICIENCY LOAD FAULT3
STEP LOAD RESP.
125 250 -- 200 -- -- 1.4 0 33 300 300 5 50 150
200 300 60 200 200 300 -- 300 1.4 0 50 5 50 250
250 400 60 200 400 500 -- 300 1.4 0 120 5 120 600
350 500 60 200 500 600 -- 300 1.4 0 150 5 150 750
600 mV pk -- s -- -- 5 -- -- mV pk s ms
STEP LINE RESP.
START-UP1
mV pk
Notes 1. Tc = -55C to +125C 2. Operation is limited below 16V (see Figure 22). 3. Indefinite short circuit protection not guaranteed above 125C case.
4. Recovery time is measured from application of the transient to point at which Vout is within 1% of final value. 5. Transition time 10 s.
90
DC/DC CONVERTERS
DUAL OUTPUT MODELS PARAMETER OUTPUT VOLTAGE OUTPUT CURRENT1, 2 OUTPUT POWER1, 2 OUTPUT RIPPLE VOLTAGE +/- VOUT LINE REGULATION3 VIN = 16 TO 40 VDC Tc = -55C TO +125C LOAD REGULATION NO LOAD TO FULL Tc = -55C TO +125C CROSS REGULATION EFFECT ON -VOUT INPUT VOLTAGE1 NO LOAD TO FULL INPUT CURRENT SEE NOTE 4 SEE NOTE 5 CONTINUOUS TRANSIENT 50 ms NO LOAD FULL LOAD INHIBITED 10 kHz - 10 MHz POWER DISSIPATION SHORT CIRCUIT1 RECOVERY 50 - 100 - 50% BALANCED TRANSIENT RECOVERY7 16 - 40 - 16 VIN TRANSIENT8 RECOVERY7 DELAY OVERSHOOT FULL LOAD NO LOAD -- -- 0 50 50 250 -- -- 0 120 120 600 -- -- 0 150 CONDITIONS +VOUT -VOUT VIN = 16 TO 40 VDC VIN = 16 TO 40 VDC 10 kHz - 2 MHz Tc = -55C TO +125C +VOUT -VOUT +VOUT -VOUT +VOUT -VOUT +VOUT -VOUT MTR2805D MIN TYP MAX 4.95 5.00 5.05 4.92 0 0 -- -- -- -- -- -- -- -- -- -- -- -- 16 0 -- -- -- -- 76 -- -- -- -- -- -- -- 5.00 2.5 -- 20 40 10 50 10 50 5 25 5 25 7 4 28 -- 35 1.10 3 15 78 -- 1.4 200 100 200 -- 1.4 5.07 4.5 25 50 80 50 100 50 100 30 50 50 100 12 6 40 50 75 -- 8 50 -- 10 5.0 300 200 400 300 5 MTR2812D MIN TYP MAX 11.88 12.00 12.12 11.82 0 0 -- -- -- -- -- -- -- -- -- -- -- -- 16 0 -- -- -- -- 78 -- -- -- -- -- -- -- 12.00 1.25 -- 30 40 10 50 10 50 15 30 15 30 4 4 28 -- 50 1.34 3 20 81 -- 1.4 150 100 200 -- 1.4 12.18 2.25 30 80 120 30 120 50 150 30 120 50 180 8.3 6 40 50 75 -- 8 50 -- 10 5.0 300 200 400 300 5
MTR SERIES 30 WATT
MTR2815D MIN TYP MAX 14.85 15.00 15.15 14.77 15.00 0 0 -- -- -- -- -- -- -- -- -- -- -- -- 16 0 -- -- -- -- 80 -- -- -- -- -- -- -- 1.0 -- 25 40 10 50 10 50 15 30 15 30 3 4 28 -- 50 1.29 3 20 83 -- 1.4 200 100 400 -- 1.4 15.23 1.8 30 80 120 30 150 50 180 30 150 50 180 8 6 40 50 75 -- 8 50 -- 10 5.0 400 200 500 300 5 150 750 % VDC V mA A mA mA p-p % W ms mV pk s mV pk s ms mV mV A W mV p-p UNITS VDC
Electrical Characteristics: 25C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
INPUT RIPPLE CURRENT1 EFFICIENCY LOAD FAULT6
STEP LOAD RESPONSE VOUT STEP LINE RESPONSE VOUT START-UP1
mV pk
Notes 1. Tc = -55C to +125C. 2. Up to 90% of the total output current/power is available from either output providing the positive output is carrying at least 10% of the total output power. 3. Operation is limited below 16 V (see Figure 22). 4. Effect on the negative output under the following conditions: +Pout 20% to 80%; -Pout 80% to 20%
5. Effect on the negative output under the following conditions: +Pout 50%; -Pout 10% to 50% 6. Indefinite short circuit protection not guaranteed above 125C case. 7. Recovery time is measured from application of the transient to point at which Vout is within 1% of final value. 8. Transition time 10 s.
91
MTR SERIES 30 WATT
TRIPLE OUTPUT MODELS PARAMETER OUTPUT VOLTAGE
DC/DC CONVERTERS
MTR28512T CONDITION MAIN + AUXILIARY - AUXILIARY MIN 4.95 11.82 11.82 0.5 -- -- -- -- -- -- MAIN AUXILIARY -- -- -- -- -- -- 16 -- -- -- -- -- 72 POWER DISSIPATION SHORT CIRCUIT ALL OUTPUTS SHORTED TOTAL RECOVERY EACH OUTPUT MAIN AUXILIARY MAIN AUXILIARY MAIN AUXILIARY MAIN AUXILIARY -- -- -- -- -- -- -- -- -- -- -- -- 1.4 150 500 0.05 3 150 100 1.4 0 0 14 2.0 250 750 0.10 5 250 250 2.0 500 1500 -- -- -- -- -- -- -- -- -- -- -- -- 1.4 150 500 0.05 2 150 100 1.4 0 0 14 2.0 250 750 0.10 5 250 250 2.0 500 1500 W ms mV ms mV ms mV TYP 5.0 12.0 12.0 -- 0.416 0.416 20 5 5 -- 50 20 10 25 10 30 28 -- 70 1.37 3.0 20 75 MAX 5.05 12.18 12.18 4.0 0.750 0.750 20 9 9 30 115 80 20 60 20 75 40 50 100 1.45 8 40 -- MIN 4.95 14.77 14.77 0.5 -- -- -- -- -- -- -- -- -- -- -- -- 16 -- -- -- -- -- 73 MTR28515T TYP 5.0 15.0 15.0 -- 0.333 0.333 20 5 5 -- 50 20 10 30 10 30 28 -- 70 1.37 3.0 20 75 MAX 5.05 15.23 15.23 4.0 0.600 0.600 20 9 9 30 115 80 20 75 50 75 40 50 100 1.45 8 40 -- mA A mA mA p-p % VDC mV mV p-p mV W A VDC UNITS
Electrical Characteristics: 25C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
OUTPUT CURRENT1 VIN = 16 TO 40 OUTPUT POWER1 VIN = 16 TO 40
MAIN + AUXILIARY - AUXILIARY MAIN + AUXILIARY - AUXILIARY TOTAL
OUTPUT RIPPLE VOLTAGE LINE REGULATION VIN = 16 TO 40 LOAD REGULATION2, 3 INPUT VOLTAGE
10 kHz to 2 MHz
MAIN AUXILIARY MAIN AUXILIARY CONTINUOUS TRANSIENT 50 ms
INPUT CURRENT
NO LOAD FULL LOAD INHIBITED
INPUT RIPPLE CURRENT EFFICIENCY LOAD FAULT4
10 kHz TO 10 MHz
STEP LOAD RESPONSE
TRANSIENT5 RECOVERY6
STEP LINE RESPONSE VIN = 16 TO 40 START-UP
TRANSIENT
DELAY OVERSHOOT
Notes 1. The sum of the two aux outputs is not to exceed 10 watts. The maximum load per aux output is 9 watts. 2. To maintain regulation when operating the Aux at full load, a minimum load of 500 mA is required on the main. 3. Measured on each output one at a time with the other outputs at full load.
4. Indefinite short circuit protection not guaranteed above 125C (case). 5. Response of each output as all outputs are simultaneously transitioned. Main: 50% - 100% - 50% of main full load Auxiliaries: 25% - 50% - 25% each, of total auxiliary full load 6. Recovery time is measured from application of the transient to point at which Vout is within 1% of regulation.
92
DC/DC CONVERTERS
TRIM AND REMOTE SENSE (AVAILABLE ON SINGLE OUTPUT MODELS ONLY)
MTR SINGLE OUTPUT CONVERTER 1 +VIN OUTPUT COMMON SENSE RETURN SENSE INPUT COMMON POSITIVE OUTPUT 4 1 3 6 1 RT 5 10 RL SENSE INPUT COMMON POSITIVE OUTPUT 1 +VIN OUTPUT COMMON SENSE RETURN
MTR SERIES 30 WATT
4 2 3 6 2 RL
MTR SINGLE OUTPUT CONVERTER
10
5
EXTERNAL TRIM CONNECTION
1 Make connections at converter.
REMOTE SENSE CONNECTION
2 Make connections at load.
FIGURE 1: TRIM CONNECTION1, 2, 3 Trim Formulas Vout = desired output voltage; Rt = trim resistor 3.3V: Rt = 1300 * Vout - 4304 1.2475 5V: Rt = 1300 * Vout - 6512 1.2475 12V: Rt = 1300 * Vout - 15631 1.2475 15V: Rt = 1300 * Vout - 19498 1.2475
FIGURE 2: REMOTE SENSE2, 3
Notes for Remote Sense and Trim 1. When trimming output voltage and/or remote sensing, the total output voltage increase must be less than 0.6 volts at the converters pins to maintain specified performance. 2. If neither voltage trim nor remote sense will be used, connect pin 3 to pin 4 and pin 5 to pin 6 or the output voltage will increase by 1.2 volts. 3. CAUTION: The converter will be permanently damaged if the positive remote sense (pin 6) is shorted to ground. Damage may also result if the output common or positive output is disconnected from the load with the remote sense leads connected to the load.
PIN OUT Dot on top of cover indicates pin one. Pin 1 2 3 4 5 6 7 8 9 10 Single Output Positive Input Inhibit Sense Return Output Common Positive Output Positive Sense Case Ground Case Ground Sync Input Common Dual Output Positive Input Inhibit Positive Output Output Common Negative Output Case Ground Case Ground Case Ground Sync Input Common Triple Output Positive Input Main (+5) Output Output Common Neg. Aux. Output Pos. Aux. Output Case Ground Case Ground Inhibit Sync Input Common
1
2
3
4
5
BOTTOM VIEW MTR SINGLE FLANGED AND NON-FLANGED
10 9 8 7 6
Dotted line outlines flanged package option.
See pages 10, 13, and for dimensions.
FIGURE 3: PIN OUT SINGLE OUTPUT MODELS
Dot on top of cover indicates pin one.
Squared corner and dot on top of package indicate pin one.
1 1 2 3 4 5
2
3
4
5
BOTTOM VIEW MTR DUAL FLANGED AND NON-FLANGED
10 9 8 7 6
BOTTOM VIEW MTR TRIPLE FLANGED AND NON-FLANGED
10 9 8 7 6
Dotted line outlines flanged package option.
See pages 10, 11, 13, 14, and 15 for dimensions.
Dotted line outlines flanged package option.
See pages 9 and 12 for dimensions.
FIGURE 4: PIN OUT DUAL OUTPUT MODELS
FIGURE 5: PIN OUT TRIPLE OUTPUT MODELS
1
MTR SERIES 30 WATT
DC/DC CONVERTERS
SMD NUMBERS
STANDARD MICROCIRCUIT DRAWING (SMD) 5962-0150101HXC 5962-9306801HXC 5962-9306901HXC 5962-9307001HXC 5962-9320201HXC 5962-9320501HXC 5962-9307101HXC 5962-9307201HXC 5962-9307301HXC 5962-9307401HXC MTR SERIES SIMILAR PART MTR283R3S/883 MTR2805S/883 MTR2812S/883 MTR2815S/883 MTR2818S/883 MTR2805D/883 MTR2812D/883 MTR2815D/883 MTR28512T/883 MTR28515T/883
MODEL NUMBERING KEY
MTR Base Model Input Voltage Output Voltage (Main and aux. Vout for triple models) Number of Outputs (S = single, D = dual, T = triple) Case Option ("F" indicates flanged option, non-flanged case has no designator in this position) Screening (Standard screening has no designator in this position.) 28 512 T F / 883
To indicate the flanged case option change the "X" to "Z" In the SMD number. The SMD number shown is for Class H screening, nonflanged. For exact specifications for an SMD product, refer to the SMD drawing. SMDs can be downloaded from: http://www.dscc.dla.mil/programs/smcr
Typical Performance Curves: 25C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
85 16V 80 80 85 16V 82 87 16V 28V
EFFICIENCY (%)
EFFICIENCY (%)
EFFICIENCY (%)
28V 75
28V 75 40V 70
77 40V 72
70 40V 65
65
67
60
5
10
15
20
25
60
62 5 10 15 20
5
10
15
20
25
OUTPUT POWER (Watts)
OUTPUT POWER (Watts)
OUTPUT POWER (Watts)
MTR2805S EFFICIENCY
MTR2812S EFFICIENCY
MTR2815S EFFICIENCY
FIGURE 6
85 16V 80 28V 85 16V 90
FIGURE 7
FIGURE 8
0 10
EFFICIENCY (%)
EFFICIENCY (%)
ATTENUATION (dB)
20
28V 80
20 30 40 50 60 70 80 90
75
70 40V 65
75
40V
70
60
5
10
15
20
65
5
10
15
OUTPUT POWER (Watts)
100 0.1
1
10
100
MTR2812D EFFICIENCY
OUTPUT POWER (Watts)
FREQUENCY (kHz)
MTR2815D EFFICIENCY
AUDIO REJECTION, MTR SERIES
FIGURE 9
FIGURE 10
FIGURE 11
2
DC/DC CONVERTERS
20V/div
25W to 12.5W VIN 25W to 2.5W
MTR SERIES 30 WATT
Typical Performance Curves: 25C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
100mV/div
20mV/div
200mV/div
VOUT 12.5W to 25W
2.5W to 25W
50s/div 16 TO 40V
50s/div 50% 100%
50s/div 10% 100%
MTR2805S STEP LINE RESPONSE
MTR2805S STEP LOAD RESPONSE
MTR2805S STEP LOAD RESPONSE
FIGURE 12
20V/div 20V/div
FIGURE 13
FIGURE 14
-POUT =15W VIN 15W to 7.5W +VOUT
VIN
1V/div
20mV/div
100mV/div
7.5W to 15W
VOUT -VOUT
500 s / div
MTR2805S TURN-ON INTO NO LOAD
50s/div 16 TO 40
50s/div 25% 50%
MTR2815D STEP LINE RESPONSE
MTR2815D +VOUT STEP LOAD RESPONSE
FIGURE 15
FIGURE 16
FIGURE 17
10 9 8 7 2812D 6 5 4 2805D 3 2 1 2815D 0 -1 2815D -2 -3 -4 2812D -5 -6 2805D -7 -8 -9 -10 +POUT 0 3 6 9 12 15 18 21 24 27 30 -POUT 30 27 24 21 18 15 12 9 6 3 0
15W to 3W
VIN +VOUT
3W to 15W
-VOUT
50s/div 10% 100%
200s/div
-VOUT VOLTAGE CHANGE (%)
100mV/div
5V/div
20V/div
MTR2815D +VOUT STEP LOAD RESPONSE
MTR2815D TURN-ON INTO NO LOAD
OUTPUT LOAD (Watts) 10% to 90% LOAD +V 90% to 10% LOAD -V
CROSS REGULATION
FIGURE 18
8 7 6 5 4 3 2 1 0 -1 -2 -3 -4 -5 -6 -7 -8 16.0
FIGURE 19
80 15.5
FIGURE 20
-VOUT VOLTAGE CHANGE (%)
16V 75
2805D COND A 2815D COND B 2805D 2812D
INPUT VOLTAGE (Volts)
2812D
15.0
EFFICIENCY (%)
40V 70 28V 65
14.5
14.0
13.5
60 13.0 10 20 30 40 50 9 12 15 18 21 24 27 30 55 5 10 15 20 25 30
OUTPUT LOAD (%) COND. B: 50% LOAD +V, 50% to 10% -V COND. A: 50% LOAD -V, 50% to 10% +V
OUTPUT POWER (Watts) 1% DROP
CROSS REGULATION
MTR SINGLES AND DUALS LOW LINE DROPOUT
OUTPUT POWER (WATTS)
MTR28512T EFFICIENCY
FIGURE 21
FIGURE 22
FIGURE 23
3
MTR SERIES 30 WATT
80 16V 75
DC/DC CONVERTERS
0 10 20
Typical Performance Curves: 25C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
20V/div 100mV/div
1 10 100
EFFICIENCY (%)
40V 70 28V 65
ATTENUATION (dB)
30 40 50 60 70 80 90
VIN +5 VOUT
+AUX
60
-AUX
55
5
10
15
20
25
30
100 0.1
OUTPUT POWER (WATTS)
FREQUENCY (kHz)
50s/div 16V TO 40V
MTR28515T EFFICIENCY
MTR SERIES AUDIO REJECTION
MTR28515T STEP LINE RESPONSE
FIGURE 24
FIGURE 25
FIGURE 26
100mV/div
20V/div
20V/div 5V/div
+5 V 50% to 100% 50 s/div
VIN
VIN
+AUX
15 VOUT
200mV/div
1ms/div 50% to 100% -AUX
2V/div
+5 VOUT
50%
100%
500 s/div
500s/div
MTR28515T STEP LOAD RESPONSE
MTR28515T, MAIN (+5) TURN-ON INTO FULL LOAD
MTR28515T, AUX. (15)TURN-ON INTO FULL LOAD
FIGURE 27
16.0 16.0
FIGURE 28
FIGURE 29
INPUT VOLTAGE (VOLTS)
INPUT VOLTAGE (VOLTS)
15.5
15.5
15.0
15.0
14.5
14.5
14.0
14.0
13.5
13.5 5 10 15 20 25 30
5
10
15
20
25
30
OUTPUT POWER (WATTS) 1% DROP
OUTPUT POWER (WATTS) 1% DROP
MTR28512T LOW LINE DROPOUT VS. LOAD
MTR28515T LOW LINE DROPOUT VS. LOAD
FIGURE 30
FIGURE 31
4
DC/DC CONVERTERS
Dot on top of case indicates pin one Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel Pins #52 alloy (all cases) ceramic seal
MTR SERIES 30 WATT
CASE F BOTTOM VIEW See Figure 33 for pin configuration
1.350 max (34.29)
Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.2) for two decimal places unless otherwise specified
1.950 max (49.53) CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin.
FIGURE 32: CASE F MAXIMUM DIMENSIONS
BOTTOM VIEW CASE F1 MTR Series Triple: Screening - Standard, ES, or 883
Seam Seal Platform Header
1.170 (29.72) 0.040 dia. (1.02)
Dot on top of case indicates pin one
1
2
3
4
5
10 0.170 (4.32) 0.000 0.405 max (10.29)
9
8
7
6
0.570 (14.48)
0.970 (24.64)
1.370 (34.80)
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer to the numerical dimensions for accuracy.
0.25 (6.4)
1.770 (44.96)
0.000
0.000
0.170 (4.32)
5
MTR SERIES 30 WATT
Dot on top of case indicates pin one
DC/DC CONVERTERS
Materials Header Cold Rolled Steel/Nickel/Gold case H2 Cold Rolled Steel/Nickel/Tin case H4 Cover Kovar/Nickel case H2 Cold Rolled Steel/Nickel/Tin case H4 Pins #52 alloy ceramic seal case H1 compression glass seal case H4 Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.3) for two decimal places unless otherwise specified
CASE H BOTTOM VIEW See Figures 35 and 36 for pin configurations.
1.125 max (28.58)
2.125 max (53.98)
CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin.
FIGURE 34: CASE H MAXIMUM DIMENSIONS BOTTOM VIEW CASE H2
MTR Series Single, - Standard, ES, or 883 MTR Series Dual: Screening - 883 Seam Seal
Platform
1.110 (28.19) 0.955 (24.26) 0.040 dia (1.02) 1 2 3 4 5
Squared corner and dot on top of case indicate pin one.
MTR Series Dual (883)
10 0.155 (3.94) 0.000 0.400 max. (10.16) 0.000 0.000 0.245 (6.22) 0.645 (16.38) 1.045 (26.54) 1.445 (36.70) 1.845 (46.86) 5 6 1.845 (46.86) 0.25 (6.4) 2.090 (53.01) 2.090 (53.01) 9 8 7 6
Squared corner and dot on top of case indicate pin one.
1.110 (28.19) 0.955 (24.26) 1 2 3 4
MTR Series Single
10 0.155 (3.94) 0.000 0.245 (6.22) 0.000 0.645 (16.38) 1.045 (26.54) 1.445 (36.70) 9 8 7
FIGURE 35: CASE H2
6
DC/DC CONVERTERS
BOTTOM VIEW CASE H4 MTR Series Dual: Screening - Standard or ES
Solder Seal
1.120 (28.45) 0.960 (24.38) 0.040 dia (1.02) 1 2 3 4 5
MTR SERIES 30 WATT
Dot on top of case indicates pin one
Solder Tip-off
10 0.160 (4.06) 0.000 0.000 0.255 (6.48) 0.655 (16.64) 1.055 (26.80) 1.455 (36.96) 1.855 (47.12) 0.417 max (10.59) 0.25 +0.05/-0.00 (6.4 +1.3/-0.0) 2.110 (53.59) 0.000 9 8 7 6
FIGURE 36: CASE H4
7
MTR SERIES 30 WATT
DC/DC CONVERTERS
Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel Pins #52 alloy (all cases) ceramic seal Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.2) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin.
Dot on top of case indicates pin one
CASE J BOTTOM VIEW See Figure 38 for pin configuration
1.350 max (34.29)
2.720 max (69.09)
Flange Thickness: 0.060 (1.52)
FIGURE 37: CASE J MAXIMUM DIMENSIONS
BOTTOM VIEW CASE J1 Flanged cases: Designator "F" required in Case Option position of model number. MTR Series Triple: Screening - Standard, ES, or 883
Platform Header
Seam Seal
1.170 (29.72) 0.040 dia. (1.02) 0.670 (17.02)
Squared corner and dot on top of case indicate pin one.
1
2
3
4
5 0.162 dia (4.11)
0.170 (4.32) 0.000 0.405 max (10.29) 0.25 (6.4) 0.210 (5.33)
10
9
8
7
6
0.170 (4.32)
0.570 (14.48)
0.970 (24.64)
1.370 (34.80)
1.770 (44.96)
0.000
0.000
FIGURE 38: CASE J1
8
2.150 (54.61)
DC/DC CONVERTERS
Dot on top of case indicates pin one
MTR SERIES 30 WATT
CASE K BOTTOM VIEW See Figures 40 and 41 for pin configuration
1.125 max (28.58)
2.910 max (73.91)
Flange Thickness: Case K3 0.060 (1.52) Case K5 0.067 +0.005/-0.007 (1.70 +0.13/-0.8) Materials Header Case K3 Cold Rolled Steel/Nickel/Gold Case K8 Cold Rolled Steel/Nickel/Tin Cover Case K3 Kovar/Nickel Case K8 Cold Rolled Steel/Nickel/Tin Pins #52 alloy (all cases) Case K3 ceramic seal Case K8 compression glass seal Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.2) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin.
FIGURE 39: CASE K MAXIMUM DIMENSIONS
9
MTR SERIES 30 WATT
DC/DC CONVERTERS
BOTTOM VIEW CASE K3
Flanged cases: Designator (F) required in Case Option position of model number. MTR Series Single and Dual: Screening - Standard, ES, or 883 Note: Do ensure timely delivery of product the MTR Series will be built using the most readily available of the cases illustrated below. Also, the MTR Dual, with standard or ES screening, may also be built in case K5.
Platform
Seam Seal
1.110 (28.19) 0.955 (24.26) 0.040 dia (1.02) 0.555 (14.1)
Dot on top of case indicates pin one
1
2
3
4
5 0.162 dia (4.11)
MTR Series Single
10 9 8 7 6
0.155 (3.94) 0.000 0.645 (16.38) 1.045 (26.54) 1.445 (36.70) 1.845 (46.86) 0.230 (5.84) 0.000 0.245 (6.22) 0.400 max. (10.16) 0.25 0.03 (6.4 0.8) 2.320 (58.93) 0.162 dia (4.11) 2.090 (53.09) 2.150 (54.60) 2.320 (58.93) 0.000
Bathtub
Seam Seal
1.110 (28.19) 1.035 (26.30) 0.955 (24.26) 0.040 dia (1.02) 0.555 (14.1)
Dot on top of case indicates pin one
1
2
3
4
5
MTR Series Single Alternate Case
10 9 8 7 6
0.155 (3.94) 0.075 (1.90) 0.000 0.400 max. (10.16) 0.20 (0.5) 0.000 0.230 (5.84) 0.060 (5.84) 0.000 0.245 (6.22) 0.645 (16.38) 1.045 (26.54) 1.445 (36.70) 1.845 (46.86) 0.25 0.03 (6.4 0.8)
FIGURE 40: CASE K3 (CONTINUED ON NEXT PAGE)
10
DC/DC CONVERTERS
Figure 40 continued: BOTTOM VIEW CASE K3
Platform
MTR SERIES 30 WATT
Seam Seal
1.110 (28.19) 0.955 (24.26) 0.040 dia (1.02) 0.555 (14.1)
Dot on top of case indicates pin one
1
2
3
4
5
0.162 dia (4.11)
MTR Series Dual
10 9 8 7 6
0.155 (3.94) 0.000 - 0.230 (5.84) 0.000 0.245 (6.22) 0.645 (16.38) 1.045 (26.54) 1.445 (36.70) 1.845 (46.86) 0.400 max. (10.16) 0.25 0.03 (6.4 0.8) 2.320 (58.93) 0.000
Bathtub
Seam Seal
1.110 (28.19) 1.035 (26.30) 0.955 (24.26) 0.040 dia (1.02) 0.555 (14.1)
Dot on top of case indicates pin one
1
2
3
4
5
0.162 dia (4.11)
MTR Series Dual Alternate Case
10 9 8 7 6
0.155 (3.94) 0.075 (1.90) 0.000 0.645 (16.38) 1.045 (26.54) 1.445 (36.70) 2.090 (53.09) 2.150 (54.60) 0.400 max. (10.16) 0.20 (0.5) 0.000 0.25 0.03 (6.4 0.8) 0.230 (5.84) 0.060 (5.84) 0.000 0.245 (6.22) 1.845 (46.86) 2.320 (58.93)
FIGURE 40: CASE K3 CONTINUED BOTTOM VIEW CASE K5 Flanged cases: Designator "F" required in Case Option position of model number. MTR Series Dual: Screening - Standard or ES
Solder Seal
1.115 (28.32) 0.955 (24.26) 0.040 dia (1.02) 0.555 (14.1) 1 2 3 4 5 0.162 dia (4.11)
Squared corner and dot on top of case indicate pin one.
Solder Tip-off
10 0.155 (3.94) 0.000 - 0.230 (5.84) 0.245 (6.22) 0.645 (16.38) 1.045 (26.54) 1.445 (36.70) 1.845 (46.86) 0.417 max (10.59) 0.25 0.03 (6.4 0.8) 2.320 (58.93) 0.000 0.000 9 8 7 6
FIGURE 41: CASE K5
11
MTR SERIES 30 WATT
TEST PRE-CAP INSPECTION Method 2017, 2032
DC/DC CONVERTERS ENVIRONMENTAL SCREENING
STANDARD /ES /883 (Class H)* yes yes yes
TEMPERATURE CYCLE (10 times) Method 1010, Cond. C, -65C to 150C Method 1010, Cond. B, -55C to 125C CONSTANT ACCELERATION Method 2001, 3000 g Method 2001, 500 g BURN-IN Method 1015, 160 hours at 125C 96 hours at 125C case (typical) FINAL ELECTRICAL TEST MIL-PRF-38534, Group A Subgroups 1 through 6: -55C, +25C, +125C Subgroups 1 and 4: +25C case HERMETICITY TESTING Fine Leak, Method 1014, Cond. A Gross Leak, Method 1014, Cond. C Gross Leak, Dip (1 x 10-3) FINAL VISUAL INSPECTION Method 2009
no no
no yes
yes no
no no
no yes
yes no
no no
no yes
yes no
no yes
no yes
yes no
no no yes
yes yes no
yes yes no
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534. *883 products are built with element evaluated components and are 100% tested and guaranteed over the full military temperature range of -55C to +125C.
Contact Information: Interpoint Headquarters USA Phone: 1-800-822-8782 +425-882-3100 Email: power@intp.com
www.interpoint.com Interpoint UK Phone: +44-1252-815511 Email: poweruk@intp.com Interpoint France Phone: +33-134285455 Email: powerfr@intp.com
12
20821-001-DTS Rev F. This revision supercedes all previous releases. All technical information is believed to be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. MTR Series is a trademark of Interpoint. Copyright (c) 1994 - 2003 Interpoint Corporation. All rights reserved.


▲Up To Search▲   

 
Price & Availability of MTR283R3SF883

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X