Part Number Hot Search : 
1SS38 30KPA132 STM8S20 HA173 V800ME14 HA173 F050420 CY7C6
Product Description
Full Text Search
 

To Download MIL-STD-1553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MIL-STD-1553 data bus couplers
Developed for bench test applications Internal transformers per MIL-PRF-21038/27 s Available in 2, 3, 4 or 5 ports s 58.5 ohm non-inductive resistors s BJ-770 type connectors s Universal box
s s
APPLICABLE SPECIFICATIONS
MIL-STD-1553B s MIL-STD-202 s MIL-PRF -21038
s
SUMMARY PERFORMANCE SPECIFICATIONS Open circuit impedance...................................................................... > 3,000 ohms Droop.................................................................................... < 20% max (250 kHz) Overshoot and ringing.............................................................................. + 1V max Common mode rejection (CMR)................................................................. > 45 dB Frequency range (no load)............................................................. 75 kHz to 1MHz Operating temperature range.......................................................... -40oC to +85oC Part number............................................................. DBCL-X4002 (X = # of ports) Weight.............................................................................................. 180 grams max
TWO PEARL BUCK COURT
q
BRISTOL, PA 19007-6812 q TEL 215-781-6400 q
FAX 215-781-6403 q www.pulsespecialty.com
www..com
DIMENSIONS
SCHEMATIC
Notes: 1. All dimensions are in inches. 2. All specifications and dimensions are subject to change without notice.
CONFIGURATIONS Two Port Three Port
Four Port
Five Port
TWO PEARL BUCK COURT
q
BRISTOL, PA 19007-6812 q TEL 215-781-6400 q
FAX 215-781-6403 q www.pulsespecialty.com


▲Up To Search▲   

 
Price & Availability of MIL-STD-1553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X