Part Number Hot Search : 
D720102 00C10 ESD5Z33 1SS400CS A2025B D1028 BCR19607 19M12
Product Description
Full Text Search
 

To Download MBR12040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HS12035 - HS12045
G J B Std. Polarity Base is cathode Rev. Polarity Base is anode F D Dim. Inches Millimeter Minimum Maximum Minimum Maximum Notes A B C D E F G H J K L 1.52 .725 .605 1.182 .745 .152 .525 .156 .495 .120 38.61 1.56 18.42 .775 15.37 .625 30.02 1.192 18.92 .755 3.86 .160 1/4-20 UNC-2B 13.34 .580 3.96 .160 12.57 .505 3.05 .130 39.62 19.69 15.88 30.28 19.18 4.06 14.73 4.06 12.83 3.30
120 Amp Schottky Rectifier
K H E
C
Sq. Dia.
Dia.
A
L
Microsemi Catalog Number HS12035* HS12040*
Industry Part Number 120NQ035 124NQ035 MBR12035 120NQ040 124NQ040 MBR12040 120NQ045 124NQ045 MBR12045
Working Peak Reverse Voltage 35V 40V
Repetitive Peak Reverse Voltage 35V 40V Schottky Barrier Rectifier Guard Ring Protection 120 Amperes/45 Volts 150C Junction Temperature Reverse Energy Tested 35 - 45 Volts
HS12045*
45V
45V
v RRM
ROHS Compliant
* Add Suffix R for Reverse Polarity
Electrical Characteristics
I F(AV) 120 Amps TC = 100C, Square wave, R0JC = .40C/W Average forward current I FSM Maximum surge current 2000 Amps 8.3ms, half sine, T J = 125C I R(OV) 2 Amps Maximum repetitive reverse current f = 1 KHZ, 25C VFM I FM = 120A: T J = 125C* 0.49 Volts Max peak forward voltage VFM I FM = 120A: T J = 25C* 0.55 Volts Max peak forward voltage I RM VRRM, T J = 125C* 2A Max peak reverse current I RM VRRM, T J = 25C 5mA Max peak reverse current CJ VR = 5.0V, T C = 25C 5500pF Typical junction capacitance *Pulse test: Pulse width 300sec, Duty cycle 2%
Thermal and Mechanical Characteristics
Storage temp range Operating junction temp range Max thermal resistance Typical thermal resistance (greased) Terminal Torque Mounting Base Torque Weight T STG TJ R OJC R OCS -55C to 150C -55C to 150C 0.40C/W Junction to case 0.12C/W Case to sink 35-40 inch pounds 20-25 inch pounds 1.1 ounces (32 grams) typical
www.microsemi.com
January, 2011 - Rev. 5
HS12035 - HS12045
Figure 1 Typical Forward Characteristics 1000 800 600 Junction Capacitance - pF 400 Figure 3 Typical Junction Capacitance 100000 80000 40000 20000 10000 6000 4000 2000 1000 .1
200 125 C 25 C
100 80 60 40 Instantaneous Forward Current - Amperes
.2
.5
1
2
5
10
20
50
100
Reverse Voltage - Volts Figure 4 Forward Current Derating 150 140 130 120 110 100 90 80 0 90 40 120 80 180 120 DC 160 200
20
10 8.0 6.0 4.0
2.0
1.0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 Instantaneous Forward Voltage - Volts
Maximum Allowable Case Temperature - C Maximum Power Dissipation - Watts
Average Forward Current - Amperes
Figure 2 Typical Reverse Characteristics 10000 Typical Reverse Current -mAmperes 1000 100 10 75 C 1.0 25 C .1 0 10 20 30 40 50 Reverse Voltage - Volts 125 C
Figure 5 Maximum Forward Power Dissipation 105 90 75 60 45 30 15 0 0 20 40 60 80 100 120 140 160 180 200 Average Forward Current - Amperes 120 90 180 DC
www.microsemi.com
January, 2011 - Rev. 5


▲Up To Search▲   

 
Price & Availability of MBR12040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X