Part Number Hot Search : 
28F160 100H64 STM323 LA6565VR 2SA2044 SI3000 K1213 2SDXX
Product Description
Full Text Search
 

To Download MBR120100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CPT20080-CPT200100
A R G Baseplate A=Common Anode B Q N W Baseplate Common Cathode U C H V E Notes: Baseplate: Nickel plated copper Baseplate D=Doubler
Schottky PowerMod
Dim. Inches Min.
A B C E F G H N Q R U V W
Millimeters Min. Max. Notes
Max.
F U
--3.630 0.800 0.700 0.630 --0.130 0.120 0.510 0.490 1.375 BSC --0.010 ----0.275 0.290 3.150 BSC 0.600 --0.312 0.340 0.180 0.195
--92.20 17.78 20.32 --16.00 3.30 3.05 12.45 12.95 34.92 BSC --0.25 ----6.99 7.37 80.01 BSC 15.24 --7.92 8.64 4.57 4.95
1/4-20 Dia.
Dia.
Microsemi Catalog Number CPT20080* CPT20090* CPT200100*
Industry Part Number 203CNQ080 MBR12080CT MBR20080CT 203CNQ100 MBR120100CT MBR200100CT
Working Peak Repetitive Peak Reverse Voltage Reverse Voltage 80V 90V 100V 80V 90V 100V
Schottky Barrier Rectifier Guard Ring Protection 200 Amperes/ 80 to 100 Volts 175 C Junction Temperature Reverse Energy Tested ROHS Compliant
*Add Suffix A for Common Anode, D for Doubler
Electrical Characteristics
I F(AV) 200 Amps Average forward current per pkg I F(AV) 100 Amps Average forward current per leg I FSM 2000 Amps Maximum surge current per leg Maximum repetitive reverse current per leg I R(OV) 2 Amps VFM 0.98 Volts Max peak forward voltage per leg VFM .86 Volts Typical forward voltage per leg I RM 75 mA Max peak reverse current per leg I RM 4.0 mA Max peak reverse current per leg CJ 3000 pF Typical junction capacitance per leg TC = 135C, Square wave, R 0JC =0.20C/W TC = 135C, Square wave, R0JC =0.40C/W 8.3ms, half sine,T J = 175C f = 1 KHZ, 25C, 1sec square wave I FM = 200A: J = 25C* T I FM = 200A: J = 175C* T VRRM, TJ = 125C* VRRM, TJ = 25C VR = 5.0V,TC = 25C
*Pulse test: Pulse width 300sec, Duty cycle 2%
Thermal and Mechanical Characteristics
Storage temp range Operating junction temp range Max thermal resistance per leg Max thermal resistance per pkg Typical thermal resistance (greased) Terminal Torque Mounting Base Torque (outside holes) Mounting Base Torque (center hole) center hole must be torqued first Weight T STG TJ R OJC R OJC R OCS -55C to 175C -55C to 175C 0.40C/W Junction to case 0.20C/W Junction to case 0.08C/W Case to sink 35-50 inch pounds 30-40 inch pounds 8-10 inch pounds 2.8 ounces (75 grams) typical
www.microsemi.com
January, 2010 - Rev. 4
CPT20080-CPT200100
Figure 1 Typical Forward Characteristics - Per Leg 1000 800 600 Junction Capacitance - pF 400 Figure 3 Typical Junction Capacitance - Per Leg 10,000 6000 4000 2000 1000 600 400 200 100 0.1
200 175 C 25 C
100 80 60 40 Instantaneous Forward Current - Amperes
0.5
1.0
5.0
10
50
100
Reverse Voltage - Volts Figure 4
20
Maximum Allowable Case Temperature - C
Forward Current Derating - Per Leg 175 165 155 145 135 125 115 105 60 0 30 60 90 120 90 180 120 DC 150
10 8.0 6.0 4.0
2.0
1.0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 Instantaneous Forward Voltage - Volts
Average Forward Current - Amperes
Figure 2 Typical Reverse Characteristics - Per Leg 1000 Typical Reverse Current - mA 100 10 1.0 125 C 175 C Maximum Power Dissipation - Watts
Figure 5 Maximum Forward Power Dissipation - Per Leg 105 90 75 60 45 30 15 0 0 30 60 90 120 150 Average Forward Current - Amperes 60 120 90 180 DC
0.1 75 C .01 25 C 0 20 40 60 80 100
Reverse Voltage - Volts
www.microsemi.com
January, 2010 - Rev. 6


▲Up To Search▲   

 
Price & Availability of MBR120100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X