Part Number Hot Search : 
BSY53 98810 EA111 PS9005VG R15120 P0900EC AX1006 TC1427C
Product Description
Full Text Search
 

To Download M2001H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model M2001H
Vishay Sfernice
Adjustable Carbon Attenuators
FEATURES
* Model M2001H is for matching the characteristic impedance of coaxial antenna cables and is suitable for antenna amplifiers of up to 900MHz.
MECHANICAL SPECIFICATIONS
Casing: Plastic material, dust protected. Shielded Basket/Pins: Electroplated SN, 5. Mounting: Fish-plates. Adjustment: Insulated plastic shaft with screwdriver slot and .079 inch [2mm] hexagon. Terminals: Silver plated lugs, tinned pins. Nominal angle of rotation: 3 (+ 3.0 - 0.5) revolutions. 6 revolutions on request. Operating torque: .56 to 1.96 oz. in. End stop torque: 4.97 oz. in. (7 Ncm). Fixed stop at 3 revolutions. 6 revolutions, clutch mechanism, no end stop. Weight: .13 to .14 oz.
STANDARD ELECTRICAL SPECIFICATIONS
Resistive Element Wiper Contact Impedance Power Rating Nominal Attenuation and Tolerance Adjustable Minimum Attenuation Variation in Attenuation Due to Frequency up to 300MHz over 300 to 900MHZ Reflexion Attenuation up to 300MHz up to 900MHz Temperature Limits Carbon on laminated paper Metal 75 ohms, 50 ohms (60 ohms on request) .25 watt 20dB (+ 5 - 2dB), 10dB (+ 2 - 2dB), 6dB on request 0.5dB
MATERIAL SPECIFICATIONS
Cover: Makrolon 94V2. Shaft: Durethan 94V0. Case: Hostaform 94HB.
0.25dB 1dB .5 to 20dB attenuation 20dB 15dB - 25C to + 70C
NOTE: Typical curves for transmission and return loss available.
DIMENSIONAL CONFIGURATIONS [Numbers in brackets indicate millimeters]
M2001HP1 Side View
.354 [9.0] .031 [0.8] .138 [3.5] .299 [7.6] .047 [1.2] .157 [4.0] .138 [3.5] .748 [19.0] .413 [10.5] .20 [5.0] .157 [4.0] .031 x .01 [0.8 x 0.25] .984 [25.0]
End View (All Versions)
Top View
Electrical Circuit
R1 R1
.433 [11.0] Slotted Plastic Shaft .098 [2.5]
.787 [20.0] ? at Base R2 Flexible Leads
O .236 [6.0]
www.vishay.com 82
Document Number 32025 Revision 25-Apr-00
Model M2001H
Vishay Sfernice
DIMENSIONAL CONFIGURATIONS [Numbers in brackets indicate millimeters]
M2001HP2 Side View
.047 [1.2] .394 [10.0] .138 [3.5] .768 [19.5] .051 [1.3] .413 [10.5]
PCB Footprint
.591 [15.0]
.413 [10.5]
.031 [0.8]
.374 .020 [9.5 0.5]
Top View
.433 [11.0] O .236 [6.0] Slotted Plastic Shaft
Electrical Circuit
R1 R1
R2
M2001HS2 Side View
.020 [0.5] .031 [0.8] .047 [1.2] .354 [9.0] .827 [21.0] .138 [3.5] .043 .004 [1.1 0.1] 0.2 [5.0]
PCB Footprint
.051 .004 [1.3 0.1]
.394 [10.0] 0.2 [5.0]
Top View
Electrical Circuit
R1 R1
.449 [11.4] O .236 [6.0] Max. R2 Slotted Plastic Shaft
M2001HP3 Side View
.047 [1.2] .197 [5.0] .213 .008 [5.4 0.2] .024 [0.6] .138 .008 [3.5 0.2] .748 [19.0] .224 [5.7] .354 [9.0] .394 [10.0] .051 .004 [1.3 0.1]
PCB Footprint
.591 [15.0]
.413 [10.5]
Top View
.433 [11.0]
Electrical Circuit
R1 R1
O .236 [6.0]
Slotted Plastic Shaft
R2
Document Number 32025 Revision 25-Apr-00
www.vishay.com 83
Model M2001H
Vishay Sfernice
PACKAGING
M2001HP1, M2001HS2: 250 pieces in bulk. M2001HP2, M2001HP3: 100 pieces in plastic insert.
HOW TO ORDER
M2001H MODEL M2001H S2 STYLE P1, P2 P3, S2 -- 75R VALUE (ohms) 75R 50R -- 20dB DECIBELS 10dB 20dB
www.vishay.com 84
Document Number 32025 Revision 25-Apr-00


▲Up To Search▲   

 
Price & Availability of M2001H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X