Part Number Hot Search : 
15665734 D74LVC HT9312BL DB137 F9Z34 JAPANESE E4001T SMBTA06U
Product Description
Full Text Search
 

To Download K3N6VU1000E-GCTCYC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K3N6V(U)1000E-TC
32M-Bit (4Mx8 /2Mx16) CMOS MASK ROM
FEATURES
* Switchable organization 4,194,304x8(byte mode) 2,097,152x16(word mode) * Fast access time 3.3V Operation : 100ns(Max.)@CL=50pF, 120ns(Max.)@CL=100pF 3.0V Operation : 120ns(Max.)@CL=100pF * Supply voltage : single +3.0V/ single +3.3V * Current consumption Operating : 40mA(Max.) Standby : 30A(Max.) * Fully static operation * All inputs and outputs TTL compatible * Three state outputs * Package -. K3N6V(U)1000E-TC : 44-TSOP2-400
CMOS MASK ROM
GENERAL DESCRIPTION
The K3N6V(U)1000E-TC is a fully static mask programmable ROM fabricated using silicon gate CMOS process technology, and is organized either as 4,194,304x8 bit(byte mode) or as 2,097,152x16 bit(word mode) depending on BHE voltage level.(See mode selection table) This device operates with 3.0V or 3.3V power supply, and all inputs and outputs are TTL compatible. Because of its asynchronous operation, it re quires no external clock assuring extremely easy operation. It is suitable for use in program memory of microprocessor, and data memory, character generator. The K3N6V(U)1000E-TC is packaged in a 44-TSOP2.
FUNCTIONAL BLOCK DIAGRAM
A20 . . . . . . . . A0 A-1 ... CE OE BHE CONTROL LOGIC Q0/Q8 Q7/Q15 X BUFFERS AND DECODER MEMORY CELL MATRIX (2,097,152x16/ 4,194,304x8)
PIN CONFIGURATION
N.C A18 A17 A7 A6 A5 A4 1 2 3 4 5 6 7 8 9 11 44 A20 43 A19 42 A8 41 A9 40 A10 39 A11 38 A12 37 A13 36 A14 35 A15
Y BUFFERS AND DECODER
SENSE AMP. BUFFERS
A3 A2 A0
A1 10
TSOP2
34 A16 33 BHE 32 VSS 31 Q15/A-1 30 Q7 29 Q14 28 Q6 27 Q13 26 Q5 25 Q12 24 Q4 23 VCC
CE 12 VSS 13 OE 14 Q0 Q1 Q9 Q2 Q10 15 17 18 19 20 Q8 16
Q3 21 Q11 22
Pin Name A0 - A20 Q0 - Q14 Q15 /A-1 BHE CE OE VCC VSS N.C
Pin Function Address Inputs Data Outputs Output 15(Word mode)/ LSB Address(Byte mode) Word/Byte selection Chip Enable Output Enable Power Ground No Connection
K3N6V(U)1000E-TC
K3N6V(U)1000E-TC
ABSOLUTE MAXIMUM RATINGS
Item Voltage on Any Pin Relative to VSS Temperature Under Bias Storage Temperature Symbol VIN TBIAS TSTG Rating -0.3 to +4.5 -10 to +85 -55 to +150
CMOS MASK ROM
Unit V C C Remark -
NOTE : Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS(Voltage reference to VSS)
Item Supply Voltage Supply Voltage Symbol VCC VSS Min 2.7/3.0 0 Typ 3.0/3.3 0 Max 3.3/3.6 0 Unit V V
DC CHARACTERISTICS
Parameter Operating Current Standby Current(TTL) Standby Current(CMOS) Input Leakage Current Output Leakage Current Input High Voltage, All Inputs Input Low Voltage, All Inputs Output High Voltage Level Output Low Voltage Level Symbol ICC ISB1 ISB2 ILI ILO VIH VIL VOH VOL IOH=-400A IOL=2.1mA Test Conditions Cycle=5MHz, all outputs open, CE=OE=VIL, VCC=3.3V0.3V VIN=0.45V to 2.4V (AC Test Condition) VCC=3.0V0.3V CE=VIH, all outputs open CE=VCC, all outputs open VIN=0 to VCC VOUT=0 to VCC 2.0 -0.3 2.4 Min Max 40 35 500 30 10 10 VCC+0.3 0.6 0.4 Unit mA mA A A A A V V V V
NOTE : Minimum DC Voltage(VIL) is -0.3V an input pins. During transitions, this level may undershoot to -2.0V for periods <20ns. Maximum DC voltage on input pins(VIH) is VCC+0.3V which, during transitions, may overshoot to VCC+2.0V for periods <20ns.
MODE SELECTION
CE H L L OE X H L BHE X X H L Q15/A-1 X X Output Input Mode Standby Operating Operating Operating Data High-Z High-Z Q0~Q15 : Dout Q0~Q7 : Dout Q8~Q14 : High-Z Power Standby Active Active Active
CAPACITANCE(TA=25C, f=1.0MHz)
Item Output Capacitance Input Capacitance Symbol COUT CIN Test Conditions VOUT=0V VIN=0V Min Max 12 12 Unit pF pF
NOTE : Capacitance is periodically sampled and not 100% tested.
K3N6V(U)1000E-TC
TEST CONDITIONS
Item Input Pulse Levels Input Rise and Fall Times Input and Output timing Levels Output Loads Value
CMOS MASK ROM
AC CHARACTERISTICS(TA=0C to +70C, VCC=3.3V/3.0V0.3V, unless otherwise noted.)
0.45V to 2.4V 10ns 1.5V 1 TTL Gate and CL=50pF or 100pF
READ CYCLE
Item Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time Output or Chip Disable to Output High-Z Output Hold from Address Change Symbol tRC tACE tAA tOE tDF tOH 0 K3N6V1000E-TC10 (CL=50pF) Min 100 100 100 50 20 0 Max K3N6V1000E-TC12 (CL=100pF) Min 120 120 120 60 20 0 Max K3N6U1000E-TC12 (CL=100pF) Min 120 120 120 60 20 Max ns ns ns ns ns ns Unit
TIMING DIAGRAM
READ
ADD A0~A20 A-1(*1) tACE CE tOE OE tOH DOUT D0~D7 D8~D15(*2) VALID DATA VALID DATA tAA
ADD1 tRC
ADD2 tDF(*3)
NOTES : *1. Byte Mode only. A-1 is Least Significant Bit Address.(BHE=VIL) *2. Word Mode only.(BHE=VIH) *3. tDF is defined as the time at which the outputs achieve the open circuit condition and is not referenced to VOH or VOL level.


▲Up To Search▲   

 
Price & Availability of K3N6VU1000E-GCTCYC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X