![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
w w ta Features a D . * Output Current in Excess of 100mA w * Output Adjustable Between 1.2 V and * * * * * * 100mA ADJUSTABLE OUTPUT, ee POSITIVE VOLTAGE REGULATOR IC Sh PIN CONNECTIONS TO-92 SOT-89 4U t om .c TECHNICAL DATA IL317L 37 V Internal Shot Circuit Current Limiting Internal Thermal Overload Protection Output Transistor Safe-Area Compensation Floating Operation for High Voltage Applications Standard 3-Lead Transistor Package Eliminates Stocking Many Fixed Voltages 1. INPUT 2. OUTPUT 3. ADJUST ABSOLUTE MAXIMUM RATINGS Input - Output Voltage Differential Operating Junction Temperature Range w w w t a .D S a e h U t4 e .c m o ADJUST OUTPUT INPUT 40 V -10C to +125C from power supply filter. **Co is not needed for stability, however, it does improve transient response. Vout = 1.25 V (1+R2/R1) + IAdjR2 Since IAdj is controlled to less than 100A, the error associated with this term is negligible in most applications. w w w .D a aS t ee h 4U t om .c 1 IL317L ELECTRICAL CHARACTERISTICS DIE ON WAFER (VI - Vo = 3.0V, IO = 40mA, TA=25C, unless otherwise noted, Imax and Pmax (Note 1) CHARACTERISTIC Reference Voltage (TA= -10C to +125C) Line Regulation (Note 2) Line Regulation (TA= -10C to +125C), (Note 2) . Load Regulation, (Note 2) Load Regulation (TA= -10C to +125C), (Note 2) Adjustment Pin Current Adjustment Pin Current Change Maximum Output Current Minimum Load Current to Maintain Regulation VO=1.2V, f=120Hz Ripple Rejection Symbol VO VOV VOV VOI VOI IAdj IAdj IO MAX IL MIN RR TEST CONDITION 3.0V VI-Vo 40V 10mA Io Imax, PD Pmax 3.0V VI-Vo 40V, Io=10mA 3.0V VI-Vo 40V, Io=10mA 10mA Io Imax, VO = 5.0V 10mA Io Imax, VO = 5.0V 10 3.0V VI-Vo 40V 10mA Io Imax, PD Pmax VI-VO =3.0V, PD Pmax VI-VO = 40V, PD Pmax VI-Vo 40V Vo = 1.2V, f= 120Hz Min 1.2 Max 1.3 160 180 6.0 10 100 5.0 0.3 0.15 10 Unit V mV mV mV mV A A A mA dB 0.1 0.025 66 Notes: 1. Imax=100mA, Pmax=625mW; 2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Fig.1 Test Circuit for Vo>1.25V i=0,1F, o=1,0 F. Vo=1,25(1+R2/R1)IADJ R2 Fig.2 Test Circuit for Vo=1.25V i=0,1F, o=1,0 F. 2 IL317L 3 IL317L 4 |
Price & Availability of IL317L
![]() |