|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TECHNICAL DATA High Performance Voltage Comparators IL311 LOGIC DIAGRAM Input polarity is reversed when GND pin is used as an output. MAXIMUM RATINGS Symbol VCC + VEE VO - VEE VEE VID VIN PD 1/JA TJ(max) Tstg Total Supply Voltage Output to Negative Supply Voltage w w Ground to Negative Supply Voltage Input Differential Voltage Input Voltage (Note) Power Dissipation and Thermal Characteristics Plastic Dual In-Line Packages Derate above TA =+25C Operating Junction Temperature Storage Temperature Range w t a .D S a e h U t4 e 36 40 30 ORDERING INFORMATION IL311N Plastic IL311D SOIC TA = -45C to 85C for all packages .c m o PIN ASSIGNMENT Parameter Value Unit V V V V V V mW mW/C C C 30 15 VCC to VCC - 5 625 5.0 +150 -60 to +150 Voltage at Strobe Pin Note: This rating applies for 15 volt supplies. The positive input voltage limit is 30 volts above the negative supply. The negative input voltage limit is equal to the negative supply voltage or 30 volts below the positive supply, whichever is less. w w w .D at a he S 1 4 et U o .c m IL311 RECOMMENDED OPERATING CONDITIONS Symbol VCC + VEE TA Total Supply Voltage Operating Temperature, All Package Types - 45 Parameter Min Max 30 +85 Unit V C ELECTRICAL CHARACTERISTICS (VCC=+15 V, VEE= -15 V, TA =+25C unless otherwise noted [Note 1]) Symbol VIO IIO IIB Parameter Input Offset Voltage (Note 2) Input Offset Current (Note 2) Input Bias Current Test Conditions RS 50 k, TA = +25C RS 50 k, -45C TA 85C TA = +25C -45C TA 85C TA = +25C TA = -45C TA = +85C 150000 300 TA = +25C VID -10 mV, IO=50 mA -14.5 1.5 13.0 +7.5 -5.0 ns V V mA mA Guaranteed Limits Min Max 7.5 10 50 100 250 375 500 mV nA nA Unit AV tDLH VDS VIR ICC IEE Voltage Gain Propagation Delay Time Saturation Voltage Input Voltage Range Positive Supply Current Negative Supply Current NOTES: 1. Offset voltage, offset current and bias current specifications apply for a supply voltage range from a single 5.0 volt supply up to 15 volt supplies. 2. The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with a 1.0 mA load. Thus, these parameters define an error band and take into account the "worst case" effects of voltage gain and input impedance. 2 IL311 N SUFFIX PLASTIC DIP (MS - 001BA) A 8 5 B 1 4 Dimension, mm Symbol A B MIN 8.51 6.1 MAX 10.16 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78 F L C D C -T- SEATING PLANE F G M H J N G D 0.25 (0.010) M T K H J K L M N NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side. D SUFFIX SOIC (MS - 012AA) Dimension, mm 5 A 8 Symbol A B P MIN 4.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25 MAX 5 4 1.75 0.51 1.27 H B C 1 G 4 C R x 45 D F -TD 0.25 (0.010) M T C M K SEATING PLANE G J F M H J K M P R 8 0.25 0.25 6.2 0.5 NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side. 3 |
Price & Availability of IL311 |