Part Number Hot Search : 
HV506PG BLF30 IRF3805 28C64 D30N03 LC230WX3 TC74VH BR300
Product Description
Full Text Search
 

To Download HG4124048-2H1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature PCB Power Relay
HG4124
TYPICAL APPLICATIONS Home appliances Office machine Vending machine Air conditioner, refrigerator
FEATURES 5A to 10A contact capacity 1 Form A to 2 Form C contact forms for choice 5 KV dielectric strength between coil and contacts Sealed and dust cover version available UL, CUR approved CONTACT RATING
Form Rated Load Max. Switching Current Max. Switching Voltage Max. Switching Power 1 Form A (1H) 1 Form C (1Z) 10A, 220VAC/30VDC; TV-5 10A 250VAC/30VDC 2200VA/300W 2 Form A (2H) 2 Form C (2Z) 5A, 250VAC/30VDC 10A 250VAC/30VDC 1100VA/150W
UL /CUR RATING
Form General Purpose Resistive TV Motor 1 Form A (1H) 1 Form C (1Z) 10A, 277VAC (NO) 10A, 30VDC 5A, 120VAC (NO) 1/3 HP, 250VAC 1/4 HP, 125VAC (NO) 2 Form A (2H) 2 Form C (2Z) 10A, 250VAC/30VDC 8A, 30VDC 3A, 125VDC
CONTACT DATA
Material Initial Contact Resistance Mechanical Service Life Electrical AgCdO 50 m max. at 1A, 6VDC 107 ops. 105 ops.
COIL DATA
Coil Voltage Code 003 005 006 009 012 018 024 048 060 Nominal Voltage (VDC) 3 5 6 9 12 18 24 48 60 Resistance () 10% Power Consumption 17 47 68 160 0.55W 275 650 1100* 4170* 7000* Must Operate Voltage max. (VDC) 2.25 3.75 4.50 6.75 9.00 13.50 18.00 36.00 45.00 Must Release Voltage min. (VDC) 0.3 0.5 0.6 0.9 1.2 1.8 2.4 4.8 6.0
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Ambient Temperature Weight 15 ms. max. 5 ms. max. 1000 M, at 500 VDC, 50%RH 5000 Vrms, 1 min. between coil and contacts 1000 Vrms, 1 min. between open contacts 3000 Vrms, 1 min. between poles 10 g, 11ms. functional; 100g, destructive DA 1.5mm, 10 - 55 Hz -40C to 70C 18 g, approx.
ORDERING DESIGNATION
Example: Model Coil Voltage Code Contact Form 1H: 1 Form A; 1Z: 1 Form C 2H: 2 Form A; 2Z: 2 Form C Version 1: 1Sealed, 2: Dust Cover Mounting Version Nil: PCB; Q: Top Flange* * Available for 1 Form A, 1 Form C only HG4124 / 012 1Z 2 Q
HG4124
1/2
REFERENCE CURVES
HG4124
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagrams (Bottom View)
NOTES
1. 2. 3. 4. All parameters, unless otherwise specified, are measured at ambient temperature 23C. Coil resistance with * mark is 15%. Custom-made services available with operational quantity. Please let us know your special requirements. Specifications subject to change without prior notice.
HG4124
2/2


▲Up To Search▲   

 
Price & Availability of HG4124048-2H1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X