Part Number Hot Search : 
ST323 KGF1322S 13900 1SS400G 82000 K2412 RK3026 6245T
Product Description
Full Text Search
 

To Download G4W-1112P-US-TV8-HP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Relay
s
G4W
s
s s s
Impulse withstand voltage of 10,000V between input and output (coil and contact) Creepage distance of 10 mm (0.39 in) minimum between coil and contact meets VDE C/250 Dielectric strength of 4,000 VAC minimum conforms to UL, CSA and IEC Class II International 2.5 mm (0.10 in) terminal pitch Low power consumption (0.8W)
DVE
Ordering Information
To Order: Select the part number and add the desired coil voltage rating (e.g., G4W-1112P-US-TV8-HP-DC12). Type PCB Contact form SPST-NO DPST-NO SPST-NO DPST-NO SPST-NO DPST-NO SPST-NO DPST-NO Construction Unsealed Sealed Upper mounting bracket Upper mounting bracket Part number G4W-1112P-US-TV8-HP G4W-2212P-US-TV5-HP G4W-1114P-US-TV8-HP G4W-2214P-US-HP G4W-11123A-US-TV8-HP G4W-22123A-US-TV5-HP G4W-11123T-US-TV8-HP G4W-22123T-US-TV5-HP
Solder Quick connect
Specifications
s CONTACT DATA
Type Load Rated load Contact material Carry current Max. operating voltage Max. operating current Max. switching capacity Min. permissible load SPST-NO Resistive (p.f. = 1) 15 A at 250 VAC, 24 VDC AgCdO 15 A 250 VAC, 125 VDC 15 A 3,750 VA 500 mA, 5 VDC Inductive (p.f. = 0.4) 10 A at 250 VAC, 24 VDC DPST-NO Resistive (p.f. = 1) 15 A at 250 VAC, 24 VDC Inductive (p.f. = 0.4) 7.5 A at 250 VAC, 24 VDC
2,500 VA
3,750 VA
1,875 VA
G4W
s COIL DATA
Rated voltage (VDC) 12 18 24 100 Rated current (mA) 66.70 44.40 33.30 8 Coil resistance () 180 405 720 12,500 Coil inductance (Ref. value) (H) Armature OFF 0.93 1.90 3.70 61.80 Armature ON 1.65 3.30 6.40 106 Pick-up voltage Dropout voltage Maximum voltage
G4W
% of rated voltage 80% max. 10% min.
Power consumption (mW)
110% max. Approx. 800
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23C (73F) with a tolerance of 10%. 2. The operating characteristics are measured at a coil temperature of 23C (73F).
s CHARACTERISTICS
Contact resistance Operate time Release time Bounce time Operating frequency Insulation resistance Dielectric strength 30 m 20 ms max. (mean value: approx. 13 ms) 5 ms max. (mean value: approx. 2.50 ms) Operate: approx. 0.40 ms 18,000 operations/hour 1,800 operations/hour (under rated load) 100 M min. (at 500 VDC) 4,000 VAC, 50/60 Hz for 1 minute between coil and contacts 2,000 VAC, 50/60 Hz for 1 minute between contacts of different poles 1,500 VAC, 50/60 Hz for 1 minute between contacts of same pole 10,000 VAC, 1.20 x 50s (between coil and contacts) 10 to 55 Hz, 1.50 mm (0.06 in) double amplitude range 10 to 55 Hz, 1.50 mm (0.06 in) double amplitude range 1,000 m/s2 (approx. 100 G) 150 m/s2 (approx. 15 G) -25 to 55C (-13 to 131F) -25 to 55C (-13 to 131F) 35% to 85% RH 5,000,000 operations min. (at operating frequency of 18,000 operations/hour) See "Characteristic Data" 29 g (1.02 oz)
Mechanical Electrical
Impulse dielectric strength Vibration Mechanical durability Malfunction durability Shock Mechanical durability Malfunction durability Ambient temperature Operating Storage Humidity Service life Mechanical Electrical Weight Note: Data shown are of initial value.
s CHARACTERISTIC DATA
Maximum switching capacity SPST-NO, DPST-NO Electrical service life SPST-NO, DPST-NO
Service life (x103 operations)
Rated operating current (A)
Rated operating voltage (V)
Rated operating current (A)
2
G4W
G4W
Dimensions
Unit: mm (inch)
s RELAYS
G4W-s s 12P-US-TVs -s s s ss G4W-1112P-US-TV8-HP G4W-1114P-US-TV8-HP Mounting holes (Bottom view) G4W-2212P-US-TV5-HP G4W-2214P-US-HP Mounting holes (Bottom view)
Terminal layout/Internal connections (Bottom view)
Terminal layout/Internal connections (Bottom view)
G4W-s s 123A-US-TVs -HP s s
G4W-11123A-US-TV8-HP
G4W-22123A-US-TV5-HP
G4W-s s 123T-US-TVs -HP s s
G4W-11123T-US-TV8-HP
G4W-22123T-US-TV5-HP
3
G4W
s APPROVALS
UL (File No. E41643) Type G4W-1112P-US-TV8-HP G4W-11123A-US-TV8-HP G4W-11123T-US-TV8-HP G4W-1114P-US-TV8-HP Contact form SPST-NO Coil ratings 6 to 120 VDC Contact ratings 15 A, 250 VAC (General use) 15 A, 24 VDC TV-8 1/2 HP, 125 VAC 1 HP, 250 VAC 3/4 HP, 240 VAC 15 A, 250 VAC (General use) 10 A, 250 VAC (General use) 15 A, 24 VDC TV-5 1/4 HP, 125 VAC 1/2 HP, 250 VAC 1/3 HP, 125 VAC 1/3 HP, 250 VAC
G4W
G4W-2212P-US-TV5-HP G4W-22123A-US-TV5-HP G4W-22123T-US-TV5-HP G4W-2214P-US-HP
DPST-NO
6 to 120 VDC
CSA (File No. LR31928) Type G4W-1112P-US-TV8-HP G4W-11123A-US-TV8-HP G4W-11123T-US-TV8-HP G4W-1114P-US-TV8-HP Contact form SPST-NO Coil ratings 6 to 120 VDC Contact ratings 15 A, 150 VAC (General use) 15 A, 24 VDC TV-8 1/2 HP, 125 VAC 3/4 HP, 240 VAC 1 HP, 250 VAC 15 A, 250 VAC (General use) - same polarity 10 A, 250 VAC (General use) 15 A, 24 VDC TV-5 1/4 HP, 125 VAC 1/2 HP, 250 VAC 1/3 HP, 125 /250 VAC
G4W-2212P-US-TV5-HP G4W-22123A-US-TV5-HP G4W-22123T-US-TV5-HP G4W-2214P-US-HP
DPST-NO
6 to 120 VDC
Note: 1. The rated values approved by each of the safety standards (e.g., UL and CSA) may be different from the performance characteristics individually defined in this catalog. 2. For details on VDE, SEMKO, TUV and SEV approvals, contact the product specialist. 3. In the interest of product improvement, specifications are subject to change.
OMRON ELECTRONICS, INC.
One East Commerce Drive Schaumburg, IL 60173
OMRON CANADA, INC.
885 Milner Avenue Scarborough, Ontario M1B 5V8
1-800-55-OMRON
Cat. No. GC RLY6 4 9/97 Specifications subject to change without notice.
416-286-6465
Printed in the U.S.A.


▲Up To Search▲   

 
Price & Availability of G4W-1112P-US-TV8-HP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X