Part Number Hot Search : 
BR356W CDRH5D GP2A18F SDR0603 CXG1040T GT125 V48A24E DPT743H
Product Description
Full Text Search
 

To Download EV200HABNA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 12-900Vdc
KILOVAC EV200 - 200/250 Amps ("Czonka III")
Make & Break Load Switching
(R)
Features: * Low Cost - lowest price sealed relay in the industry with its contact rating * Highest contact rating for its size - 200/ 250 A carry, 2,000 A interrupt at 320 Vdc. * Optional Auxillary Contact - Easy monitoring of power contact position * Built-In Coil Economizer - Only 1.7 W hold power @ 12 Vdc making it ideal for battery powered systems. Models are available requiring external coil economizer for large volume applications * US and Canadian UL Recognized - UL File No. E208033 * CE Marked for EC Applications * AIAG QS9000, Design, Built & Approved * Hermetically Sealed - Intrinsically safe, operates in explosive & harsh environments Features: like salt, moisture, dust with no oxidation or contamination of coils or contacts providing stable contact resistance over years of use, including long periods of non-operation * Small & Lightweight - smallest sealed relay in the industry with its current rating * No Coil Back EMF - Built-in coil economizer limits back EMF to zero volts * Versatile Coil Connection - Flying leads or optional connectors * Multiple use Applications - Ideal for battery switching & back-up, DC voltage power control, circuit protection and safety
Part Number
PRODUCT SPECIFICATIONS Units
Aux. Contacts ...........................................
EV200
SPST-NO SPST-NO A 200
Contact Arrangement : Power Contacts ........................................ Contact Form ................................................................................. Carry Current, Continuous, Max @ 85oC, 1/0 cable 100 Seconds ........................................................................... 10 Seconds ........................................................................... Carry Current, Continuous, Max @ 50oC, 1/0 cable 300 Seconds ........................................................................... 100 Seconds ........................................................................... 10 Seconds ............................................................................ Starter Application (up to 10 repeats with 10 sec. off between) Inrush, 250 ms ........................................................................ Cranking, 10 sec ...................................................................... Make & Break Current (various voltages) Break Current @ 320 Vdc
1/ 1/ ............................................................
EV200 COIL DATA
Voltage (will operate) Voltage (max.) Pickup (close), max. Hold, Min. Dropout (open), min. Inrush, max. Holding, avg. Inrush Time, max.
3/ 3/
A A A A A A A A A A A A A cycles cycles mohms mohms ms ms ms Mohms Vrms G's peak G's
o
325 500
9 to 36 36 9.0 7.5 6.0 3.8 .13@12V, .07@24V 130
32 to 95 95 32 22 18 1.3 .03@48V 130
48 to 95 95 48 34 27 .7 .02@72V 130
Vdc Vdc Vdc Vdc Vdc A A ms
250 275 400 600 2,000 500 see back sheet 2,000, 1 cyc 4 / 2/3 .417/.150 see back sheet 1 million .4 .1 - .3 15 7 12 100 20 20 -40 to +85 .95 (.43)
2/
.......................................................................................................
PART NUMBER SELECTION
Sample Part No. EV200 A A AN Model EV200 Form A = Normally Open H = Normally Open with Aux. Coil Voltage A = 9 to 36 (1 = requires external coil economizer) D = 32 to 95 (2 = requires external coil economizer) J = 48 to 95 (3 = requires external coil economizer) Coil Wire Length A = 390 mm (15.3") B = 152 mm (6.0") Coil Terminal Connector N = No Connector B = Yazaki 7282-5558-10 male, 7114-4102-02, 7158-3030-50 +red is pin 2 (B length only) C = Molex Mini-fit Jr, 2 Ckt, Female 18-24, P/N 39-01-2020 & 39-00-0060 +red is pin 1 (A length only) Mounting & Power Terminals A = Bottom Mount & Male 10mm x 8 Terminals
A
Aux. Contact Current, max @ 30 Vdc/125 Vac .............................. (no lower than 8V @ 100mA) Aux. Contact Resistance, max. 30 Vdc/125 Vac ............................ Load Life ....................................................................................... Mechancial Life ............................................................................. Contact Resistance, Max. (@200A) ............................................... Contact Resistance, Typ. (@200A) ................................................ Operate Time, 25o C ....................................................................... Close (includes bounce) Typ. .................................................. Bounce (after close only), Max. ............................................... Release Time (includes arcing), Max. @ 2,000A ..................... Insulation Resistance @ 500 Vdc, Min. ........................................ Dielectric at Sea Level (leakage < 1mA) ........................................ Shock, 11 ms 1/2 Sine (peak), operating ...................................... Vibration, Sinusoidal (80-2000 Hz, peak) ..................................... Operating Ambient Temperature Range ........................................ Weight, Nominal ...........................................................................
1/ 2/ 3/ 4/
2,200
C
pound (kg)
Main Power Contacts 50 at end of life Estimated Does not meet dielectric & IR after test, 1,700 amp for unit with Aux. Contacts
CII Technologies / P.O. Box 4422 / Santa Barbara, CA 93140 / ph 805.684.4560 / fax 805.684.9679 / e-mail info@kilovac.com / website www.ciitech.com
Rev. 9/2001 10
12-900Vdc
Features:
Estimated Make & Break Power Switching Ratings
10 0 ,00 0
C o n tin u ou s cu rr e nt ca rr y r e gio n
200A
N o n c on tin u ou s cu rr e nt ca rr y r e gio n
1 0,00 0
60
2 8 Vd c
180 0V dc
27 0V dc
0V dc
1,00 0
900
L ife C yc le s
Vd c
40 0V dc
120 Vd c
10 0
10
Features:
1
N O TE S : 1) F O R R E S IS T IV E L O A D S W IT H 30 0 uH M A XIM U M IN D U C T A N C E 2) ES T IM A T E S BA S E D O N E X T R A P O L A T E D D AT A . U S ER IS E N C O U R A G E D T O V E R I F Y R A T IN G IN AC T U A L A PP L IC A T I O N 3) EN D O F L IF E W H EN D IE L E C T R IC ST R E N G T H BE T W E E N T E R M IN A L S F A LL S B E L O W 5 0 M @ 5 0 0 VD C 4) T H E M A X IM U M C O N T A C T M A K E AN D B R E A K P O W E R IS E S T I M A T E D A T 20 8 K W . B R E A K O N L Y A B O V E 2 0 8K W T O A V O ID C O N T A C T W E LD IN G
1
10
10 0
1,00 0
1 0,00 0
C u rr en t (A )
Electrical Load Life Ratings for Typical EV Applications
Make/Break Life Capacitive & Resistive Loads at 320 Vdc 1 / 2 / @90% capacitive pre-charge (make only) see chart below @80% capacitive pre-charge (make only) see chart below @200 A make/break (2 consecutive, reverse polarity) 1 / 2,000 A - break only (1,700 A for Aux. Contact Model) 1 / Mechanical Life
1 / Resistive load includes inductance L = 25 uH. Load @ 2500 A tested @ 200 uH. 2 / Life based on projected Weibull Life with 95% Reliability * Does not meet dielectric & IR after test.
Cycles Cycles Cycles Cycles Cycles
50,000 50 12 1* 1,000,000
EV200 Capacitive Make Test Curves for Pre-Charged Motor Controller
700 650
Amps
600 550 500 450 400 350 300 250 200 150 100 50 0 0 .0 0 .5 1 .0 1 .5
80% Minimum Pre Charge
90% Nominal Pre Charge
mS
2 .0
Rev. 9/2001 11
CII Technologies / P.O. Box 4422 / Santa Barbara, CA 93140 / ph 805.684.4560 / fax 805.684.9679 / e-mail info@kilovac.com / website www.ciitech.com


▲Up To Search▲   

 
Price & Availability of EV200HABNA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X